Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1192 Datasheet(PDF) 24 Page - Maxim Integrated Products

Part # MAX1192
Description  Ultra-Low-Power, 22Msps, Dual 8-Bit ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1192 Datasheet(HTML) 24 Page - Maxim Integrated Products

Back Button MAX1192 Datasheet HTML 20Page - Maxim Integrated Products MAX1192 Datasheet HTML 21Page - Maxim Integrated Products MAX1192 Datasheet HTML 22Page - Maxim Integrated Products MAX1192 Datasheet HTML 23Page - Maxim Integrated Products MAX1192 Datasheet HTML 24Page - Maxim Integrated Products MAX1192 Datasheet HTML 25Page - Maxim Integrated Products MAX1192 Datasheet HTML 26Page - Maxim Integrated Products MAX1192 Datasheet HTML 27Page - Maxim Integrated Products MAX1192 Datasheet HTML 28Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
Ultra-Low-Power, 22Msps, Dual 8-Bit ADC
24
______________________________________________________________________________________
Typical QAM Demodulation Application
Quadrature amplitude modulation (QAM) is frequently
used in digital communications. Typically found in
spread-spectrum-based systems, a QAM signal repre-
sents a carrier frequency modulated in both amplitude
and phase. At the transmitter, modulating the baseband
signal with quadrature outputs, a local oscillator fol-
lowed by subsequent upconversion can generate the
QAM signal. The result is an in-phase (I) and a quadra-
ture (Q) carrier component, where the Q component is
90
° phase shifted with respect to the in-phase compo-
nent. At the receiver, the QAM signal is demodulated
into analog I and Q components. Figure 12 displays the
demodulation process performed in the analog domain
using the MAX1192 dual-matched, 3V, 8-bit ADC and
the MAX2451 quadrature demodulator to recover and
digitize the I and Q baseband signals. Before being dig-
itized by the MAX1192, the mixed-down signal compo-
nents can be filtered by matched analog filters, such as
Nyquist or pulse-shaping filters. The filters remove
unwanted images from the mixing process, thereby
enhancing the overall signal-to-noise (SNR) perfor-
mance and minimizing intersymbol interference.
Grounding, Bypassing,
and Board Layout
The MAX1192 requires high-speed board layout design
techniques. Refer to the MAX1193 Evaluation Kit data
sheet for a board layout reference. Locate all bypass
capacitors as close to the device as possible, prefer-
ably on the same side as the ADC, using surface-
mount devices for minimum inductance. Bypass VDD to
GND with a 0.1µF ceramic capacitor in parallel with a
2.2µF bipolar capacitor. Bypass OVDD to OGND with a
0.1µF ceramic capacitor in parallel with a 2.2µF bipolar
capacitor. Bypass REFP, REFN, and COM each to
GND with a 0.33µF ceramic capacitor.
Multilayer boards with separated ground and power
planes produce the highest level of signal integrity. Use
a split ground plane arranged to match the physical
location of the analog ground (GND) and the digital
output driver ground (OGND) on the ADC’s package.
Connect the MAX1192 exposed backside paddle to
GND. Join the two ground planes at a single point such
that the noisy digital ground currents do not interfere
with the analog ground plane. The ideal location of this
connection can be determined experimentally at a
point along the gap between the two ground planes,
which produces optimum results. Make this connection
with a low-value, surface-mount resistor (1
Ω to 5Ω), a
ferrite bead, or a direct short. Alternatively, all ground
pins could share the same ground plane, if the ground
plane is sufficiently isolated from any noisy, digital sys-
tems ground plane (e.g., downstream output buffer or
DSP ground plane).
Route high-speed digital signal traces away from the
sensitive analog traces of either channel. Make sure to
isolate the analog input lines to each respective con-
verter to minimize channel-to-channel crosstalk. Keep
all signal lines short and free of 90
° turns.
0
°
90
°
÷8
DOWNCONVERTER
MAX2451
INA+
MAX1192
INA-
INB+
INB-
DSP
POST-
PROCESSING
A/B
Figure 12. Typical QAM Receiver Application


Similar Part No. - MAX1192

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1192ETI-T MAXIM-MAX1192ETI-T Datasheet
419Kb / 27P
   Ultra-Low-Power, 22Msps, Dual 8-Bit ADC
2009
MAX1192 MAXIM-MAX1192_V01 Datasheet
419Kb / 27P
   Ultra-Low-Power, 22Msps, Dual 8-Bit ADC
2009
More results

Similar Description - MAX1192

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1192 MAXIM-MAX1192_V01 Datasheet
419Kb / 27P
   Ultra-Low-Power, 22Msps, Dual 8-Bit ADC
2009
MAX1191 MAXIM-MAX1191 Datasheet
492Kb / 27P
   Ultra-Low-Power, 7.5Msps, Dual 8-Bit ADC
Rev 1; 9/03
MAX1193 MAXIM-MAX1193 Datasheet
645Kb / 26P
   Ultra-Low-Power, 45Msps, Dual 8-Bit ADC
Rev 1; 9/03
MAX19192 MAXIM-MAX19192 Datasheet
1Mb / 22P
   Ultra-Low-Power, 10Msps, Dual 8-Bit ADC
Rev 0; 1/10
MAX19191 MAXIM-MAX19191 Datasheet
1Mb / 20P
   Ultra-Low-Power, 10Msps, 8-Bit ADC
Rev 0; 1/10
logo
Texas Instruments
ADS7040 TI1-ADS7040 Datasheet
949Kb / 38P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 8-Bit, 1-MSPS, SAR ADC
logo
Maxim Integrated Produc...
MAX5512 MAXIM-MAX5512 Datasheet
1Mb / 23P
   Dual, Ultra-Low-Power, 8-Bit, Voltage-Output DACs
19-3066; Rev 0; 1/04
MAX5864 MAXIM-MAX5864 Datasheet
2Mb / 26P
   Ultra-Low-Power, High-Dynamic- Performance, 22Msps Analog Front End
19-2915; Rev 1; 10/03
logo
Linear Technology
LTC2188 LINER-LTC2188_15 Datasheet
612Kb / 36P
   16-Bit, 20Msps Low Power Dual ADC
LTC2188 LINER-LTC2188 Datasheet
608Kb / 36P
   16-Bit, 20Msps Low Power Dual ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com