Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

89890504 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 89890504
Description  BRUSH MOTORS THE POWER OF SILENCE
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

89890504 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  89890504 Datasheet HTML 1Page - List of Unclassifed Manufacturers 89890504 Datasheet HTML 2Page - List of Unclassifed Manufacturers 89890504 Datasheet HTML 3Page - List of Unclassifed Manufacturers 89890504 Datasheet HTML 4Page - List of Unclassifed Manufacturers 89890504 Datasheet HTML 5Page - List of Unclassifed Manufacturers 89890504 Datasheet HTML 6Page - List of Unclassifed Manufacturers 89890504 Datasheet HTML 7Page - List of Unclassifed Manufacturers 89890504 Datasheet HTML 8Page - List of Unclassifed Manufacturers 89890504 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
| WWW.CROUZET-MOTORS.COM
| 4
| DCmind BRUSH MOTORS
| WWW.CROUZET-MOTORS.COM
| 5
| DCmind BRUSH MOTORS
With more than 50 years’ experience, Crouzet
Motors, a specialist in customized Motion
Solutions, presents its DCmind Brush range
of direct current Brush motors.
Designed by the engineers in Crouzet Motors,
this range - the quietest on the market - is
ideally suited to the medical, industrial and
commercial equipment sectors.
PRODUCT BENEFITS:
› Exceptionally quiet: 35 dBA
› Service life up to 24,000 hours
› More than 80% efficiency
› Ouput power up to 104 W
› 12, 24, 48, 90 and 120 Vc power supplies
and other voltages on request
› Up to IP69K
› Conformity to the specific standards for
your market and required approvals
EXCEPTIONAL PERFORMANCE EVEN
IN SEVERE ENVIRONMENTS
IP65 as standard
Front and rear end caps redesigned to ensure a good seal,
including wire exits
IP 67 on request
IP 69K on request
Approvals and conformities
UL 1004 - CE - ROHS
Medical (IEC 60601-1)
Office automation (IEC 60950)
Household appliances (IEC 60335)
MORE THAN 80% EFFICIENCY
High performance magnetic circuit
Optimum magnetic flux
Magnets designed to optimize the detent torque
Optimal electromagnetic performance
Energy losses on the winding
Magnetic losses
Minimal friction
SERVICE LIFE UP TO 24,000 HOURS
Its average service life, in continuous duty, is between
24,000 hours at no-load and 5000 hours at rated load
Systematic approach
to eliminate noise
At source
From transmission
From dispersion
Innovative design
Choice of new materials
Optimization of component assembly (centering,
perpendicularity, parallelism, etc.)
A range of gearbox
In line with high performance motor
EXCEPTIONALLY QUIET
DCmind BRUSH
THE QUIETEST ON THE MARKET
The
Crouzet DCmind Brush Motor Series
has earned the honor of 2013 Readers’
Choice
Product of the Year Winner by
Medical Design Briefs magazine.
Every year the editors of the magazine
review new products and choose the best
of the best for voting by their readership in
the annual awards competition. The Crouzet
DCmind Brush Motor Series was chosen
by editors for its outstanding technical merit
and practical value.


Similar Part No. - 89890504

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
89890004 ETC2-89890004 Datasheet
121Kb / 1P
   4 x M5 trheaded holes on 40mm diameter, 4,5 mm thread depth
More results

Similar Description - 89890504

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IG-22GM ETC1-IG-22GM Datasheet
168Kb / 1P
   DC CARBON-BRUSH MOTORS
logo
Rohm
BD6212FP ROHM-BD6212FP_13 Datasheet
659Kb / 8P
   H-Bridge Motor Drivers For DC Brush Motors
logo
PowerVolt Inc.
BVU6000 POWERVOLT-BVU6000 Datasheet
536Kb / 2P
   The Power Supply for Stepping Motors
STP-35AMP2.5 POWERVOLT-STP-35AMP2.5 Datasheet
562Kb / 2P
   The Power Supply for Stepping Motors
logo
General Semiconductor
GEA-M1003 GE-GEA-M1003 Datasheet
238Kb / 4P
   the GE ECM 142 Series Motors
logo
List of Unclassifed Man...
GV2P07 ETC-GV2P07 Datasheet
1Mb / 50P
   Accurate and reliable control of motors
logo
ELMOS Semiconductor AG
E910.94 ELMOS-E910.94 Datasheet
128Kb / 1P
   Sensorless speed control of DC-motors
logo
EPCOS
B59553A0110A020 EPCOS-B59553A0110A020 Datasheet
60Kb / 3P
   Time delay in turning off the auxiliary winding of single-phase AC motors
logo
ELMOS Semiconductor AG
E910.40 ELMOS-E910.40 Datasheet
129Kb / 1P
   Sensorless position control of DC-motors
logo
Allegro MicroSystems
A3988 ALLEGRO-A3988_11 Datasheet
333Kb / 14P
   The A3988 is a quad DMOS full-bridge driver capable of driving up to two stepper motors or four DC motors.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com