Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA62806P07990 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CA62806P07990
Description  (2-6) #20 PIN CONTACTS MINI-CON-X
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CA62806P07990 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CA62806P07990 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
THIS DOCUMENT CONTAINS CONFIDENTIAL
INFORMATION PROPRIETARY TO CONXALL
CORPORATION. ANY REPRODUCTION,
DISCLOSURE, OR USE OF THIS
DOCUMENT /INFORMATION IS EXPRESSLY
PROHIBITED UNLESS AUTHORIZED IN
WRITING BY CONXALL CORPORATION.
CUSTOMER APPROVAL
APPROVED BY:
DATE:
DIMENSIONS IN BRACKET [ ] ARE METRIC.
GRN
WIRE COLOR CODE
POS. 1 POS. 2 POS. 3
WHT
BLK
POS. 4
BLK
GRN
WHT
POS. 3
POS. 2
POS. 1
WIRE COLOR CODE
RED
WHT
POS. 2
POS. 1
COLOR CODE
BLK
POS. 5
BLU
POS. 4
RED
GRN
WHT
POS. 3
POS. 2
POS. 1
WIRE COLOR CODE
BLK
POS. 6
VIO
BLK
WIRE COLOR CODE
POS. 1 POS. 2 POS. 3
WHT
GRN
RED
POS. 4
BLU
POS. 5
CA62805PXXX90
CA62806PXXX90
ASSY P/N
CABLE
CA62803PXXX90
CA62804PXXX90
4/20 AWG
O.D. 0.235 REF
3/20 AWG
O.D. 0.220 REF
COLOR CODE END "A"
2/20 AWG
O.D. 0.215 REF
CA62802PXXX90
5/20 AWG
O.D. 0.255 REF
4/20 AWG
O.D. 0.275 REF
RoHS COMPLIANT
"X" DIM.
1.660 REF.
BLUNT CUT
CABLE
20 AWG CONDUCTORS
JACKET: PVC, BLACK
300 V
COUPLING RING
O-RING
STRAIGHT OVERMOLDED
CABLE CONNECTOR, MALE
MAT'L: THERMOPLASTIC
(2-6) #20 PIN CONTACTS
MAT'L: GOLD PLATED COPPER ALLOY
CXA #6280-XPG
[42.2mm]
MAT'L: THERMOPLASTIC
KEY
FACE VIEW
P/N: CA62804PXXX90
1
2
4
3
KEY
FACE VIEW
P/N: CA62805PXXX90
1
2
3
4
5
KEY
FACE VIEW
P/N: CA62806PXXX90
1
4
3
2
6
5
KEY
FACE VIEW
P/N: CA62802PXXX90
1
2
KEY
FACE VIEW
P/N: CA62803PXXX90
1
3
2
CABLE LENGTH IN "INCHES"
NO OF POSITIONS
END "A"
MAT'L: RUBBER
ASS'Y P/N
NO. OF PISITION
"X" DIM.
CA62802P07990
2 POS.
6 FT 7 IN.
2 IN. [2M]
CA62803P07990
3 POS.
CA62804P07990
4 POS.
CA62805P07990
5 POS.
CA62806P07990
6 POS.
CA6280XPXXX90
STANDARD PRODUCT
CABLE ASSEMBLY
MINI-CON-X
(2-6) #20 PIN CONTACTS
NTS
1 OF 1
CA6280XPXXX90
SLW
CA6280XPXXX90
05-25-16
AN
06-07-16
AN
A
A
REV
TITLE:
DESCRIPTION
SHEET
SIZE
PART
NUMBER:
DIRECTORY:
CUSTOMER:
DATE
INIT.
AND DECIMALS.
REV.
THIS DOCUMENT IS PROHIBITED.
DUPLICATION OR DISTRIBUTION OF
CORPORATION." UNAUTHORIZED
THE PROPERTY OF "CONXALL
ALL INFORMATION ILLUSTRATED IS
INCHES, FRACTION OF INCHES
ALL UNITS ARE IN FEET,
FLAG PER SPEC. XXXX
= CRITICAL CHARACTERISTIC
FILE:
APPROVED BY:
CHECKED BY:
SCALE
ORIG. DRAWN BY:
DATE:
601 E. WILDWOOD VILLA PARK, IL 60181
B
DRAWING CREATED PER DOR 16-7414JP
NOTES:
FINISHED CABLE ASSEMBLY TO BE COILED
1.
OVERMOLD BOOT MATERIAL: PVC, BLACK
2.
ELECTRICAL TEST: 100% CONTINUITY
3.


Similar Part No. - CA62806P07990

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
CA62806P07990 SWITCH-CA62806P07990 Datasheet
135Kb / 1P
   CABLE ASSEMBLY (2-6) #20 PIN CONTACTS MINI-CON-X
Rev. A
More results

Similar Description - CA62806P07990

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CARA62802P07990 ETC2-CARA62802P07990 Datasheet
142Kb / 1P
   (2-6) #20 PIN CONTACTS MINI-CON-X, R. ANGLE
logo
Switchcraft, Inc.
CA6280XPXXX90 SWITCH-CA6280XPXXX90 Datasheet
135Kb / 1P
   CABLE ASSEMBLY (2-6) #20 PIN CONTACTS MINI-CON-X
Rev. A
CARA6280XPXXX90 SWITCH-CARA6280XPXXX90 Datasheet
154Kb / 1P
   CABLE ASSEMBLY (2-6) #20 PIN CONTACTS MINI-CON-X, R. ANGLE
Rev. A
logo
List of Unclassifed Man...
CARA62802S07990 ETC2-CARA62802S07990 Datasheet
166Kb / 1P
   (2-8) #20 SOCKET CONTACTS MINI-CON-X, R. ANGLE
logo
Switchcraft, Inc.
CA6280XSXXX90 SWITCH-CA6280XSXXX90 Datasheet
157Kb / 1P
   CABLE ASSEMBLY (2-8) #20 SOCKET CONTACTS MINI-CON-X
Rev. A
logo
List of Unclassifed Man...
W6C80-6PG-513 ETC2-W6C80-6PG-513 Datasheet
210Kb / 1P
   CABLE-END CONNECTOR 2-16 4-20 PIN CONTACTS MINI-CON-X POWER/SIGNAL
W8C80-6SG-513 ETC2-W8C80-6SG-513 Datasheet
162Kb / 1P
   CABLE-END CONNECTOR 2-16 4-20 PIN CONTACTS MINI-CON-X POWER/SIGNAL
W8A80-8PG-513 ETC2-W8A80-8PG-513 Datasheet
170Kb / 1P
   CABLE-END CONNECTOR 2-16 4-20 PIN CONTACTS MINI-CON-X POWER/SIGNAL
W7A80-8PG-300 ETC2-W7A80-8PG-300 Datasheet
249Kb / 1P
   CABLE-END CONNECTOR 2-16 4-20 PIN CONTACTS MINI-CON-X POWER/SIGNAL
W7A80-8SG-300 ETC2-W7A80-8SG-300 Datasheet
255Kb / 1P
   CABLE-END CONNECTOR 2-16 4-20 PIN CONTACTS MINI-CON-X POWER/SIGNAL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com