Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

89830504 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 89830504
Description  BRUSH MOTORS THE POWER OF SILENCE
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

89830504 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button 89830504 Datasheet HTML 2Page - List of Unclassifed Manufacturers 89830504 Datasheet HTML 3Page - List of Unclassifed Manufacturers 89830504 Datasheet HTML 4Page - List of Unclassifed Manufacturers 89830504 Datasheet HTML 5Page - List of Unclassifed Manufacturers 89830504 Datasheet HTML 6Page - List of Unclassifed Manufacturers 89830504 Datasheet HTML 7Page - List of Unclassifed Manufacturers 89830504 Datasheet HTML 8Page - List of Unclassifed Manufacturers 89830504 Datasheet HTML 9Page - List of Unclassifed Manufacturers 89830504 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
| WWW.CROUZET-MOTORS.COM
| 8
| DCmind BRUSH MOTORS
| WWW.CROUZET-MOTORS.COM
| 9
| DCmind BRUSH MOTORS
To complement the current range from Crouzet Motors, the latest generation of DC Brush
direct drive and geared motors have been precision engineered to minimise all mechanical
and electro-mechanical variations.
Extremely quiet, this range is ideally suited to medical and laboratory applications.
ACCESSORIES AND ADAPTATIONS
Rear Friction Brake
1,000 Pulse 2-Channel Encoder
Connectors
Voltage, speed, power
Shaft dimensions and material
Motor length
Other ratios and gearboxes
Etc.
NEW ADAPTATION POSSIBILITIES
Railway application (compliance with fire/smoke
regulations)
Isolation for use at 230 V
Other colours
DCmind BRUSH: SELECTION GUIDE
OUTPUT
POWER
(W)
NOMINAL
TORQUE
(mNm)
NOMINAL
SPEED
(rpm)
TYPE OF GEARBOX
PLANETARY
Ø 42
PLANETARY
Ø 52
90°
FAMILY
A1
B1
RAD10
MAX. TORQUE (Nm)
15
25
10
DIRECT DRIVE MOTORS
GEARED MOTORS
Ø 42 mm
89810
15
50
2920
8981Ax
-
-
89800
24
75
3100
8980Ax
-
-
89850
35
110
3000
8985Ax
-
-
Ø 63 mm
89830
57
180
3000
-
8983Bx
89831y
89890
104
290
3430
-
8989Bx
89891y
x = 1: IP65 | x = 5: brake | x = 9: encoder
y = 0: IP65 | y = 5: brake | y = 9: encoder
Motors 24 Vc


Similar Part No. - 89830504

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
89830011 ETC2-89830011 Datasheet
96Kb / 1P
   4 x M5 at 90째, depth 10mm and 40 mm diameter
More results

Similar Description - 89830504

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IG-22GM ETC1-IG-22GM Datasheet
168Kb / 1P
   DC CARBON-BRUSH MOTORS
logo
Rohm
BD6212FP ROHM-BD6212FP_13 Datasheet
659Kb / 8P
   H-Bridge Motor Drivers For DC Brush Motors
logo
PowerVolt Inc.
BVU6000 POWERVOLT-BVU6000 Datasheet
536Kb / 2P
   The Power Supply for Stepping Motors
STP-35AMP2.5 POWERVOLT-STP-35AMP2.5 Datasheet
562Kb / 2P
   The Power Supply for Stepping Motors
logo
General Semiconductor
GEA-M1003 GE-GEA-M1003 Datasheet
238Kb / 4P
   the GE ECM 142 Series Motors
logo
List of Unclassifed Man...
GV2P07 ETC-GV2P07 Datasheet
1Mb / 50P
   Accurate and reliable control of motors
logo
ELMOS Semiconductor AG
E910.94 ELMOS-E910.94 Datasheet
128Kb / 1P
   Sensorless speed control of DC-motors
logo
EPCOS
B59553A0110A020 EPCOS-B59553A0110A020 Datasheet
60Kb / 3P
   Time delay in turning off the auxiliary winding of single-phase AC motors
logo
ELMOS Semiconductor AG
E910.40 ELMOS-E910.40 Datasheet
129Kb / 1P
   Sensorless position control of DC-motors
logo
Allegro MicroSystems
A3988 ALLEGRO-A3988_11 Datasheet
333Kb / 14P
   The A3988 is a quad DMOS full-bridge driver capable of driving up to two stepper motors or four DC motors.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com