Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

89850003 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 89850003
Description  BRUSH MOTORS THE POWER OF SILENCE
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

89850003 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button 89850003 Datasheet HTML 3Page - List of Unclassifed Manufacturers 89850003 Datasheet HTML 4Page - List of Unclassifed Manufacturers 89850003 Datasheet HTML 5Page - List of Unclassifed Manufacturers 89850003 Datasheet HTML 6Page - List of Unclassifed Manufacturers 89850003 Datasheet HTML 7Page - List of Unclassifed Manufacturers 89850003 Datasheet HTML 8Page - List of Unclassifed Manufacturers 89850003 Datasheet HTML 9Page - List of Unclassifed Manufacturers 89850003 Datasheet HTML 10Page - List of Unclassifed Manufacturers 89850003 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
| WWW.CROUZET-MOTORS.COM
| 10
| DCmind BRUSH MOTORS
Ø 42 mm - 20 W
Silent motor
12 V and 24 V built in EMC filter class B
Excellent efficiency
Long life
IP65
In accordance with UL - CE - ROHS regulations
12 V
24 V
48 V
0
1
8
9
8
0
1
8
9
8
0
1
8
9
8
e
p
y
T
Voltage
12 Vc
24 Vc
48 Vc
References
Option: IP65 level
89810007
89810008
89810003
Option: holding brake 0.25 Nm, 24 Vc
89810507
89810508
89810503
Option: 2 channels encoder 1000 pulses/revolution, 5 Vc
89810907
89810908
89810903
No-load characteristics
0
0
1
4
0
0
0
4
0
0
2
4
)
m
p
r
(
d
e
e
p
S
7
0
.
0
1
1
.
0
6
2
.
0
)
A
(
t
n
e
r
r
u
c
d
e
b
r
o
s
b
A
Nominal characteristics
0
8
9
2
0
2
9
2
0
0
9
2
)
m
p
r
(
d
e
e
p
S
0
5
0
5
0
5
)
m
N
m
(
e
u
q
r
o
T
6
1
5
1
5
1
)
W
(
r
e
w
o
p
t
u
p
t
u
O
3
5
.
0
1
1
.
2
)
A
(
t
n
e
r
r
u
c
d
e
b
r
o
s
b
A
1
6
4
6
0
6
)
%
(
y
c
n
e
i
c
if
f
E
Maximum efficiency characteristics
0
0
4
3
0
0
3
3
0
0
5
3
)
m
p
r
(
d
e
e
p
S
1
3
0
3
7
2
)
m
N
m
(
e
u
q
r
o
T
1
1
0
1
0
1
)
W
(
r
e
w
o
p
t
u
p
t
u
O
5
3
.
0
6
.
0
6
2
.
1
)
A
(
t
n
e
r
r
u
c
d
e
b
r
o
s
b
A
5
6
2
7
5
6
)
%
(
y
c
n
e
i
c
if
f
E
General characteristics
E
s
s
a
l
C
E
s
s
a
l
C
E
s
s
a
l
C
5
8
0
0
6
C
E
I
o
t
g
n
i
m
r
o
f
n
o
c
n
o
it
a
l
u
s
n
I
5
3
5
3
5
3
)
A
B
d
(
l
e
v
e
l
e
s
i
o
N
9
1
0
2
7
1
)
W
(
r
e
w
o
p
t
u
p
t
u
o
.
x
a
M
0
8
1
0
9
1
8
5
1
)
m
N
m
(
e
u
q
r
o
t
g
n
it
r
a
t
S
7
.
1
3
.
3
1
.
6
)
A
(
t
n
e
r
r
u
c
g
n
it
r
a
t
S
Resistance (
8
2
3
.
7
2
)
2
2
6
3
.
1
)
H
m
(
e
c
n
a
t
c
u
d
n
I
9
0
1
6
5
7
2
)
A
/
m
N
m
(
t
n
a
t
s
n
o
c
e
u
q
r
o
T
8
.
0
8
.
0
7
.
0
)
s
m
(
t
n
a
t
s
n
o
c
e
m
it
l
a
c
ir
t
c
e
l
E
8
1
7
1
0
2
)
s
m
(
t
n
a
t
s
n
o
c
e
m
it
l
a
c
i
n
a
h
c
e
M
Inertia (g.cm2 )
5
7
5
7
5
7
0
4
3
0
4
3
0
4
3
)
g
(
t
h
g
i
e
W
8
8
8
s
t
n
e
m
g
e
s
r
o
t
a
t
u
m
m
o
C
0
0
0
4
0
0
0
4
0
0
0
4
)
h
(
e
fi
l
e
c
i
v
r
e
S
0
0
2
0
0
2
0
0
2
)
m
m
(
h
t
g
n
e
l
s
e
ri
W
Ball bearing
Comments
IP65 level except for the output shaft. Encoder and brake options are IP20.
Special output shaft
Shaft with pinion, pulley, worm gear
Special supply voltage
Other wire length
Optical or Hall effect encoder - 1 or 2 channels
Specific motor mounting flange
Special motor connectors
IP67, IP69K
DCmind: DC DIRECT-DRIVE BRUSH MOTORS
Part numbers
Product adaptations, contact us
Product made to order


Similar Part No. - 89850003

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8985 FESTO-8985 Datasheet
87Kb / 1P
   Roller lever valve
4/8/22
logo
Heyco.
8985 HEYCO-8985 Datasheet
184Kb / 1P
   Heyco® Self-Closing Braided Sleeving
logo
Belden Inc.
89855 BELDEN-89855 Datasheet
153Kb / 2P
   POS Cable, #22-2pr, TC, FEP, O/A Foil55% TC Braid, FEP Jkt, CMP
05-05-2023
89855.0101000 BELDEN-89855.0101000 Datasheet
153Kb / 2P
   POS Cable, #22-2pr, TC, FEP, O/A Foil55% TC Braid, FEP Jkt, CMP
05-05-2023
logo
3M Electronics
8985L 3M-8985L Datasheet
118Kb / 6P
   3M??Anodization Masking Tape 8985L
More results

Similar Description - 89850003

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IG-22GM ETC1-IG-22GM Datasheet
168Kb / 1P
   DC CARBON-BRUSH MOTORS
logo
Rohm
BD6212FP ROHM-BD6212FP_13 Datasheet
659Kb / 8P
   H-Bridge Motor Drivers For DC Brush Motors
logo
PowerVolt Inc.
BVU6000 POWERVOLT-BVU6000 Datasheet
536Kb / 2P
   The Power Supply for Stepping Motors
STP-35AMP2.5 POWERVOLT-STP-35AMP2.5 Datasheet
562Kb / 2P
   The Power Supply for Stepping Motors
logo
General Semiconductor
GEA-M1003 GE-GEA-M1003 Datasheet
238Kb / 4P
   the GE ECM 142 Series Motors
logo
List of Unclassifed Man...
GV2P07 ETC-GV2P07 Datasheet
1Mb / 50P
   Accurate and reliable control of motors
logo
ELMOS Semiconductor AG
E910.94 ELMOS-E910.94 Datasheet
128Kb / 1P
   Sensorless speed control of DC-motors
logo
EPCOS
B59553A0110A020 EPCOS-B59553A0110A020 Datasheet
60Kb / 3P
   Time delay in turning off the auxiliary winding of single-phase AC motors
logo
ELMOS Semiconductor AG
E910.40 ELMOS-E910.40 Datasheet
129Kb / 1P
   Sensorless position control of DC-motors
logo
Allegro MicroSystems
A3988 ALLEGRO-A3988_11 Datasheet
333Kb / 14P
   The A3988 is a quad DMOS full-bridge driver capable of driving up to two stepper motors or four DC motors.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com