Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

89850003 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # 89850003
Description  BRUSH MOTORS THE POWER OF SILENCE
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

89850003 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button 89850003 Datasheet HTML 6Page - List of Unclassifed Manufacturers 89850003 Datasheet HTML 7Page - List of Unclassifed Manufacturers 89850003 Datasheet HTML 8Page - List of Unclassifed Manufacturers 89850003 Datasheet HTML 9Page - List of Unclassifed Manufacturers 89850003 Datasheet HTML 10Page - List of Unclassifed Manufacturers 89850003 Datasheet HTML 11Page - List of Unclassifed Manufacturers 89850003 Datasheet HTML 12Page - List of Unclassifed Manufacturers 89850003 Datasheet HTML 13Page - List of Unclassifed Manufacturers 89850003 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
| WWW.CROUZET-MOTORS.COM
| 13
| DCmind BRUSH MOTORS
8
0
9
0
0
8
9
8
-
8
0
5
0
0
8
9
8
-
8
0
0
0
0
8
9
8
7
0
9
0
0
8
9
8
-
7
0
5
0
0
8
9
8
-
7
0
0
0
0
8
9
8
89800003 - 89800503 - 89800903
Speed (rpm)
Current (A)
Torque at nominal
Torque at maximum efficiency
2 x M3 at 180° depth 5 over Ø 32
2 x Ø 2.75 at 120° depth 5 over Ø 32
r
e
d
o
c
n
E
m
N
5
2
.
0
e
k
a
r
b
g
n
i
d
l
o
H
Curves
Nm
A
0
2
4
6
8
10
12
0
500
1 000
1 500
2 000
2 500
3 000
3 500
4 000
4 500
0
0,1
0,2
0,3
Nm
A
0
1
2
3
4
5
6
7
0
500
1 000
1 500
2 000
2 500
3 000
3 500
4 000
4 500
0
0,1
0,2
0,3
0,4
Nm
A
0
0,5
1
1,5
2
2,5
3
3,5
0
500
1 000
1 500
2 000
2 500
3 000
3 500
4 000
4 500
0
0,1
0,2
0,3
0,4
3
Dimensions (mm)
1
2
86,5 max
ø42
22°30’
25
2
3,5 max
2 x 200 mm AWG20
2
± 0.07
± 0.1
± 0.4
1
2
Options
Ø38
Ø37
36,3


Similar Part No. - 89850003

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8985 FESTO-8985 Datasheet
87Kb / 1P
   Roller lever valve
4/8/22
logo
Heyco.
8985 HEYCO-8985 Datasheet
184Kb / 1P
   Heyco® Self-Closing Braided Sleeving
logo
Belden Inc.
89855 BELDEN-89855 Datasheet
153Kb / 2P
   POS Cable, #22-2pr, TC, FEP, O/A Foil55% TC Braid, FEP Jkt, CMP
05-05-2023
89855.0101000 BELDEN-89855.0101000 Datasheet
153Kb / 2P
   POS Cable, #22-2pr, TC, FEP, O/A Foil55% TC Braid, FEP Jkt, CMP
05-05-2023
logo
3M Electronics
8985L 3M-8985L Datasheet
118Kb / 6P
   3M??Anodization Masking Tape 8985L
More results

Similar Description - 89850003

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IG-22GM ETC1-IG-22GM Datasheet
168Kb / 1P
   DC CARBON-BRUSH MOTORS
logo
Rohm
BD6212FP ROHM-BD6212FP_13 Datasheet
659Kb / 8P
   H-Bridge Motor Drivers For DC Brush Motors
logo
PowerVolt Inc.
BVU6000 POWERVOLT-BVU6000 Datasheet
536Kb / 2P
   The Power Supply for Stepping Motors
STP-35AMP2.5 POWERVOLT-STP-35AMP2.5 Datasheet
562Kb / 2P
   The Power Supply for Stepping Motors
logo
General Semiconductor
GEA-M1003 GE-GEA-M1003 Datasheet
238Kb / 4P
   the GE ECM 142 Series Motors
logo
List of Unclassifed Man...
GV2P07 ETC-GV2P07 Datasheet
1Mb / 50P
   Accurate and reliable control of motors
logo
ELMOS Semiconductor AG
E910.94 ELMOS-E910.94 Datasheet
128Kb / 1P
   Sensorless speed control of DC-motors
logo
EPCOS
B59553A0110A020 EPCOS-B59553A0110A020 Datasheet
60Kb / 3P
   Time delay in turning off the auxiliary winding of single-phase AC motors
logo
ELMOS Semiconductor AG
E910.40 ELMOS-E910.40 Datasheet
129Kb / 1P
   Sensorless position control of DC-motors
logo
Allegro MicroSystems
A3988 ALLEGRO-A3988_11 Datasheet
333Kb / 14P
   The A3988 is a quad DMOS full-bridge driver capable of driving up to two stepper motors or four DC motors.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com