Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSF86YP Datasheet(PDF) 1 Page - Cynergy3 Co

Part # RSF86YP
Description  쩍?쒷PT external mount
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

RSF86YP Datasheet(HTML) 1 Page - Cynergy3 Co

  RSF86YP Datasheet HTML 1Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.cynergy3.com
© 2016 Cynergy3 Components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
ISO
9001 CERTIFIED
RSF80 Series
Compact External Fitting By 1/2”NPT
Cynergy3 Components Ltd.
7 Cobham Road
Ferndown Industrial Estate
Wimborne, Dorset
21 7
BH
PE
Telephone +44 (0) 1202 897969
Email:sales@cynergy3.com
The
80 series are designed for
RSF
mounting through the wall of a tank, via
½”
thread without requiring acces to
NPT
the inside of the tank.
Typical applications include diesel
generators, hydraulic oil and gearbox oil
levels.
They are manufactured in a range of
plastics to suit most commonly used
liquids.
The switch can be fitted to achieve either
make on rise (N/O) or make on fall (N/C)
action by simply rotating through 180º.
Available with either flying leads or M12
circular connector socket.
Cables are available for use with M12
connector versions.
Mechanical Dimensions
WRAS approved versions
Flying lead or M12 connection
Custom versions can be made for particular applications. Please contact Cynergy3 with your requirements.
½”
external mount
NPT
Available in Nylon, Polypropylene, PPS & PVDF
Many variants are
recognised components
UL
File No. E171218
Technical Specification
83
84
88
86
RSF87
RSF
RSF
RSF
RSF
Material
Nylon
Polypropylene
Polypropylene
Polyphenylene
Polyvinylidene
approved
approved
Sulphide (
)
Fluoride (PVDF)
WRAS
UL
PPS
Colour
Black
Opaque
White
Grey
Green
Temp. Range
C
-20 / +75
-20 / +100
-20 / +100
-10 / +120 *
°
-10 / +105
°F
-4 ./ +167
-4 / +212
-4 / +212
+14 / +248 *
+14 / +221
Min. Fluid
0.85
0.85
0.8
0.85
SG
0
0.85
Must close level (
=1)
7mm
8mm
8mm
9mm
9mm
SG
Must open level (
=1)
20mm
20mm
20mm
24mm
24mm
SG
* Maximum temperature requires
cable to be specified.
ETFE
Electrical Specification
25W (Y code)
100W (H code)
Contact Form
N/O (N/C)
N/O (N/C)
Switching Power Max
25
100
VA
Switching Voltage
Max
V
240
300
AC
Switching Voltage
Max
V
120
300
DC
Switching Current Max
A
0.6
1
All ratings are for resistive load only.
Standard Parts
Material
Max Power
Leadouts
Approvals
RSF
VA
PVC
WRAS
83H100R
Nylon
100
100cm
16/0.2
RSF
VA
PVC
WRAS
83Y100R
Nylon
25
100cm
16/0.2
RSF
VA
PVC
WRAS
84H100R
Polypropylene
100
100cm
16/0.2
RSF
VA
PVC
WRAS
84Y100R
Polypropylene
25
100cm
16/0.2
RSF
PPS
VA
ETFE
WRAS
UL
86H050T
100
50cm
19/0.2
&
RSF
PPS
VA
PVC
WRAS
UL
86H100R
100
100cm
16/0.2
&
RSF
PPS
VA
ETFE
WRAS
UL
86Y050T
25
50cm
19/0.2
&
RSF
PPS
VA
PVC
WRAS
UL
86Y100R
25
100cm
16/0.2
&
RSF87H100G
PVDF
100VA
100cm PTFE 7/0.2
UL*
RSF87Y100G
PVDF
25VA
100cm PTFE 7/0.2
UL*
RSF
UL
VA
PVC
UL
88H100R
Polypropylene
100
100cm
16/0.2
RSF
UL
VA
PVC
UL
88Y100R
Polypropylene
25
100cm
16/0.2
RSF H
VA
WRAS
83
Nylon
100
P
M12 connection
RSF Y
VA
WRAS
83
Nylon
25
P
M12 connection
RSF H
VA
WRAS
84
Polypropylene
100
P
M12 connection
RSF Y
VA
WRAS
84
Polypropylene
25
P
M12 connection
RSF H
PPS
VA
WRAS
UL
86
100
&
P
M12 connection
RSF Y
PPS
VA
WRAS
UL
86
25
&
P
M12 connection
RSF87H
PVDF
100VA
UL*
P
M12 connection
RSF 7Y
P
VA
8
VDF
25
UL*
P
M12 connection
RSF H
UL
VA
UL
88
Polypropylene
100
P
M12 connection
RSF Y
UL
VA
UL
88
Polypropylene
25
P
M12 connection
** 49mm RSF86 & RSF87
*** Add 10mm to dims, RSF86 & RSF87
42mm**
(1.7") max.Switch open
Switch closed
40°
max.
18mm
(0.71") max.
18mm
(0.7”)
60mm***
(2.4")
90mm***
(3.5")
48mm***
(2.0")
½" NPT Taper Thread (Will fit 1/2" BSP)
Must close level
Must open level
Switch on pins 1 & 2
M12 connection version
1
2
3
4
Now avail
abl
PVDF
(Kynar)
* UL approval pending


Similar Part No. - RSF86YP

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
RSF86Y100R CYNERGY3-RSF86Y100R Datasheet
382Kb / 1P
   compact external mount with taper thread
More results

Similar Description - RSF86YP

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
ACN ALPHAWIRE-ACN Datasheet
185Kb / 2P
   M12-A Female 쩍 NPT Mount Receptacle
DCN ALPHAWIRE-DCN Datasheet
184Kb / 2P
   M12-A Male 쩍 NPT Mount Receptacle
JCF ALPHAWIRE-JCF Datasheet
206Kb / 2P
   Mini 7/8??Female 쩍 NPT Mount Receptacle
logo
WJ Communication. Inc.
FP1189 WJCI-FP1189 Datasheet
387Kb / 11P
   쩍-Watt HFET
logo
Alpha Wire
LCF3 ALPHAWIRE-LCF3 Datasheet
192Kb / 2P
   Mini 7/8??Male 쩍 NPT Mount Receptacle
LCF6 ALPHAWIRE-LCF6 Datasheet
194Kb / 2P
   Mini 7/8??Male 쩍 NPT Mount Receptacle
KCF ALPHAWIRE-KCF Datasheet
193Kb / 2P
   Mini 7/8??Female 쩍 NPT Mount Receptacle
logo
Laird Tech Smart Techno...
WXE LSTD-WXE Datasheet
911Kb / 1P
   External Antenna - Connector Mount
logo
Taoglas antenna solutio...
TLS.20.1F21 TAOGLAS-TLS.20.1F21 Datasheet
8Mb / 13P
   Permanent Mount External Antenna
TLS.20.105111 TAOGLAS-TLS.20.105111 Datasheet
5Mb / 13P
   Permanent Mount External Antenna
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com