Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSF76H050TV Datasheet(PDF) 2 Page - Cynergy3 Co

Part # RSF76H050TV
Description  Flying Lead or M12 plug connection
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

RSF76H050TV Datasheet(HTML) 2 Page - Cynergy3 Co

  RSF76H050TV Datasheet HTML 1Page - Cynergy3 Co RSF76H050TV Datasheet HTML 2Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2016 Cynergy3 Components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
ISO
9001CERTIFIED
RSF70 Series
Cynergy3 Components Ltd.
7 Cobham Road
Ferndown Industrial Estate
Wimborne, Dorset
21 7
BH
PE
Telephone +44 (0) 1202 897969
Email:sales@cynergy3.com
www.cynergy3.com
www.cynergy3.com
Mechanical Dimensions
Electrical Connections
* 49mm RSF76 & RSF77
** Add 10mm to dims. RSF76 & RSF77
Nylon Nut
23.0mm (0.9“) dia.
hole in tank wall
88mm**
(3.5“)
Switch Closed
55mm**
(2.2“)
18mm max.
(0.71“) dia.
Compression seal for
External Mount
Switch Open
40° Max
M16x2 Thread
42mm*
(1.7“)
Nylon Washer
Must close level
Must open level
3mm (0.12")
max tank wall
M12 connection version
(suffix “P”)
Switch on pins 1 & 2
1
2
3
4
Compact xternal itting via ompression eal
EF
C
S


Similar Part No. - RSF76H050TV

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
RSF76Y100RN CYNERGY3-RSF76Y100RN Datasheet
453Kb / 1P
   compact external fitting with compression seal
More results

Similar Description - RSF76H050TV

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
RSF43H100RF CYNERGY3-RSF43H100RF Datasheet
229Kb / 2P
   Flying Lead or M12 plug connection
logo
Greystone Energy System...
TXFL GREYSTONE-TXFL Datasheet
296Kb / 2P
   FLYING LEAD TEMPERATURE TRANSMITTER
PS-TSFL GREYSTONE-PS-TSFL Datasheet
167Kb / 1P
   FLYING LEAD TEMPERATURE SENSOR
02/20
logo
Nuvotem Talema
AZ-0500 TALEMA-AZ-0500 Datasheet
316Kb / 2P
   Flying Lead Current Transformers
logo
Greystone Energy System...
TLFL GREYSTONE-TLFL Datasheet
268Kb / 2P
   FLYING LEAD LOW LIMIT THERMOSTAT
TNFL GREYSTONE-TNFL Datasheet
292Kb / 2P
   FLYING LEAD NETWORK TEMPERATURE SENSOR
logo
PHOENIX CONTACT
1416145 PHOENIX-1416145 Datasheet
331Kb / 8P
   SACC-DSIV-M12-PLUG - Housing screw connection
1437892 PHOENIX-1437892 Datasheet
341Kb / 3P
   Housing screw connection - SACC-M12 PLUG PRESS
02/04/2022
1551493 PHOENIX-1551493 Datasheet
307Kb / 7P
   SACC-M12-SCO PLUG - Housing screw connection
logo
Greystone Energy System...
PS-TNFL GREYSTONE-PS-TNFL Datasheet
292Kb / 2P
   FLYING LEAD NETWORK TEMPERATURE SENSOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com