Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA2R08MV1 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # BA2R08MV1
Description  Multi-voltage 12 ??40 V AC/DC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BA2R08MV1 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  BA2R08MV1 Datasheet HTML 1Page - List of Unclassifed Manufacturers BA2R08MV1 Datasheet HTML 2Page - List of Unclassifed Manufacturers BA2R08MV1 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
I Timers
I 03
I www.crouzet-control.com
General characteristics
Immunity to rapid transient bursts acc. to IEC/EN 61000-4-4
Level III direct ± 2 kV (power supply) / capacitive coupling clamp
± 1 KV (command input and outputs)
Immunity to shock waves on power supply acc. to IEC/EN 61000-4-5
Level III
line-to-earth ± 2 kV / line-to-line ± 1kV
Immunity to radio frequency in common mode acc. to
IEC/EN 61000-4-6
Level III
10 Vrms (0,15 →80 M Hz) 80% AM (1 k Hz)
Immunity to voltage dips and breaks acc. to IEC/EN 61000-4-11
Industrial Class II:
0% residual voltage during 1cycle a.c. power ports
70% residual voltage during 25/30 cycles a.c. power ports
0% residual voltage, 250/300 cycles a.c. power ports
Residential:
0% residual voltage during 10 cycle a.c.power ports
40% residual voltage during 10 cycles a.c. power ports
70% residual voltage during 10 cycles a.c. power ports
0% residual voltage, 250/300 cycles a.c. power ports
Mains-borne and radiated emissions acc. to EN 55022 (CISPR22),
EN55011 (CISPR11)
EN 55022 / CISPR22 Class B (IT equipment)
EN 55011 / CISPR11 Class B, Group 1 (Medical equipment)
Dimensions
Curves
Function A
Delay on energisation 1 relay
U
R2
R1/R2
T
Function At
Timing on Energisation with memory
U
Y1
R1/R2
t1
t2
T = t1+t2
Connections
1 changeover relay output
U
A1
R1
R2
15
A2
18
16
25
28
26
Y1
+


Similar Part No. - BA2R08MV1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BA2-B0-34-610-121-D ETC2-BA2-B0-34-610-121-D Datasheet
2Mb / 17P
   B-Series ??General Specifications
logo
Fuji Electric
BA201 FUJI-BA201 Datasheet
8Kb / 1P
   FAST RECOVERY DIODE
logo
List of Unclassifed Man...
BA201 ETC-BA201 Datasheet
45Kb / 2P
   BA/BC Series: 1.5 - 6.0 Watts Single and Dual Outputs
logo
Shenzhen Bencent Electr...
BA201N BENCENT-BA201N Datasheet
261Kb / 3P
   Low Capacitance and Insertion Loss
logo
List of Unclassifed Man...
BA202 ETC-BA202 Datasheet
45Kb / 2P
   BA/BC Series: 1.5 - 6.0 Watts Single and Dual Outputs
More results

Similar Description - BA2R08MV1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BL2R ETC2-BL2R Datasheet
597Kb / 3P
   Multi-voltage 12 ??40 V AC/DC
logo
Integrated Power Design...
SRP-40A IPDPOWER-SRP-40A Datasheet
342Kb / 2P
   40 WATTS SINGLE/MULTI OUTPUT AC-DC
logo
BELIMO AIRCONTROLS (USA...
AKRB24-IP BELIMO-AKRB24-IP Datasheet
171Kb / 1P
   Nominal voltage AC/DC 24 V
logo
WAGO Kontakttechnik Gmb...
859-353 WAGO-859-353 Datasheet
548Kb / 10P
   Relay module; Nominal input voltage: 12 V AC/DC; 1 changeover contact
logo
Integrated Power Design...
NXT-400M IPDPOWER-NXT-400M Datasheet
486Kb / 2P
   MULTI OUTPUT AC-DC
REV. KKL 10/7/2022
logo
AIMTEC
AME40-MAZ AIMTEC-AME40-MAZ_16 Datasheet
679Kb / 4P
   40 Watt | AC-DC / DC-DC Converter
AME40-MAZ AIMTEC-AME40-MAZ_12 Datasheet
411Kb / 3P
   40 Watt | AC-DC / DC-DC Converter
AMEC40-MAZ AIMTEC-AMEC40-MAZ_12 Datasheet
209Kb / 4P
   40 Watt | AC-DC / DC-DC Converter
AMES40-MAZ AIMTEC-AMES40-MAZ_12 Datasheet
246Kb / 4P
   40 Watt | AC-DC / DC-DC Converter
AMEC40-MAZ AIMTEC-AMEC40-MAZ_13 Datasheet
437Kb / 4P
   40 Watt | AC-DC / DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com