Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M2FH3 Datasheet(PDF) 7 Page - Shindengen Electric Mfg.Co.Ltd

Part # M2FH3
Description  SCHOTTKY RECTIFIERS (SBD)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

M2FH3 Datasheet(HTML) 7 Page - Shindengen Electric Mfg.Co.Ltd

Back Button M2FH3 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd M2FH3 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd M2FH3 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd M2FH3 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd M2FH3 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd M2FH3 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd M2FH3 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd M2FH3 Datasheet HTML 10Page - Shindengen Electric Mfg.Co.Ltd M2FH3 Datasheet HTML 11Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
10
100
1000
0.1
1
10
f=1MHz
Tl=25°C
TYP
M2FH3
0.2
0.5
25
20
30
2000
500
200
50
20
Junction Capacitance
Reverse Voltage
VR [V]


Similar Part No. - M2FH3

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
M2FH3 SHINDENGEN-M2FH3_10 Datasheet
557Kb / 2P
   Schottky Barrier Diode
More results

Similar Description - M2FH3

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
SF20SC6 SHINDENGEN-SF20SC6 Datasheet
451Kb / 10P
   SCHOTTKY RECTIFIERS (SBD)
SF20SC9 SHINDENGEN-SF20SC9 Datasheet
356Kb / 8P
   SCHOTTKY RECTIFIERS SBD
SF20JC10 SHINDENGEN-SF20JC10 Datasheet
256Kb / 8P
   Schottky Rectifiers (SBD)
DG1M3 SHINDENGEN-DG1M3 Datasheet
248Kb / 8P
   SCHOTTKY RECTIFIERS (SBD)
DG1H3 SHINDENGEN-DG1H3 Datasheet
261Kb / 9P
   SCHOTTKY RECTIFIERS (SBD)
M2FM3 SHINDENGEN-M2FM3 Datasheet
480Kb / 12P
   SCHOTTKY RECTIFIERS (SBD)
S40HC1R5 SHINDENGEN-S40HC1R5 Datasheet
254Kb / 8P
   SCHOTTKY RECTIFIERS SBD
M1FM3 SHINDENGEN-M1FM3 Datasheet
541Kb / 12P
   Schottky Rectifiers (SBD)
S60HC3 SHINDENGEN-S60HC3 Datasheet
255Kb / 8P
   Schottky Rectifiers(SBD)
D15XBS6 SHINDENGEN-D15XBS6 Datasheet
476Kb / 11P
   Schottky Rectifiers(SBD)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com