Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC143ZCA Datasheet(PDF) 3 Page - Rohm

Part # DTC143ZCA
Description  NPN 100mA 50V Digital Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTC143ZCA Datasheet(HTML) 3 Page - Rohm

  DTC143ZCA Datasheet HTML 1Page - Rohm DTC143ZCA Datasheet HTML 2Page - Rohm DTC143ZCA Datasheet HTML 3Page - Rohm DTC143ZCA Datasheet HTML 4Page - Rohm DTC143ZCA Datasheet HTML 5Page - Rohm DTC143ZCA Datasheet HTML 6Page - Rohm DTC143ZCA Datasheet HTML 7Page - Rohm DTC143ZCA Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DTC143ZCA
 
 
               
Datasheet
l
lElectrical characteristic curves (Ta =25°C)
Fig.1 Input voltage vs. output current (ON
characteristics)
Fig.2 Output current vs. input voltage (OFF
characteristics)
Fig.3 Output current vs. output voltage
Fig.4 DC current gain vs. output current
                                                                                           
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
3/5
20150807 - Rev.001


Similar Part No. - DTC143ZCA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC143ZCA ROHM-DTC143ZCA Datasheet
71Kb / 3P
   Digital transistors (built-in resistors)
logo
Jiangsu Changjiang Elec...
DTC143ZCA JIANGSU-DTC143ZCA Datasheet
48Kb / 1P
   DIGITAL TRANSISTOR(NPN)
logo
SeCoS Halbleitertechnol...
DTC143ZCA SECOS-DTC143ZCA Datasheet
205Kb / 2P
   Digital Transistors (Built-in Resistors)
logo
Rectron Semiconductor
DTC143ZCA RECTRON-DTC143ZCA Datasheet
367Kb / 3P
   SOT-23 DIGITAL TRANSISTORS TRANSISTOR (NPN)
logo
Micro Commercial Compon...
DTC143ZCA MCC-DTC143ZCA Datasheet
97Kb / 2P
   Digital Transistors
More results

Similar Description - DTC143ZCA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC144ECA ROHM-DTC144ECA Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistors
DTC144G ROHM-DTC144G Datasheet
1Mb / 10P
   NPN 100mA 50V Digital Transistors
DTC114EUBHZG ROHM-DTC114EUBHZG Datasheet
1Mb / 9P
   NPN 100mA 50V Digital Transistors
DTC143X ROHM-DTC143X_15 Datasheet
3Mb / 12P
   NPN 100mA 50V Digital Transistors
DTC114ECA ROHM-DTC114ECA Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistors
DTC144GUAT106 ROHM-DTC144GUAT106 Datasheet
424Kb / 7P
   NPN 100mA 50V Digital Transistors
DTC143ZKAT146 ROHM-DTC143ZKAT146 Datasheet
566Kb / 11P
   NPN 100mA 50V Digital Transistors
DTC114YCA ROHM-DTC114YCA Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistors
DTC015T ROHM-DTC015T Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistors
DTC143E ROHM-DTC143E_15 Datasheet
3Mb / 12P
   NPN 100mA 50V Digital Transistors
DTC143T ROHM-DTC143T_12 Datasheet
1Mb / 11P
   NPN 100mA 50V Digital Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com