Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

G771 Datasheet(PDF) 5 Page - Global Mixed-mode Technology Inc

Part No. G771
Description  Two Remote Temperature Sensors with SMBus Serial Interface and System Reset Circuit
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G771 Datasheet(HTML) 5 Page - Global Mixed-mode Technology Inc

  G771 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G771 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G771 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G771 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G771 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G771 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G771 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G771 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G771 Datasheet HTML 9Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Ver 0.2 Preliminary
Dec 11, 2001
TEL: 886-3-5788833
http://www.gmt.com.tw
5
G771
Global Mixed-mode Technology Inc.
Detailed Description
The G771 (patents pending) consists of two tempera-
ture sensors, one on-chip temperature sensor and
provides system-reset function.
The temperature sensor is designed to work in con-
junction with an external micro-controller (µC) or other
intelligence in thermostatic, process-control, or moni-
toring applications. The µC is typically a powerman-
agement or keyboard controller, generating SMBus se-
rial commands by "bit-banging" general-purpose in-
put-output (GPIO) pins or via a dedicated SMBus inter-
face block.
Essentially a 12-bit serial analog-to-digital converter
(ADC) with a sophisticated front end, the G771 con-
tains a switched current source, a multiplexer, an ADC,
an SMBus interface, a reset circuit and associated
control logic (Figure 1).
Temperature data from the ADC is loaded into two
data registers, where it is automatically compared with
data previously stored in four over/under-temperature
alarm registers.
ADC and Multiplexer
The ADC is an averaging type that integrates over a
60ms period (each channel, typical).
The multiplexer automatically steers bias currents
through two remote diodes, measures their forward
voltages, and computes their temperatures. All chan-
nels are converted automatically once the conversion
process has started, either in free-running or sin-
gle-shot mode. If one of the two channels is not used,
the device still performs all measurements, and the
user can simply ignore the results of the unused chan-
nel. If the remote diode channel is unused, tie DXPx to
DXN rather than leaving the pins open.
The DXN input is internally connected to the ground
node inside the chip to set up the analog to digital
(A/D) inputs for a differential measurement. The
worst-case DXP-DXN differential input voltage range
is 0.25V to 0.95V.
Excess resistance in series with the remote diode causes
about +1/2°C error per ohm. Likewise, 200µV of offset
voltage forced on DXP-DXN causes about 1°C error.
Fig 1. Functional Diagram
DXP2
THERMAL SHUTDOWN
LOGIC
CONTROL
LOGIC
SMBUS
REGISTERS
MUX
ADC
RESET
CIRCUIT
TH_SHUT
SMBCLK
SMBDATA
ALERT
RESET
V
CC
+
+
DXP1
DXN
+
INTERNAL GROUND
V
CC
DXP2
THERMAL SHUTDOWN
LOGIC
CONTROL
LOGIC
SMBUS
REGISTERS
MUX
ADC
RESET
CIRCUIT
TH_SHUT
SMBCLK
SMBDATA
ALERT
RESET
V
CC
+
+
DXP1
DXN
+
INTERNAL GROUND
V
CC


Similar Part No. - G771

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
G775-0U ETC1-G775-0U Datasheet
417Kb / 7P
   Single Phase Full Wave Bridge Retifiers
G775-1U ETC1-G775-1U Datasheet
417Kb / 7P
   Single Phase Full Wave Bridge Retifiers
G775-2U ETC1-G775-2U Datasheet
417Kb / 7P
   Single Phase Full Wave Bridge Retifiers
G775-3U ETC1-G775-3U Datasheet
417Kb / 7P
   Single Phase Full Wave Bridge Retifiers
G775-4U ETC1-G775-4U Datasheet
417Kb / 7P
   Single Phase Full Wave Bridge Retifiers
More results

Similar Description - G771

ManufacturerPart No.DatasheetDescription
Silicon Standard Corp.
Silicon Standard Corp.
SS8017 SSC-SS8017 Datasheet
497Kb / 16P
   Two Remote Temperature Sensors with SMBus Serial Interface and System Reset
Global Mixed-mode Technology Inc
Global Mixed-mode Techn...
G768D GMT-G768D Datasheet
343Kb / 16P
   Two Remote Temperature Sensors and One Fan Controller with SMBus Serial Interface and System Reset Circuit
G7921 GMT-G7921 Datasheet
157Kb / 1P
   Three Remote Temperature Sensors and One Fan Controllers with SMBus Serial Interface and System Reset Circuit
G7923 GMT-G7923 Datasheet
34Kb / 2P
   Three Remote Temperature Sensors and One Fan Controllers with SMBus Serial Interface and System Reset Circuit
List of Unclassifed Manufacturers
List of Unclassifed Man...
G768B ETC-G768B Datasheet
370Kb / 15P
   Remote/Local Temperature Sensor, 2 Fan Controllers with SMBus Serial Interface and System Reset Circuit
Maxim Integrated Products
Maxim Integrated Produc...
MAX6695 MAXIM-MAX6695_11 Datasheet
299Kb / 19P
   Dual Remote/Local Temperature Sensors with SMBus Serial Interface
Rev 3; 4/11
MAX6695 MAXIM-MAX6695 Datasheet
192Kb / 20P
   Dual Remote/Local Temperature Sensors with SMBus Serial Interface
Rev 1; 5/04
MAX1618 MAXIM-MAX1618 Datasheet
430Kb / 20P
   Remote Temperature Sensor with SMBus Serial Interface
19-1495; Rev 1; 10/99
List of Unclassifed Manufacturers
List of Unclassifed Man...
G766 ETC1-G766 Datasheet
248Kb / 13P
   Remote Temperature Sensor with SMBus Serial Interface
Maxim Integrated Products
Maxim Integrated Produc...
MAX1617A MAXIM-MAX1617A_12 Datasheet
343Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 1; 10/12
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz