Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-19243F12H-E6T1U Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S-19243F12H-E6T1U
Description  CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-19243F12H-E6T1U Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S-19243F12H-E6T1U Datasheet HTML 3Page - Seiko Instruments Inc S-19243F12H-E6T1U Datasheet HTML 4Page - Seiko Instruments Inc S-19243F12H-E6T1U Datasheet HTML 5Page - Seiko Instruments Inc S-19243F12H-E6T1U Datasheet HTML 6Page - Seiko Instruments Inc S-19243F12H-E6T1U Datasheet HTML 7Page - Seiko Instruments Inc S-19243F12H-E6T1U Datasheet HTML 8Page - Seiko Instruments Inc S-19243F12H-E6T1U Datasheet HTML 9Page - Seiko Instruments Inc S-19243F12H-E6T1U Datasheet HTML 10Page - Seiko Instruments Inc S-19243F12H-E6T1U Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 74 page
background image
FOR AUTOMOTIVE 105
°C OPERATION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.0_00
S-19243xxxH Series
7
2. Function list of product type
Table 1
Product
Type
ON / OFF
Logic
Soft-start Time
Discharge Shunt
Function
Pull-down
Resistor
Output Voltage
Package
A
Active "H"
Fixed to
tSS = 1.0 ms typ.
*1
Available
Available
Internally set
HSOP-8A, HSOP-6,
SOT-89-5, HSNT-8(2030)
Externally set
HSOP-6
B
Active "H"
Fixed to
tSS = 1.0 ms typ.
*1
Available
Unavailable
Internally set
HSOP-8A, HSOP-6,
SOT-89-5, HSNT-8(2030)
Externally set
HSOP-6
C
Active "H"
Fixed to
tSS = 1.0 ms typ.
*1
Unavailable
Available
Internally set
HSOP-8A, HSOP-6,
SOT-89-5, HSNT-8(2030)
Externally set
HSOP-6
D
Active "H"
Fixed to
tSS = 1.0 ms typ.
*1
Unavailable
Unavailable
Internally set
HSOP-8A, HSOP-6,
SOT-89-5, HSNT-8(2030)
Externally set
HSOP-6
E
Active "H"
Changeable by
the capacitor (CSS)
Available
Available
Internally set
TO-252-5S(A), HSOP-8A,
HSOP-6, SOT-89-5,
HSNT-8(2030)
Externally set
HSOP-8A, HSNT-8(2030)
F
Active "H"
Changeable by
the capacitor (CSS)
Available
Unavailable
Internally set
TO-252-5S(A), HSOP-8A,
HSOP-6, SOT-89-5,
HSNT-8(2030)
Externally set
HSOP-8A, HSNT-8(2030)
G
Active "H"
Changeable by
the capacitor (CSS)
Unavailable
Available
Internally set
TO-252-5S(A), HSOP-8A,
HSOP-6, SOT-89-5,
HSNT-8(2030)
Externally set
HSOP-8A, HSNT-8(2030)
H
Active "H"
Changeable by
the capacitor (CSS)
Unavailable
Unavailable
Internally set
TO-252-5S(A), HSOP-8A,
HSOP-6, SOT-89-5,
HSNT-8(2030)
Externally set
HSOP-8A, HSNT-8(2030)
*1.
The soft-start time (tSS) is fixed to 1.0 ms typ. that cannot be changed.
3. Packages
Table 2 Package Drawing Codes
Package Name
Dimension
Tape
Reel
Land
TO-252-5S(A)
VA005-A-P-SD
VA005-A-C-SD
VA005-A-R-SD
VA005-A-L-SD
HSOP-8A
FH008-A-P-SD
FH008-A-C-SD
FH008-A-R-SD
FH008-A-L-SD
HSOP-6
FH006-A-P-SD
FH006-A-C-SD
FH006-A-R-S1
FH006-A-L-SD
SOT-89-5
UP005-A-P-SD
UP005-A-C-SD
UP005-A-R-SD
HSNT-8(2030)
PP008-A-P-SD
PP008-A-C-SD
PP008-A-R-SD
PP008-A-L-SD


Similar Part No. - S-19243F12H-E6T1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-19243F12H-E6T1U ABLIC-S-19243F12H-E6T1U Datasheet
1Mb / 74P
   AUTOMOTIVE, 105째C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
More results

Similar Description - S-19243F12H-E6T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-19243A12A-E8T1U SII-S-19243A12A-E8T1U Datasheet
3Mb / 74P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19253E12H-U5T1U SII-S-19253E12H-U5T1U Datasheet
2Mb / 30P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19254E12H-E8T1U SII-S-19254E12H-E8T1U Datasheet
2Mb / 32P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19244A12H-E8T1U SII-S-19244A12H-E8T1U Datasheet
3Mb / 68P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19244A12A-E8T1U SII-S-19244A12A-E8T1U Datasheet
3Mb / 68P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
logo
ABLIC Inc.
S-1335 ABLIC-S-1335 Datasheet
756Kb / 67P
   HIGH RIPPLE-REJECTION SOFT-START FUNCTION CMOS VOLTAGE REGULATOR
Rev.1.3_02
logo
Torex Semiconductor
XC6601 TOREX-XC6601_2 Datasheet
701Kb / 33P
   Low Voltage Input LDO Voltage Regulator with Soft-Start Function
logo
Seiko Instruments Inc
S-1137 SII-S-1137 Datasheet
2Mb / 47P
   HIGH RIPPLE-REJECTION LOW DROPOUT SOFT-START FUNCTION CMOS VOLTAGE REGULATOR
logo
Skyworks Solutions Inc.
AAT1161 SKYWORKS-AAT1161 Datasheet
1Mb / 18P
   Soft Start Function
logo
Mechatronics, Inc.
MA1751 MECHATRONICS-MA1751 Datasheet
375Kb / 1P
   soft start function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com