Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARRAN5-915.000MHZ Datasheet(PDF) 2 Page - Abracon Corporation

Part # ARRAN5-915.000MHZ
Description  RFID Reader (Passive)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ARRAN5-915.000MHZ Datasheet(HTML) 2 Page - Abracon Corporation

  ARRAN5-915.000MHZ Datasheet HTML 1Page - Abracon Corporation ARRAN5-915.000MHZ Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ARRAN5-915.000MHz
30332Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000| fax 949-546-8001 | www.abracon.com
Revised
Visitwww.abracon.com forTerms & Conditions of Sale
CERTIFIED
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
CAUTION:
(1) Do not apply excess mechanical stress to the component body or terminations. Do not attempt to re-form or bend the components as this will cause
damage to the component.
(2) Do not expose the component to open flame.
(3) This specification applies to the functionality of the component as a single unit. Please insure the component is thoroughly evaluated in the application
circuit.
NOTE:
1) The parts are manufactured in accordance with this specification. If other conditions and specifications which are required for this specifica-
tion, please contact ABRACON for more information.
2) ABRACON will supply the parts in accordance with this specification unless we receive a written request to modify prior to an order placement.
3) In no case shall ABRACON be liable for any product failure from in appropriate handling or operation of the item beyond the scope of this specifica-
tion.
4) When changing your production process, please notify ABRACON immediately.
5) ABRACON Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated,
Automotive Applications. ABRACON’s products are not
specifically designed for Military, Aviation, Aerospace, Life-dependant Medical
applications or any application requiring high reliability where component failure could result in loss of life and/or property.
For applications
requiring high reliability and/or presenting an extreme operating environment, written consent and authorization from ABRACON Corporation is
required. Please contact ABRACON Corporation for more information.
6) All specifications and Marking will be subject to change without notice.
RoHS/RoHS II Compliant
Unit: mm
TAPE & REEL:
Each tray contains 50pcs of RFID Reader. There are 5 trays per vacuum bag, and 4 vacuum bags per carton
(outer box). The size of each carton is 345*210*275mm.
Package Type
Quantity
Tray
50 pcs/tray
Vacuum Bag
200pcs/vacuum bag
Outer Box
1000 pcs/outer box
Tray
Outer Box
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automotive Applica-
tions. Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requiring high reliability where
component failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme operating environment, written consent and
authorization from Abracon Corporation is required. Please contact Abracon Corporation for more information.
35.0 x 35.0 x 8.2mm
11.17.14
RFID Reader (Passive)


Similar Part No. - ARRAN5-915.000MHZ

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ARRAN5-868.000MHZ ABRACON-ARRAN5-868.000MHZ Datasheet
2Mb / 2P
   RFID Reader (Passive)
11.17.14
More results

Similar Description - ARRAN5-915.000MHZ

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ARRRN5-915.000MHZ ABRACON-ARRRN5-915.000MHZ Datasheet
3Mb / 2P
   RFID Reader (Passive)
11.17.14
ARRTN5-915.000MHZ ABRACON-ARRTN5-915.000MHZ Datasheet
4Mb / 2P
   RFID Reader (Passive)
11.24.14
ARRAN5-868.000MHZ ABRACON-ARRAN5-868.000MHZ Datasheet
2Mb / 2P
   RFID Reader (Passive)
11.17.14
ARRCN5-915.000MHZ ABRACON-ARRCN5-915.000MHZ Datasheet
1Mb / 2P
   RFID Reader (Passive)
11.17.14
ARRSN5-915.000MHZ ABRACON-ARRSN5-915.000MHZ Datasheet
4Mb / 2P
   RFID Reader (Passive)
11.24.14
ARRCN5-868.000MHZ ABRACON-ARRCN5-868.000MHZ Datasheet
2Mb / 2P
   RFID Reader (Passive)
11.17.14
ARRRN5-868.000MHZ ABRACON-ARRRN5-868.000MHZ Datasheet
3Mb / 2P
   RFID Reader (Passive)
11.17.14
ARRSN5-868.000MHZ ABRACON-ARRSN5-868.000MHZ Datasheet
4Mb / 2P
   RFID Reader (Passive)
11.17.14
ARRTN5-868.000MHZ ABRACON-ARRTN5-868.000MHZ Datasheet
4Mb / 2P
   RFID Reader (Passive)
11.24.14
ARRUN5-868.000MHZ ABRACON-ARRUN5-868.000MHZ Datasheet
4Mb / 2P
   RFID Reader (Passive)
11.24.14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com