Electronic Components Datasheet Search |
|
S-19212B80A-S8T1U Datasheet(PDF) 3 Page - Seiko Instruments Inc |
|
S-19212B80A-S8T1U Datasheet(HTML) 3 Page - Seiko Instruments Inc |
3 / 58 page FOR AUTOMOTIVE 125 °C OPERATION HIGH-WITHSTAND VOLTAGE LOW DROPOUT CMOS VOLTAGE REGULATOR Rev.5.0_00 S-19212B/DxxA Series 3 AEC-Q100 Qualified*1 This IC supports AEC-Q100 for operation temperature grade 1. Contact our sales office for details of AEC-Q100 reliability specification. *1. TO-252-5S(A), HTMSOP-8 package products are in the process of AEC-Q100. Contact our sales office for details. Product Name Structure Users can select the output voltage and package type for the S-19212B/DxxA Series. Refer to "1. Product name" regarding the contents of product name, "2. Function list of product types" regarding the product type, "3. Packages" regarding the package drawings and "4. Product name list" for details of product names. 1. Product name S-19212 x xx A - xxxx U Package abbreviation and IC packing specifications *1 V5T2: TO-252-5S(A), Tape E8T1: HSOP-8A, Tape E6T1: HSOP-6, Tape U5T1: SOT-89-5, Tape S8T1: HTMSOP-8, Tape M5T1: SOT-23-5, Tape Operation temperature A: Ta = −40°C to +125°C Set output voltage 25 to G0 (e.g., when the set output voltage is 2.5 V, it is expressed as 25. when the set output voltage is 10.0 V, it is expressed as A0. when the set output voltage is 11.0 V, it is expressed as B0. when the set output voltage is 16.0 V, it is expressed as G0.) Product type *2 B, D Environmental code U: Lead-free (Sn 100%), halogen-free *1. Refer to the tape drawing. *2. Refer to "2. Function list of product types" and "3. ON / OFF pin" in " Operation". 2. Function list of product types Table 1 Product Type ON / OFF Logic ON / OFF pin input voltage "H" ON / OFF pin input voltage "L" B Active "H" 1.5 V min. 0.25 V max. D Active "H" 2.0 V min. 0.8 V max. |
Similar Part No. - S-19212B80A-S8T1U |
|
Similar Description - S-19212B80A-S8T1U |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |