Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALAN-2202 Datasheet(PDF) 2 Page - Abracon Corporation

Part # ALAN-2202
Description  10/100 Base-T Single Port LAN Transformer w/ PoE Extended Temperature 3 Cores Solution
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ALAN-2202 Datasheet(HTML) 2 Page - Abracon Corporation

  ALAN-2202 Datasheet HTML 1Page - Abracon Corporation ALAN-2202 Datasheet HTML 2Page - Abracon Corporation ALAN-2202 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SCHEMATICS
12.70 x 9.40 x 5.70mm
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
RoHS/RoHS II Compliant
ICAL CHARACTERISTIC CURVE
REFLOW PROFILE:
2 Faraday, Suite# B
| Irvine | CA 92618 Revised: 03.13.15
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale
LLC
y
l
b
m
e
s
s
A
e
e
r
F
-
b
P
e
r
u
t
a
e
F
e
li
f
o
r
P
Average Ramp-Up Rate
(Ts max to Tp)
3°C /second max.
Preheat
-Temperature Min (Ts min)
-Temperature Max (Ts max)
-Time (ts min to ts max)
150°C
200°C
60-120 seconds
Time maintained above:
-Temperature (TL)
-Time (tL)
217°C
60-150 seconds
Peak/Classification Temperature (Tp)
245±5°C
Time within 5°C of actual Peak
Temperature (tp)
20-40 seconds
Ramp-Down Rate
6°C /seconds max
Time 25°C to Peak Temperature
8 minutes max.
ALAN-2202
10/100 Base-T Single Port LAN Transformer
w/ PoE+ Extended Temperature 3 Cores Solution


Similar Part No. - ALAN-2202

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ALAN-2201 ABRACON-ALAN-2201 Datasheet
3Mb / 3P
   10/100 Base-T Single Port LAN Transformer w/ PoE Extended Temperature 3 Cores Solution
03.13.15
ALAN-2204 ABRACON-ALAN-2204 Datasheet
3Mb / 3P
   10/100 Base-T Single Port LAN Transformer w/ PoE Extended Temperature
03.13.15
More results

Similar Description - ALAN-2202

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ALAN-2201 ABRACON-ALAN-2201 Datasheet
3Mb / 3P
   10/100 Base-T Single Port LAN Transformer w/ PoE Extended Temperature 3 Cores Solution
03.13.15
ALAN-2204 ABRACON-ALAN-2204 Datasheet
3Mb / 3P
   10/100 Base-T Single Port LAN Transformer w/ PoE Extended Temperature
03.13.15
ALAN-508 ABRACON-ALAN-508 Datasheet
2Mb / 3P
   10/100 Base-T Single Port LAN Transformer w/ PoE Extended Temperature
03.25.15
ALAN-2301 ABRACON-ALAN-2301 Datasheet
4Mb / 3P
   100/1000 Base-T Single Port LAN Transformer w/ PoE Extended Temperature
03.19.15
ALAN-2302 ABRACON-ALAN-2302 Datasheet
5Mb / 3P
   100/1000 Base-T Single Port LAN Transformer w/ PoE, 3 Wires Extended Temperature
03.24.15
logo
Taoglas antenna solutio...
TM2019ANL TAOGLAS-TM2019ANL Datasheet
902Kb / 9P
   LAN Transformer 10/100 Base-T PoE
2022-11-08
logo
Allied Components Inter...
AHSC-4400I ALLIED-AHSC-4400I Datasheet
644Kb / 1P
   10/100 Base-T Single Port PoE Lan Filter
logo
Abracon Corporation
ALAN-2401 ABRACON-ALAN-2401 Datasheet
5Mb / 3P
   10G Base-T, Single, LAN Transformer, w/ PoE, 3 Wires
03.24.15
ALAN210001 ABRACON-ALAN210001 Datasheet
1Mb / 7P
   POE 10/100/1000 BASE-T Single Port SMD LAN Transformer Module
09-4-19
ALAN110001 ABRACON-ALAN110001 Datasheet
747Kb / 9P
   POE 10/100/1000 BASE-T Single Port SMD LAN Transformer Module
10-8-21
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com