Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ABNTC-0201-103K-3380H Datasheet(PDF) 3 Page - Abracon Corporation

Part No. ABNTC-0201-103K-3380H
Description  Chip NTC Thermistor
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ABRACON [Abracon Corporation]
Homepage  http://www.abracon.com/index.htm
Logo ABRACON - Abracon Corporation

ABNTC-0201-103K-3380H Datasheet(HTML) 3 Page - Abracon Corporation

  ABNTC-0201-103K-3380H Datasheet HTML 1Page - Abracon Corporation ABNTC-0201-103K-3380H Datasheet HTML 2Page - Abracon Corporation ABNTC-0201-103K-3380H Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Chip NTC Thermistor
ABNTC-0201
0.6 x 0.3 x 0.3 mm
.
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
CERTIFIED
30332Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000| fax 949-546-8001 | www.abracon.com
Revised: 12.02.12
Visit
www.abracon.com for Terms & Conditions of Sale
ISO 9001:2008
TAPE & REEL:
Dimension: mm
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automotive Applications.
Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requiring high reliability where component
failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme operating environment, written consent and authorization from
Abracon Corporation is required. Please contact Abracon Corporation for more information.
RoHS/RoHS II Compliant
Packing
T: 15,000pcs / reel
A
B
P
T (max)
0.40±0.1
0.70±0.1
2.0±0.05
0.55


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn