Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ABNTC-0201-104H-4150H Datasheet(PDF) 1 Page - Abracon Corporation

Part No. ABNTC-0201-104H-4150H
Description  Chip NTC Thermistor
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ABRACON [Abracon Corporation]
Homepage  http://www.abracon.com/index.htm
Logo ABRACON - Abracon Corporation

ABNTC-0201-104H-4150H Datasheet(HTML) 1 Page - Abracon Corporation

  ABNTC-0201-104H-4150H Datasheet HTML 1Page - Abracon Corporation ABNTC-0201-104H-4150H Datasheet HTML 2Page - Abracon Corporation ABNTC-0201-104H-4150H Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Chip NTC Thermistor
ABNTC-0201
STANDARD SPECIFICATIONS:
APPLICATIONS:
FEATURES:
0.6 x 0.3 x 0.3 mm
.
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
CERTIFIED
30332Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000| fax 949-546-8001 | www.abracon.com
Revised: 12.02.12
Visit
www.abracon.com for Terms & Conditions of Sale
ISO 9001:2008
Operating Temperature: -55˚C ~+125˚C
Storage Temperature: -10˚C ~ +40˚C and RH 75% (Max.)
MSL level: 2A(This product is packed with dry packaging)
Δ: Please specify the tolerance code of R25 (F=±1%, H=±3%, J=±5%, K=±10%).
□: Please specify the tolerance code of B value (F=±1%, H=±3%).
Part Number
Resistance at
25˚CR25 (kΩ)
B constant
(25-50˚C) (K)
Max. Permissive
Operating
Current (25℃)
(mA)
Thermal
Time
Constant
Dissipation
Factor
(mW/˚C )
Rated
Electric
Power
(mW)
ABNTC-0201-103Δ-3380□
10
3380
0.31
<3sec
1.0
100
ABNTC-0201-683Δ-4150□
68
4150
0.11
ABNTC-0201-104Δ-4150□
100
4150
0.10
RoHS/RoHS II Compliant
ELECTRICAL CHARACTERISTICS CURVES
• Large B constant for high temperature sensing capability
• Designed for high density
• Available in standard EIA compatible case size
• Internal electrode designed for enhanced reliability
• Excellent aging stability
• For temperature measurement or sensor: Digital thermometer,
measuring instruments, temperature controller
• For temperature compensation: transistor circuit, TCXO, Crystal
Oscillator
• LED lighting driver, Notebook, Cell Phone, Power Supplies, Disk Drive


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn