Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ABNTC-0603 Datasheet(PDF) 1 Page - Abracon Corporation

Part No. ABNTC-0603
Description  Chip NTC Thermistor
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ABRACON [Abracon Corporation]
Homepage  http://www.abracon.com/index.htm
Logo ABRACON - Abracon Corporation

ABNTC-0603 Datasheet(HTML) 1 Page - Abracon Corporation

  ABNTC-0603 Datasheet HTML 1Page - Abracon Corporation ABNTC-0603 Datasheet HTML 2Page - Abracon Corporation ABNTC-0603 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Chip NTC Thermistor
ABNTC-0603
STANDARD SPECIFICATIONS:
APPLICATIONS:
FEATURES:
1.6 x 0.8 x 0.8 mm
.
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
CERTIFIED
30332Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000| fax 949-546-8001 | www.abracon.com
Revised: 02.17.15
Visit
www.abracon.com for Terms & Conditions of Sale
ISO 9001:2008
Operating Temperature: -55˚C ~+125˚C
Storage Temperature: -10˚C ~ +40˚C and RH 75% (Max.)
RoHS/RoHS II Compliant
• Large B constant for high temperature sensing capability
• Designed for high density
• Available in standard EIA compatible case size
• Internal electrode designed for enhanced reliability
• Excellent aging stability
• For temperature measurement or sensor: Digital thermometer,
measuring instruments, temperature controller
• For temperature compensation: transistor circuit, TCXO, Crystal
Oscillator
• LED lighting driver, Notebook, Cell Phone, Power Supplies, Disk Drive
Δ: Please specify the tolerance code of R25 (F=±1%, H=±3%, J=±5%, K=±10%).
□: Please specify the tolerance code of B value (F=±1%, H=±3%).
Part Number
Resistance at 25oC
R25 (kΩ)
B constant
(25-50 oC) (K)
Max. Permissive
Operating
Current (25 oC)
(mA)
Thermal Time
Constant
Dissipation
Factor (mW/ oC)
Rated Electric
Power (mW)
ABNTC-0603-222Δ-3950□
2.2
3950
0.67
<5sec
1.0
100
ABNTC-0603-302Δ-3950□
3.0
3950
0.55
ABNTC-0603-472Δ-3500□
4.7
3500
0.44
ABNTC-0603-472Δ-3950□
4.7
3950
0.46
ABNTC-0603-502Δ-3950□
5.0
3950
0.44
ABNTC-0603-682Δ-3950□
6.8
3950
0.38
ABNTC-0603-103Δ-3450□
10
3450
0.31
ABNTC-0603-103Δ-3950□
10
3950
0.33
ABNTC-0603-153Δ-3950□
15
3950
0.25
ABNTC-0603-223Δ-4050□
22
4050
0.21
ABNTC-0603-333Δ-4050□
33
4050
0.17
ABNTC-0603-473Δ-4150□
47
4150
0.14
ABNTC-0603-503Δ-4150□
50
4150
0.13
ABNTC-0603-683Δ-4150□
68
4150
0.12
ABNTC-0603-104Δ-4250□
100
4250
0.10
ABNTC-0603-154Δ-4300□
150
4300
0.08
ABNTC-0603-224Δ-4350□
220
4350
0.06
ABNTC-0603-334Δ-4400□
330
4400
0.05
ABNTC-0603-474J-4000F
470
4000
0.04
ABNTC-0603-684Δ-4500□
680
4500
0.03
ABNTC-0603-135Δ-4700□
1300
4700
0.02
Test Conditions
Unless otherwise specified, the standard atmospheric conditions for measurement/test as:
a. Ambient Temperature: 20±15oCoC
b. Relative Humidity: 65±20%
c. Air Pressure: 86 kPa to 106 kPa


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn