Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-19253E18H-U5T1U Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S-19253E18H-U5T1U
Description  CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-19253E18H-U5T1U Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S-19253E18H-U5T1U Datasheet HTML 2Page - Seiko Instruments Inc S-19253E18H-U5T1U Datasheet HTML 3Page - Seiko Instruments Inc S-19253E18H-U5T1U Datasheet HTML 4Page - Seiko Instruments Inc S-19253E18H-U5T1U Datasheet HTML 5Page - Seiko Instruments Inc S-19253E18H-U5T1U Datasheet HTML 6Page - Seiko Instruments Inc S-19253E18H-U5T1U Datasheet HTML 7Page - Seiko Instruments Inc S-19253E18H-U5T1U Datasheet HTML 8Page - Seiko Instruments Inc S-19253E18H-U5T1U Datasheet HTML 9Page - Seiko Instruments Inc S-19253E18H-U5T1U Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
FOR AUTOMOTIVE 105
°C OPERATION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19253xxxH Series
Rev.1.0_00
6
Electrical Characteristics
Table 6 (1 / 2)
(Tj =
−40°C to +105°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Output voltage
*1
VOUT(E)
VIN = 2.5 V, IOUT = 100 mA
VOUT(S)
< 1.5 V
VOUT(S)
× 0.970
VOUT(S)
VOUT(S)
× 1.030
V
1
VIN = VOUT(S)
+ 1.0 V,
IOUT = 100 mA
1.5 V
≤ VOUT(S)
VOUT(S)
× 0.970
VOUT(S)
VOUT(S)
× 1.030
V
1
Output current
*2
IOUT
VIN = 2.5 V
VOUT(S)
< 1.5 V
500
*5
mA
3
VIN
≥ VOUT(S) + 1.0 V
1.5 V
≤ VOUT(S)
500
*5
mA
3
Dropout voltage
*3
Vdrop
IOUT = 200 mA,
Ta =
+25°C
1.0 V
≤ VOUT(S) < 2.0 V
*4
V
1
2.0 V
≤ VOUT(S) < 2.6 V
0.52
V
1
2.6 V
≤ VOUT(S) ≤ 5.5 V
0.09
V
1
Line regulation
ΔVOUT1
ΔVIN • VOUT
2.5 V
≤ VIN ≤ 6.5 V,
IOUT = 100 mA, Ta =
+25°C
VOUT(S)
< 2.0 V
0.05
0.2
%/V
1
VOUT(S)
+ 0.5 V ≤ VIN ≤ 6.5 V,
IOUT = 100 mA, Ta =
+25°C
2.0 V
≤ VOUT(S)
0.05
0.2
%/V
1
Load regulation
ΔVOUT2
VIN = 2.5 V,
1 mA
≤ IOUT ≤ 200 mA,
Ta =
+25°C
VOUT(S)
< 1.5 V
15
30
mV
1
VIN = VOUT(S)
+ 1.0 V,
1 mA
≤ IOUT ≤ 200 mA,
Ta =
+25°C
1.5 V
≤ VOUT(S)
15
30
mV
1
Current
consumption
during operation
ISS1
VIN = 2.5 V,
ON / OFF pin = ON, no load
VOUT(S)
< 1.5 V
120
150
μA2
VIN = VOUT(S)
+ 1.0 V,
ON / OFF pin = ON, no load
1.5 V
≤ VOUT(S)
120
150
μA2
Current
consumption
during power-off
ISS2
VIN = 2.5 V,
ON / OFF pin = OFF, no load
VOUT(S)
< 1.5 V
0.1
4.5
μA2
VIN = VOUT(S)
+ 1.0 V,
ON / OFF pin = OFF, no load
1.5 V
≤ VOUT(S)
0.1
4.5
μA2
Input voltage
VIN
2.5
6.5
V


Similar Part No. - S-19253E18H-U5T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-19253E18H-U5T1U SII-S-19253E18H-U5T1U Datasheet
2Mb / 30P
   FOR AUTOMOTIVE OPERATION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
logo
ABLIC Inc.
S-19253E18H-U5T1U ABLIC-S-19253E18H-U5T1U Datasheet
782Kb / 30P
   AUTOMOTIVE, 105째C OPERATION, 6.5 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.1.2_00
More results

Similar Description - S-19253E18H-U5T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-19243A12A-E8T1U SII-S-19243A12A-E8T1U Datasheet
3Mb / 74P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19254E12H-E8T1U SII-S-19254E12H-E8T1U Datasheet
2Mb / 32P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19243A12H-E8T1U SII-S-19243A12H-E8T1U Datasheet
3Mb / 74P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19244A12H-E8T1U SII-S-19244A12H-E8T1U Datasheet
3Mb / 68P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19244A12A-E8T1U SII-S-19244A12A-E8T1U Datasheet
3Mb / 68P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
logo
ABLIC Inc.
S-1335 ABLIC-S-1335 Datasheet
756Kb / 67P
   HIGH RIPPLE-REJECTION SOFT-START FUNCTION CMOS VOLTAGE REGULATOR
Rev.1.3_02
logo
Torex Semiconductor
XC6601 TOREX-XC6601_2 Datasheet
701Kb / 33P
   Low Voltage Input LDO Voltage Regulator with Soft-Start Function
logo
Seiko Instruments Inc
S-1137 SII-S-1137 Datasheet
2Mb / 47P
   HIGH RIPPLE-REJECTION LOW DROPOUT SOFT-START FUNCTION CMOS VOLTAGE REGULATOR
logo
Skyworks Solutions Inc.
AAT1161 SKYWORKS-AAT1161 Datasheet
1Mb / 18P
   Soft Start Function
logo
Mechatronics, Inc.
MA1751 MECHATRONICS-MA1751 Datasheet
375Kb / 1P
   soft start function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com