Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-19200B33A-V5T2U Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S-19200B33A-V5T2U
Description  LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-19200B33A-V5T2U Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S-19200B33A-V5T2U Datasheet HTML 4Page - Seiko Instruments Inc S-19200B33A-V5T2U Datasheet HTML 5Page - Seiko Instruments Inc S-19200B33A-V5T2U Datasheet HTML 6Page - Seiko Instruments Inc S-19200B33A-V5T2U Datasheet HTML 7Page - Seiko Instruments Inc S-19200B33A-V5T2U Datasheet HTML 8Page - Seiko Instruments Inc S-19200B33A-V5T2U Datasheet HTML 9Page - Seiko Instruments Inc S-19200B33A-V5T2U Datasheet HTML 10Page - Seiko Instruments Inc S-19200B33A-V5T2U Datasheet HTML 11Page - Seiko Instruments Inc S-19200B33A-V5T2U Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
FOR AUTOMOTIVE 125
°C OPERATION HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-19200A/BxxA Series
Rev.1.0_01
8
Table 7 (2 / 2)
(Tj =
−40°C to +135°C, Ta = −40°C to +125°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
ON / OFF pin input
voltage "H"
VSH
VIN = 13.5 V,
RL = 1.0 k
Ω, determined
by VOUT output level
2.0 V
≤ VOUT(S) < 12.5 V
1.5
V
4
VIN = VOUT(S)
+ 1.0 V,
RL = 1.0 k
Ω, determined
by VOUT output level
12.5 V
≤ VOUT(S) ≤ 15.0 V
1.5
V
4
ON / OFF pin input
voltage "L"
VSL
VIN = 13.5 V,
RL = 1.0 k
Ω, determined
by VOUT output level
2.0 V
≤ VOUT(S) < 12.5 V
0.25
V
4
VIN = VOUT(S)
+ 1.0 V,
RL = 1.0 k
Ω, determined
by VOUT output level
12.5 V
≤ VOUT(S) ≤ 15.0 V
0.25
V
4
ON / OFF pin input
current "H"
ISH
VIN = 13.5 V,
VON / OFF = 13.5 V
2.0 V
≤ VOUT(S) < 12.5 V
−0.1
0.1
μA
4
VIN = VOUT(S)
+ 1.0 V,
VON / OFF = 13.5 V
12.5 V
≤ VOUT(S) ≤ 15.0 V −0.1
0.1
μA
4
ON / OFF pin input
current "L"
ISL
VIN = 13.5 V,
VON / OFF = 0 V
2.0 V
≤ VOUT(S) < 12.5 V
−0.1
0.1
μA
4
VIN = VOUT(S)
+ 1.0 V,
VON / OFF = 0 V
12.5 V
≤ VOUT(S) ≤ 15.0 V −0.1
0.1
μA
4
Ripple rejection
|RR|
VIN = 13.5 V,
f = 100 Hz,
ΔVrip = 0.5 Vrms,
IOUT = 30 mA,
Ta =
+25°C
2.0 V
≤ VOUT(S) < 2.3 V
50
dB
5
2.3 V
≤ VOUT(S) < 3.6 V
45
dB
5
3.6 V
≤ VOUT(S) < 6.1 V
40
dB
5
6.1 V
≤ VOUT(S) < 10.1 V
35
dB
5
10.1 V
≤ VOUT(S) < 12.5 V
30
dB
5
VIN = VOUT(S)
+ 1.0 V,
f = 100 Hz,
ΔVrip = 0.5 Vrms,
IOUT = 30 mA,
Ta =
+25°C
12.5 V
≤ VOUT(S) ≤ 15.0 V
30
dB
5
Short-circuit current
Ishort
VIN = 13.5 V,
ON / OFF pin = ON,
VOUT = 0 V, Ta =
+25°C
2.0 V
≤ VOUT(S) < 12.5 V
80
mA
3
VIN = VOUT(S)
+ 1.0 V,
ON / OFF pin = ON,
VOUT = 0 V, Ta =
+25°C
12.5 V
≤ VOUT(S) ≤ 15.0 V
80
mA
3
Thermal shutdown
detection temperature
TSD
Junction temperature
155
°C
Thermal shutdown
release temperature
TSR
Junction temperature
130
°C
*1.
VOUT(S): Set output voltage
VOUT(E): Actual output voltage
The output voltage when fixing IOUT (= 30 mA) and inputting 13.5 V or VOUT(S)
+ 1.0 V.
*2.
The output current at which the output voltage becomes 95% of VOUT(E) after gradually increasing the output current.
*3.
Vdrop = VIN1
− (VOUT3 × 0.98)
VOUT3 is the output voltage when VIN = VOUT(S)
+ 2.0 V, and IOUT = 100 mA or 200 mA.
VIN1 is the input voltage at which the output voltage becomes 98% of VOUT3 after gradually decreasing the input
voltage.
*4.
The output current can be at least this value.
Due to limitation of the power dissipation, this value may not be satisfied. Attention should be paid to the power
dissipation when the output current is large.
This specification is guaranteed by design.


Similar Part No. - S-19200B33A-V5T2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-19200B33A-V5T2U SII-S-19200B33A-V5T2U Datasheet
2Mb / 32P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
More results

Similar Description - S-19200B33A-V5T2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S1313 SII-S1313 Datasheet
3Mb / 56P
   SUPER LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1206 SII-S-1206 Datasheet
653Kb / 36P
   ULTRA LOW CURRENT CONSUMPTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1206 ABLIC-S-1206 Datasheet
566Kb / 35P
   ULTRA LOW CURRENT CONSUMPTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.2_02
S-1142A ABLIC-S-1142A Datasheet
478Kb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.4.2_02
logo
Seiko Instruments Inc
S-1142C SII-S-1142C Datasheet
1Mb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1142C ABLIC-S-1142C Datasheet
451Kb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.1.3_00
logo
Seiko Instruments Inc
S1142C-A SII-S1142C-A Datasheet
1Mb / 31P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1142A SII-S-1142A Datasheet
1Mb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S1212B SII-S1212B Datasheet
3Mb / 58P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE501 ACE-ACE501_12 Datasheet
807Kb / 10P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com