Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC145145DW2 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC145145DW2
Description  4-Bit Data Bus Inpu PLL Frequency Synthesizer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145145DW2 Datasheet(HTML) 1 Page - Motorola, Inc

  MC145145DW2 Datasheet HTML 1Page - Motorola, Inc MC145145DW2 Datasheet HTML 2Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MC145145–2
MOTOROLA
1
4-Bit Data Bus Input
PLL Frequency Synthesizer
Interfaces with Single–Modulus Prescalers
The MC145145–2 is programmed by a 4–bit input, with strobe and address
lines. The device features consist of a reference oscillator, 12–bit program-
mable reference divider, digital phase detector, 14–bit programmable divide–
by–N counter, and the necessary latch circuitry for accepting the 4–bit input
data.
• Operating Temperature Range: – 40 to 85°C
• Low Power Consumption Through the Use of CMOS Technology
• 3.0 to 9.0 V Supply Range
• Single Modulus 4–Bit Data Bus Programming
•÷N Range = 3 to 16,383, ÷R Range = 3 to 4,095
• “Linearized” Digital Phase Detector Enhances Transfer Function Linearity
• Two Error Signal Options:
Single–Ended (Three–State)
Double–Ended
NOT RECOMMENDED FOR NEW DESIGNS;
PRODUCT TO BE PHASED OUT.
Closest equivalents are the MC145151–2, MC145170–1,
MC14519X series, and MC14520X series.
BLOCK DIAGRAM
φV
LD
ST
A2
A1
A0
D3
D2
D1
D0
LOCK
DETECT
PHASE
DETECTOR
B
PHASE
DETECTOR
A
12–BIT R COUNTER
LATCHES
LATCH
CONTROL
CIRCUITRY
14–BIT N COUNTER
LATCH 1
LATCH 2
L3
REFout
OSCin
OSCout
fin
PDout
φR
LATCH 4
LATCH 5
LATCH 6
fR
fV
LATCH 0
Order this document
by MC145145–2/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
PIN ASSIGNMENTS
MC145145-2
P SUFFIX
PLASTIC DIP
CASE 707
DW SUFFIX
SOG PACKAGE
CASE 751D
ORDERING INFORMATION
MC145145P2
Plastic DIP
MC145145DW2
SOG Package
18
1
20
1
VDD
fin
D0
D1
A1
A0
OSCout
OSCin
VSS
φR
REFout
D3
D2
A2
ST
PDout
LD
φV
14
15
16
17
18
10
11
12
13
5
4
3
2
1
9
8
7
6
PLASTIC DIP
VDD
fin
NC
D0
D1
A1
A0
OSCout
OSCin
VSS
5
4
3
2
1
10
9
8
7
6
14
15
16
17
18
19
20
11
12
13
φV
φR
REFout
D3
D2
NC
A2
ST
PDout
LD
SOG PACKAGE
NC = NO CONNECTION
© Motorola, Inc. 1998
REV 2
1/98
TN98012200


Similar Part No. - MC145145DW2

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
MC145145DW2 LANSDALE-MC145145DW2 Datasheet
1Mb / 12P
   4-Bit Data Bus Input PLL Frequency Synthesizer
MC145145DW2 LANSDALE-MC145145DW2 Datasheet
1Mb / 12P
   4?밄it Data Bus Input PLL Frequency Synthesizer
More results

Similar Description - MC145145DW2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145146-2 MOTOROLA-MC145146-2 Datasheet
59Kb / 2P
   4-Bit Data Bus Input PLL Frequency Synthesizer
logo
LANSDALE Semiconductor ...
ML145145 LANSDALE-ML145145 Datasheet
1Mb / 12P
   4-Bit Data Bus Input PLL Frequency Synthesizer
ML145146 LANSDALE-ML145146 Datasheet
3Mb / 12P
   4-Bit Data Bus Input PLL Frequency Synthesizer
logo
Motorola, Inc
MC145146P-2 MOTOROLA-MC145146P-2 Datasheet
55Kb / 2P
   4 BIT DATA BUS INPUT BUS INPUT PLL FREQUENCY SYNTHESIZER
logo
LANSDALE Semiconductor ...
ML145145 LANSDALE-ML145145_08 Datasheet
1Mb / 12P
   4?밄it Data Bus Input PLL Frequency Synthesizer
ML145146 LANSDALE-ML145146_08 Datasheet
1Mb / 12P
   4?밄it Data Bus Input PLL Frequency Synthesizer
logo
Siemens Semiconductor G...
TBB200 SIEMENS-TBB200 Datasheet
460Kb / 28P
   PLL-Frequency Synthesizer with I2C Bus
logo
Toshiba Semiconductor
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
   PLL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
REV. D
ADF4108 AD-ADF4108 Datasheet
445Kb / 20P
   PLL Frequency Synthesizer
REV. 0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com