Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC145444 Datasheet(PDF) 6 Page - Motorola, Inc

Part # MC145444
Description  Single-Chip 300-Baud Modem
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145444 Datasheet(HTML) 6 Page - Motorola, Inc

Back Button MC145444 Datasheet HTML 2Page - Motorola, Inc MC145444 Datasheet HTML 3Page - Motorola, Inc MC145444 Datasheet HTML 4Page - Motorola, Inc MC145444 Datasheet HTML 5Page - Motorola, Inc MC145444 Datasheet HTML 6Page - Motorola, Inc MC145444 Datasheet HTML 7Page - Motorola, Inc MC145444 Datasheet HTML 8Page - Motorola, Inc MC145444 Datasheet HTML 9Page - Motorola, Inc MC145444 Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MC145444
MOTOROLA
6
TxA2
Inverting Transmit Analog Carrier Output (Pin 17)
This pin is the line driver inverting output. The signal is
equal in magnitude, but 180
° out of phase with the TxA1
(refer to TxA1).
RxA
Receive Signal Input (Pin 19)
This pin is the receive signal input. The pin has an input
impedance of 50 k
Ω (min).
RxGC
Receive Gain Adjust (Pin 20)
This pin is used to adjust the receive buffer gain. To adjust
the gain, the signal from the RxBO through a divider is added
as a feedback. This pin may be held open when the gain
adjustment is not needed.
RxBO
Receiver Buffer Output (Pin 1)
This pin is the receive buffer output.
DSI
Driver Summing Input (Pin 16)
This pin is the inverting input of the line driver. An external
signal is transmitted through an external series resistor RDSI.
The differential gain GDSI = (VTXA1 – VTXA2)/VDSI is deter-
mined by the following equation.
GDSI = – 2Rf / RDSI, Rf ≈ 20 kΩ
DSI should be left open when not used.
CDA
Carrier Detect Level/CPTD Level Control (Pin 4)
The carrier/call progress tone detect level is programmed
with a CDA pin voltage.
When this pin is held open, the CDA voltage is set to
1.2 V with an internal divider. The detect level is set at
– 44 dBm (typ) for off to on, and – 47 dBm (typ) for on to off.
The minimum hysteresis is 2 dB. This pin has a very high
input impedance so it should be connected to GND with a
0.1
µF capacitor to keep it well regulated. An external voltage
may be applied to this pin to adjust the carrier detect
threshold. The following equations may be used to find the
CDA voltage required for a given threshold voltage.
VCDA = 245 × Von
VCDA = 347 × Voff
FTLC
Filter Test (Pin 2)
This pin is a high–impedance filter output. It may be used
to check the receive filter. This pin also may be used as a
demodulator input. In normal operation, this pin is connected
to the GNDA through a 0.1
µF bypass capacitor. This pin
handles very small signals so care must be used with the
capacitor’s wiring.
TLA
Transmit Carrier Level Adjust (Pin 6)
This pin is used to adjust the transmit carrier level that is
determined by the value of the resistor (RTLA) connected
between this pin and GND. The maximum transmit level is
obtained when this pin is connected to GND (RTLA = 0).
SERIAL INTERFACE
The following six functions are set up with the 15–bit serial
data.
T3
T2
T1
T0
CD1
CD0
A2
A1
A0
TONE FREQUENCY
:
CARRIER DETECT TIME
:
CHANNEL
:
SQ
TRANSMIT SQUELCH
:
FUNCTION MODE
:
TRANSMIT ATTENUATOR
:
CH
A3
M2
M1
M0
Figure 3 presents the 15–bit serial data timing, starting
with the carrier detect time, CD1, followed by the channel,
the tone frequency, the transmit squelch, the transmit attenu-
ator, and the function mode. This data is loaded into the inter-
nal shift register at the rising edge of the SCK signal and
latched at the falling edge of the ENB signal.
FUNCTION MODE
Modes are selected from the following 3–bit data (M2 –
M0, see Table 1).
Table 1. Function Mode Truth Table
M2
M1
M0
Function Mode
0
0
0
FSK
0
0
1
Analog Loopback
0
1
0
CPTD
0
1
1
Answer Tone
1
0
0
DTMF
1
0
1
Single Tone
1
1
0
Power–Down 1
1
1
1
Power–Down 2
The following paragraphs describe each function. Table 2
presents each output status.
FSK Mode
The transmitter and the receiver work as a FSK modula-
tor/demodulator. The SD pin output is the carrier’s detect
signal.
Analog Loopback Mode
TxA1 connects to the receiver internally and FSK signals
are demodulated. The frequency of the receiver is set up with
the same frequency as the transmitter. The SD pin output is
the carrier detect signal. An IC self test is supported with this
function.
CPTD Mode
The receiver detects a 400 Hz call progress tone. The
detect signal comes from the SD pin. The transmitter is
disabled.


Similar Part No. - MC145444

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145442 MOTOROLA-MC145442 Datasheet
227Kb / 12P
   SINGLE-CHIP 300-BAUD MODEM
MC145442B MOTOROLA-MC145442B Datasheet
113Kb / 12P
   SINGLE-CHIP 300-BAUD MODEM
MC145442BDW MOTOROLA-MC145442BDW Datasheet
113Kb / 12P
   SINGLE-CHIP 300-BAUD MODEM
logo
LANSDALE Semiconductor ...
MC145442BDW LANSDALE-MC145442BDW Datasheet
800Kb / 11P
   Single-Chip 300-Baud Modem
MC145442BDW LANSDALE-MC145442BDW Datasheet
395Kb / 11P
   Single?밅hip 300?밄aud Modem
More results

Similar Description - MC145444

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML145442 LANSDALE-ML145442 Datasheet
800Kb / 11P
   Single-Chip 300-Baud Modem
logo
Motorola, Inc
MC145442B MOTOROLA-MC145442B Datasheet
113Kb / 12P
   SINGLE-CHIP 300-BAUD MODEM
MC145442 MOTOROLA-MC145442 Datasheet
227Kb / 12P
   SINGLE-CHIP 300-BAUD MODEM
logo
National Semiconductor ...
MM74HC943 NSC-MM74HC943 Datasheet
153Kb / 8P
   300 Baud Modem
logo
Motorola, Inc
MC145446A MOTOROLA-MC145446A Datasheet
267Kb / 14P
   SINGLE-CHIP 300-BAUD MODEM WITH DTMF TRANSCEIVER
logo
National Semiconductor ...
74VHC943 NSC-74VHC943 Datasheet
179Kb / 12P
   300 Baud Modem (5V Supply)
logo
CML Microcircuits
FX409 CMLMICRO-FX409 Datasheet
289Kb / 6P
   1200 BAUD FFSK MODEM
logo
OKI electronic componet...
MSM6926 OKI-MSM6926 Datasheet
183Kb / 25P
   300 bps Single Chip FSK MODEM
logo
TDK Electronics
TSC73M223 TDK-TSC73M223 Datasheet
45Kb / 6P
   1200 Baud FSK Modem
logo
CML Microcircuits
FX419 CMLMICRO-FX419 Datasheet
367Kb / 7P
   1200 BAUD FFSK MODEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com