Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA115ECA Datasheet(PDF) 1 Page - Rohm

Part # DTA115ECA
Description  PNP -100mA -50V Digital Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTA115ECA Datasheet(HTML) 1 Page - Rohm

  DTA115ECA Datasheet HTML 1Page - Rohm DTA115ECA Datasheet HTML 2Page - Rohm DTA115ECA Datasheet HTML 3Page - Rohm DTA115ECA Datasheet HTML 4Page - Rohm DTA115ECA Datasheet HTML 5Page - Rohm DTA115ECA Datasheet HTML 6Page - Rohm DTA115ECA Datasheet HTML 7Page - Rohm DTA115ECA Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DTA115ECA
PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
Datasheet
l
lOutline
Parameter
Value
SOT-23
 
VCC
-50V
 
 
IC(MAX.)
-100mA
 
 
 
 
R1
100kΩ
 
 
R2
100kΩ
(SST3)
 
                     
l
lFeatures
l
lInner circuit
1) Built-In Biasing Resistors, R1 = R2 = 100kΩ
2) Built-in bias resistors enable the configuration of
 an inverter circuit without connecting external
 input resistors (see inner circuit) .
3) The bias resistors consist of thin-film resistors
 with complete isolation to allow negative biasing
of the input. They also have the advantage of
 completely eliminating parasitic effects.
4) Only the on/off conditions need to be set
 for operation, making the circuit design easy.
l
lApplication
INVERTER,INTERFACE,DRIVER
l
lPackaging specifications
                                           
Part No.
Package
Package
size
Taping
code
Reel size
(mm)
Tape width
(mm)
Basic
ordering
unit.(pcs)
Marking
DTA115ECA
SOT-23
(SST3)
2924
T116
180
8
3000
19
                                                                                         
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
1/5
20150817 - Rev.001


Similar Part No. - DTA115ECA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA115ECAHZG ROHM-DTA115ECAHZG Datasheet
1Mb / 9P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
More results

Similar Description - DTA115ECA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA123J ROHM-DTA123J Datasheet
4Mb / 12P
   PNP -100mA -50V Digital Transistors
DTA144W ROHM-DTA144W Datasheet
1Mb / 9P
   PNP -100mA -50V Digital Transistors
DTA143E ROHM-DTA143E Datasheet
4Mb / 12P
   PNP -100mA -50V Digital Transistors
DTA114E ROHM-DTA114E_11 Datasheet
275Kb / 11P
   PNP -100mA -50V Digital Transistors
DTA123JCA ROHM-DTA123JCA Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistors
DTA114ECA ROHM-DTA114ECA Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistors
DTA143ECA ROHM-DTA143ECA_15 Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistors
DTA114E ROHM-DTA114E_15 Datasheet
3Mb / 12P
   PNP -100mA -50V Digital Transistors
DTA143ZUAT106 ROHM-DTA143ZUAT106 Datasheet
554Kb / 11P
   PNP -100mA -50V Digital Transistors
DTA144EKAT146 ROHM-DTA144EKAT146 Datasheet
571Kb / 11P
   PNP -100mA -50V Digital Transistors
DTA143ZCA ROHM-DTA143ZCA Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com