Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTB114EC Datasheet(PDF) 1 Page - Rohm

Part # DTB114EC
Description  PNP -500mA -50V Digital Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTB114EC Datasheet(HTML) 1 Page - Rohm

  DTB114EC Datasheet HTML 1Page - Rohm DTB114EC Datasheet HTML 2Page - Rohm DTB114EC Datasheet HTML 3Page - Rohm DTB114EC Datasheet HTML 4Page - Rohm DTB114EC Datasheet HTML 5Page - Rohm DTB114EC Datasheet HTML 6Page - Rohm DTB114EC Datasheet HTML 7Page - Rohm DTB114EC Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DTB114EC
PNP -500mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
Datasheet
l
lOutline
Parameter
Value
SOT-23
 
VCC
-50V
 
 
IC(MAX.)
-500mA
 
 
 
 
R1
10kΩ
 
 
R2
10kΩ
(SST3)
 
                     
l
lFeatures
l
lInner circuit
1) Built-In Biasing Resistors, R1 = R2 = 10kΩ
2) Built-in bias resistors enable the configuration of
 an inverter circuit without connecting external
 input resistors (see inner circuit) .
3) Only the on/off conditions need to be set
 for operation, making the circuit design easy.
4) Complementary NPN Type: DTD114EC
l
lApplication
INVERTER, INTERFACE, DRIVER
l
lPackaging specifications
                                           
Part No.
Package
Package
size
Taping
code
Reel size
(mm)
Tape width
(mm)
Basic
ordering
unit.(pcs)
Marking
DTB114EC
SOT-23
(SST3)
2924
T116
180
8
3000
F14
                                                                                         
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
1/5
20160208 - Rev.001


Similar Part No. - DTB114EC

ManufacturerPart #DatasheetDescription
logo
Rohm
DTB114ECHZG ROHM-DTB114ECHZG Datasheet
974Kb / 9P
   PNP -500mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
More results

Similar Description - DTB114EC

ManufacturerPart #DatasheetDescription
logo
Rohm
DTB123YC ROHM-DTB123YC Datasheet
1Mb / 8P
   PNP -500mA -50V Digital transistor
DTB114EK ROHM-DTB114EK_16 Datasheet
915Kb / 8P
   PNP -500mA -50V Digital Transistor
DTB123EK ROHM-DTB123EK_15 Datasheet
911Kb / 9P
   -500mA/-50V Digital transistor
DTB113EC ROHM-DTB113EC Datasheet
1Mb / 8P
   -500mA/-50V Digital transistor
DTB113ZK ROHM-DTB113ZK_15 Datasheet
921Kb / 9P
   500mA/-50V Digital transistor
DTD114EC ROHM-DTD114EC Datasheet
1Mb / 8P
   500mA/50V Digital transistor
DTB113EK ROHM-DTB113EK_15 Datasheet
918Kb / 9P
   -500mA/-50V Digital transistor
DTB114GK ROHM-DTB114GK_15 Datasheet
821Kb / 8P
   -500mA/-50V Digital transistor
DTD143EC ROHM-DTD143EC Datasheet
1Mb / 8P
   500mA/50V Digital transistor
DTD113ZC ROHM-DTD113ZC Datasheet
1Mb / 8P
   500mA/50V Digital transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com