Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4455 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # SI4455
Description  20-Pin 3x3 mm QFN package
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4455 Datasheet(HTML) 1 Page - Silicon Laboratories

  SI4455 Datasheet HTML 1Page - Silicon Laboratories SI4455 Datasheet HTML 2Page - Silicon Laboratories SI4455 Datasheet HTML 3Page - Silicon Laboratories SI4455 Datasheet HTML 4Page - Silicon Laboratories SI4455 Datasheet HTML 5Page - Silicon Laboratories SI4455 Datasheet HTML 6Page - Silicon Laboratories SI4455 Datasheet HTML 7Page - Silicon Laboratories SI4455 Datasheet HTML 8Page - Silicon Laboratories SI4455 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Rev 1.1 10/13
Copyright © 2013 by Silicon Laboratories
Si4455
Si4455
E ASY- TO-U SE, L OW-C URRENT OOK/(G)FSK S UB-GH Z
TRANSCEIVER
Features
Applications
Description
Silicon Laboratories’ Si4455 is an easy-to-use, low current, sub-GHz
EZRadio® transceiver. Covering all major bands, it combines
plug-and-play simplicity with the flexibility needed to handle a wide variety
of applications. The compact 3x3 mm package size combined with a low
external BOM count makes the Si4455 both space efficient and cost
effective. The +13 dBm output power and excellent sensitivity of
–116 dBm allows for a longer operating range, while the low current
consumption of 18 mA TX (at 10 dBm), 10 mA RX, and 50 nA standby,
provides for superior battery life. By fully integrating all components from
the antenna to the GPIO or SPI interface to the MCU, the Si4455 makes
realizing this performance in an application easy. Design simplicity is
further exemplified in the Wireless Development Suite (WDS) user
interface module. This configuration module provides simplified
programming options for a broad range of applications in an easy to use
format that results in both a faster and lower risk development. The
Si4455 is capable of supporting major worldwide regulatory standards
such as FCC, ETSI, ARIB and China regulatory standards.
Frequency
range = 283–960 MHz
Receive
sensitivity = –116 dBm
Modulation

(G)FSK

OOK
Max output power = +13 dBm
Low active power consumption

10 mA RX

18 mA TX @ +10 dBm
Low standby current = 50 nA
Max data rate = 500 kbps
Power supply = 1.8 to 3.6 V
TX and RX 64 byte FIFOs
Automatic frequency control (AFC)
Automatic gain control (AGC)
Integrated battery voltage sensor
Packet handling including
preamble, sync word detection, and
CRC
Low BOM
20-Pin 3x3 mm QFN package
Remote control
Home security and alarm
Telemetry
Garage and gate openers
Remote keyless entry
Home automation
Industrial control
Sensor networks
Health monitors
Patents pending
Pin Assignments
1
2
3
4
5
6
7
8
9
10
16
15
14
13
12
11
20
19
18
17
GND
SDN
RXp
RXn
TX
GND
nSEL
SDI
SDO
SCLK
nIRQ
GPIO1
Si4455


Similar Part No. - SI4455

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4455-2 SILABS-SI4455-2 Datasheet
325Kb / 9P
   The kits support use of the Wireless Development Suite
SI4455-B1A-FM SILABS-SI4455-B1A-FM Datasheet
1Mb / 40P
   EASY-TO-USE, LOW-CURRENT OOK/(G)FSK SUB-GHZ TRANSCEIVER
Si4455-C2A-GM SILABS-Si4455-C2A-GM Datasheet
1Mb / 39P
   EASY-TO-USE, LOW-CURRENT OOK/(G)FSK SUB-GHZ TRANSCEIVER, TRANSMITTER, AND RECEIVER
SI4455-C2A-GMR SILABS-SI4455-C2A-GMR Datasheet
1Mb / 39P
   EASY-TO-USE, LOW-CURRENT OOK/(G)FSK SUB-GHZ TRANSCEIVER, TRANSMITTER, AND RECEIVER
logo
Vishay Siliconix
SI4455DY VISHAY-SI4455DY Datasheet
140Kb / 4P
   P-Channel 150-V (D-S) MOSFET
Rev. A, 18-Aug-08
More results

Similar Description - SI4455

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62152-Q1 TI1-TPS62152-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   3 to 17-V 1-A Step-Down Converter in 3x3-mm QFN Package
logo
Analog Devices
HMC561LP3 AD-HMC561LP3 Datasheet
365Kb / 6P
   RoHS Compliant 3x3 mm SMT Package
logo
Texas Instruments
TPS62130 TI1-TPS62130_13 Datasheet
1Mb / 36P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
logo
Analog Devices
HMC447LC3 AD-HMC447LC3 Datasheet
397Kb / 8P
   RoHS Compliant 3x3 mm SMT Package
HMC573LC3B AD-HMC573LC3B Datasheet
337Kb / 6P
   RoHS Compliant 3x3 mm SMT Package
logo
Texas Instruments
TPS62130 TI1-TPS62130 Datasheet
1Mb / 34P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS62150 TI1-TPS62150 Datasheet
1Mb / 33P
[Old version datasheet]   3-17V 1A Step-Down Converter in 3x3 QFN Package
TPS62130 TI1-TPS62130_14 Datasheet
1Mb / 37P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS62150 TI1-TPS62150_13 Datasheet
1Mb / 34P
[Old version datasheet]   3-17V 1A Step-Down Converter in 3x3 QFN Package
logo
Mimix Broadband
XX1000-QT MIMIX-XX1000-QT_07 Datasheet
656Kb / 8P
   7.5-22.5/15.0-45.0 GHz Active Doubler QFN, 3x3 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com