Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Si4438 Datasheet(PDF) 7 Page - Silicon Laboratories

Part # Si4438
Description  Low active power consumption
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si4438 Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button Si4438 Datasheet HTML 3Page - Silicon Laboratories Si4438 Datasheet HTML 4Page - Silicon Laboratories Si4438 Datasheet HTML 5Page - Silicon Laboratories Si4438 Datasheet HTML 6Page - Silicon Laboratories Si4438 Datasheet HTML 7Page - Silicon Laboratories Si4438 Datasheet HTML 8Page - Silicon Laboratories Si4438 Datasheet HTML 9Page - Silicon Laboratories Si4438 Datasheet HTML 10Page - Silicon Laboratories Si4438 Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
Si4438-C
Rev 1.0
7
Table 4. Transmitter AC Electrical Characteristics1
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
TX Frequency
Range
FTX
425
525
MHz
(G)FSK Data Rate2
DRFSK
0.1
500
kbps
OOK Data Rate2
DROOK
0.1
120
kbps
Modulation Deviation
Range
f525
425–525 MHz
750
kHz
Modulation Deviation
Resolution3
FRES-525
425–525 MHz
14.3
—Hz
Output Power Range4
PTX
Typical range at 3.3 V
with class E match optimized for best
PA efficiency.
–20
+20
dBm
TX RF Output Steps
PRF_OUT
Using Class E match within 6 dB of max
power
0.25
dB
TX RF Output Level
Variation vs. Temperature
PRF_TEMP
–40 to +85
C
2.3
dB
TX RF Output Level
Variation vs. Frequency
PRF_FREQ
0.6
dB
Transmit Modulation
Filtering
B*T
Gaussian Filtering Bandwith Time
Product
0.5
Notes:
1. All minimum and maximum values are guaranteed across the recommended operating conditions of supply voltage and
from –40 to +85 °C unless otherwise stated. All typical values apply at VDD = 3.3 V and 25 °C unless otherwise stated.
2. The maximum data rate is dependent on the XTAL frequency and is calculated as per the formula:
Maximum Symbol Rate = Fxtal/60, where Fxtal is the XTAL frequency (typically 30 MHz).
3. Default API setting for modulation deviation resolution is double the typical value specified.
4. Output power is dependent on matching components and board layout.


Similar Part No. - Si4438

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4438 SILABS-SI4438 Datasheet
1Mb / 44P
   Low active power consumption
SI4438-C2A SILABS-SI4438-C2A Datasheet
1Mb / 44P
   GH-PERFORMANCE, LOW-CURRENT TRANSCEIVER
Rev 1.0
SI4438-C2A-GM SILABS-SI4438-C2A-GM Datasheet
1Mb / 44P
   GH-PERFORMANCE, LOW-CURRENT TRANSCEIVER
Rev 1.0
logo
Vishay Siliconix
SI4438DY VISHAY-SI4438DY Datasheet
101Kb / 7P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 09-Feb-09
More results

Similar Description - Si4438

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4438 SILABS-SI4438 Datasheet
1Mb / 44P
   Low active power consumption
logo
ATMEL Corporation
ATAR080 ATMEL-ATAR080_14 Datasheet
883Kb / 68P
   Very Low Power Consumption in Active, Power-down and Sleep Mode
ATAR080-D ATMEL-ATAR080-D_14 Datasheet
913Kb / 68P
   Very Low Power Consumption in Active, Power-down and Sleep Mode
logo
SHANGHAI BELLING CO., L...
BL8070CA5TR BELLING-BL8070CA5TR Datasheet
447Kb / 6P
   Low Power Consumption
logo
Unisonic Technologies
LR9203XG-XX-AF5-R UTC-LR9203XG-XX-AF5-R Datasheet
236Kb / 9P
   LOW POWER CONSUMPTION
logo
SunLED Corporation
XDMYK14A2 SUNLED-XDMYK14A2 Datasheet
224Kb / 3P
   Low power consumption
XEMR21D SUNLED-XEMR21D Datasheet
220Kb / 3P
   Low power consumption
XEUR21D SUNLED-XEUR21D Datasheet
231Kb / 3P
   Low power consumption
XLUR34D SUNLED-XLUR34D Datasheet
235Kb / 3P
   Low power consumption
XLUY11D SUNLED-XLUY11D Datasheet
234Kb / 3P
   Low power consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com