Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRU8045A-3R5Y Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # SRU8045A-3R5Y
Description  Shielded construction
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRU8045A-3R5Y Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SRU8045A-3R5Y Datasheet HTML 1Page - Bourns Electronic Solutions SRU8045A-3R5Y Datasheet HTML 2Page - Bourns Electronic Solutions SRU8045A-3R5Y Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SRF0504Series-LineFilter
Inductance vs. IDC
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
SRU8045ASeries-ShieldedPowerInductors
Temperature vs. IDC
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
01
23
45
67
0
20
40
60
80
0
20
40
60
80
0
10
20
30
40
50
60
70
0.0
20.0
40.0
60.0
80.0
SRU8045A-3R5Y
IDC (A)
IDC (A)
L @ 25
L @ 125
SRU8045A-6R2Y
SRU8045A-101Y
SRU8045A-330Y
L @ 25
L @ 125
01
23
45
6
IDC (A)
0
0.16
0.32
0.48
0.64
0.80
0
0.6 0.9
0.3
1.2 1.5 1.8 2.1 2.4 2.7
IDC (A)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
IDC (A)
SRU8045A-3R5Y
T @ 25
SRU8045A-6R2Y
T @ 25
IDC (A)
SRU8045A-101Y
T @ 25
SRU8045A-330Y
T @ 25
0
20
40
60
80
100
120
0
0.3
0.6
0.9
1.2
1.5
1.8
IDC (A)
L @ 25
L @ 125
0
20
40
60
80
100
120
0
0.20
0.40
0.60
0.80
1.00
IDC (A)
L @ 25
L @ 125
0
20
40
60
80
100
120
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
01
23
45
67
0
20
40
60
80
0
20
40
60
80
0
10
20
30
40
50
60
70
0.0
20.0
40.0
60.0
80.0
SRU8045A-3R5Y
IDC (A)
IDC (A)
L @ 25
L @ 125
SRU8045A-6R2Y
SRU8045A-101Y
SRU8045A-330Y
L @ 25
L @ 125
01
23
45
6
IDC (A)
0
0.16
0.32
0.48
0.64
0.80
0
0.6 0.9
0.3
1.2 1.5 1.8 2.1 2.4 2.7
IDC (A)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
IDC (A)
SRU8045A-3R5Y
T @ 25
SRU8045A-6R2Y
T @ 25
IDC (A)
SRU8045A-101Y
T @ 25
SRU8045A-330Y
T @ 25
0
20
40
60
80
100
120
0
0.3
0.6
0.9
1.2
1.5
1.8
IDC (A)
L @ 25
L @ 125
0
20
40
60
80
100
120
0
0.20
0.40
0.60
0.80
1.00
IDC (A)
L @ 25
L @ 125
0
20
40
60
80
100
120


Similar Part No. - SRU8045A-3R5Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU8045A-3R5Y BOURNS-SRU8045A-3R5Y Datasheet
263Kb / 3P
   Shielded Power Inductors
More results

Similar Description - SRU8045A-3R5Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRP5030TA-R10Y BOURNS-SRP5030TA-R10Y Datasheet
415Kb / 3P
   Shielded construction
logo
Vishay Siliconix
IHLP-6767GZ-51 VISHAY-IHLP-6767GZ-51 Datasheet
278Kb / 6P
   Shielded construction
Revision: 02-Mar-17
logo
XFMRS Inc.
XFTPRH105 XFMRS-XFTPRH105 Datasheet
519Kb / 3P
   Shielded construction
logo
AVX Corporation
LMXSF AVX-LMXSF Datasheet
91Kb / 4P
   Magnetically Shielded Construction
LMXSL AVX-LMXSL Datasheet
86Kb / 2P
   Magnetically Shielded Construction
logo
Sumida Corporation
CDRH2D11 SUMIDA-CDRH2D11_13 Datasheet
136Kb / 4P
   Magnetically shielded construction.
logo
TOKO, Inc
181LY-102J TOKO-181LY-102J Datasheet
260Kb / 2P
   Magnetically shielded construction
logo
Sumida Corporation
CDRH10D48AA SUMIDA-CDRH10D48AA Datasheet
228Kb / 2P
   Magnetically shielded construction
logo
Hirose Electric
GT17 HIROSE-GT17 Datasheet
1Mb / 47P
   All surface shielded construction.
logo
Sumida Corporation
CDPQ2010 SUMIDA-CDPQ2010 Datasheet
291Kb / 4P
   Ferrite core construction, Magnetically shielded
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com