Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4362-C Datasheet(PDF) 2 Page - Silicon Laboratories

Part # SI4362-C
Description  Remote control
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4362-C Datasheet(HTML) 2 Page - Silicon Laboratories

  SI4362-C Datasheet HTML 1Page - Silicon Laboratories SI4362-C Datasheet HTML 2Page - Silicon Laboratories SI4362-C Datasheet HTML 3Page - Silicon Laboratories SI4362-C Datasheet HTML 4Page - Silicon Laboratories SI4362-C Datasheet HTML 5Page - Silicon Laboratories SI4362-C Datasheet HTML 6Page - Silicon Laboratories SI4362-C Datasheet HTML 7Page - Silicon Laboratories SI4362-C Datasheet HTML 8Page - Silicon Laboratories SI4362-C Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
Si4362-C
2
Rev 1.0
Functional Block Diagram
VCO
Loop
Filter
PFD / CP
Frac-N Div
30 MHz XO
LO
Gen
LNA
RF
PKDET
PGA
ADC
MODEM
FIFO
Packet
Handler
32K LP
OSC
Bootup
OSC
LBD
POR
IF
PKDET
Digital
Logic
DIV
RXP
RXN
XOUT
XIN
nSEL
SDI
SDO
SCLK
nIRQ
LDOs
FBDIV
VDD
GPIO0 GPIO1
GPIO2
GPIO3
SDN


Similar Part No. - SI4362-C

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4362-C2A-GM SILABS-SI4362-C2A-GM Datasheet
1Mb / 44P
   HIGH-PERFORMANCE, LOW-CURRENT RECEIVER
Rev 1.0
More results

Similar Description - SI4362-C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
SV-120B SAMSUNG-SV-120B Datasheet
1Mb / 12P
   Remote-Control
logo
Silicon Laboratories
SI4330 SILABS-SI4330 Datasheet
1Mb / 64P
   Remote control
SI4030 SILABS-SI4030 Datasheet
1Mb / 58P
   Remote control
logo
Silan Microelectronics ...
SC5262 SILAN-SC5262 Datasheet
168Kb / 10P
   REMOTE CONTROL ENCODER
logo
List of Unclassifed Man...
ML923 ETC1-ML923 Datasheet
310Kb / 4P
   REMOTE CONTROL RECEIVER
logo
Princeton Technology Co...
PT2260 PTC-PT2260 Datasheet
118Kb / 2P
   REMOTE CONTROL ENCODER?
PT2261A PTC-PT2261A Datasheet
149Kb / 5P
   Remote Control Encoder?
PT2262 PTC-PT2262 Datasheet
355Kb / 7P
   Remote Control Encoder
PT2265 PTC-PT2265 Datasheet
163Kb / 3P
   Remote Control Encoder?
PT2271A PTC-PT2271A Datasheet
253Kb / 6P
   Remote Control Decoder?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com