Electronic Components Datasheet Search |
|
CD-HD2x(L)x Datasheet(PDF) 1 Page - Bourns Electronic Solutions |
|
CD-HD2x(L)x Datasheet(HTML) 1 Page - Bourns Electronic Solutions |
1 / 5 page Features n RoHScompliant* n Lowpowerlossandhighefficiency n Highcurrentcapability n Lowprofilepackage Applications n ACoperatedproducts n Computermonitors n Set-topboxes n Cablemodems CD-HD2x(L)SeriesSurfaceMountSchottkyBridgeRectifierDiode *RoHSDirective2002/95/ECJan.27,2003includingannexandRoHSRecast2011/65/EUJune8,2011. Specificationsaresubjecttochangewithoutnotice. Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime. Usersshouldverifyactualdeviceperformanceintheirspecificapplications. General Information The markets of portable communications, computing and video equipment are challenging the semiconductor industry to develop increasingly smaller electronic components. Bourns offers Schottky Bridge Rectifier Diodes for rectification applications in a compact chip package 0.24 ˝ x 0.19 ˝ size format, which offers PCB real estate savings and are considerably smaller than standard parts. The Schottky Bridge Rectifier Diodes offer a forward current of 2 A with a choice of repetitive peak reverse voltages between 40 V and 100 V. Electrical Characteristics (@ TA = 25 °C Unless Otherwise Noted) Parameter Symbol CD-HD2x(L) Unit Test Conditions Min. Typ. Max. Instantaneous Forward Voltage VF IF = 2 A CD-HD2004 0.49 0.5 V CD-HD2006 0.60 0.70 CD-HD201 0.75 0.85 CD-HD2006L 0.50 0.55 CD-HD201L 0.74 0.80 Repetitive Peak Reverse Current IRRM VR = VRRM TA = +25 °C CD-HD2004 0.025 0.20 mA CD-HD2006 0.025 0.20 CD-HD201 0.025 0.20 CD-HD2006L 0.03 0.2 CD-HD201L 0.001 0.10 Junction Capacitance CJ VR = 4 V, f = 1.0 MHz CD-HD2x(L)x 250 pF Thermal Resistance, Junction to Air Rth(JA) Junction to Ambient (NOTE 1) CD-HD2004 110 °C / W CD-HD2006 110 CD-HD201 110 CD-HD2006L 110 CD-HD201L 146 Thermal Resistance, Junction to Lead Rth(JC) Junction to Lead (NOTE 1) CD-HD2004 15 °C / W CD-HD2006 15 CD-HD201 15 CD-HD2006L 15 CD-HD201L 30 NOTE 1: Measured when mounted on PCB with 5.0 mm x 5.0 mm (0.2 “ x 0.2 “) copper pad areas. Absolute Maximum Ratings (@ TA = 25 °C Unless Otherwise Noted) Parameter Symbol CD- Unit HD2004 HD2006 HD201 HD2006L HD201L Maximum Repetitive Peak Reverse Voltage VRRM 40 60 100 60 100 V Maximum Average Forward Rectified Current (TA = 55 °C) IF(AV) 2.0 A Peak Forward Surge Current 8.3 ms Single Half Sine-Wave Superimposed on Rated Load (JEDEC Method) IFSM 50.0 60.0 A Operating Temperature Range TJ -55 to +125 °C Storage Temperature Range TSTG -55 to +125 °C 4 – 1 + 3 ~ 2 ~ |
Similar Part No. - CD-HD2x(L)x |
|
Similar Description - CD-HD2x(L)x |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |