Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4362 Datasheet(PDF) 10 Page - Silicon Laboratories

Part # SI4362
Description  Garage and gate openers
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4362 Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button SI4362 Datasheet HTML 6Page - Silicon Laboratories SI4362 Datasheet HTML 7Page - Silicon Laboratories SI4362 Datasheet HTML 8Page - Silicon Laboratories SI4362 Datasheet HTML 9Page - Silicon Laboratories SI4362 Datasheet HTML 10Page - Silicon Laboratories SI4362 Datasheet HTML 11Page - Silicon Laboratories SI4362 Datasheet HTML 12Page - Silicon Laboratories SI4362 Datasheet HTML 13Page - Silicon Laboratories SI4362 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
Si4362
10
Rev 0.4
Table 7. Thermal Characteristics
Parameter
Symbol
Test Condition
Value
Unit
Thermal Resistance Junction to Ambient
JA
Still Air
30
C/W
Junction Temperature
TJ
125
C
Table 8. Absolute Maximum Ratings
Parameter
Value
Unit
VDD to GND
–0.3, +3.6
V
Voltage on Digital Control Inputs
–0.3, VDD + 0.3
V
Voltage on Analog Inputs
–0.3, VDD + 0.3
V
RX Input Power
+10
dBm
Operating Ambient Temperature Range TA
–40 to +85
C
Thermal Impedance
JA
30
C/W
Junction Temperature TJ
+125
C
Storage Temperature Range TSTG
–55 to +125
C
Note: Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These
are stress ratings only and functional operation of the device at or beyond these ratings in the operational sections of
the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability. Caution: ESD sensitive device.


Similar Part No. - SI4362

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI4362 ETC2-SI4362 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4362 ETC2-SI4362 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4362-B0B-FM ETC2-SI4362-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Silicon Laboratories
SI4362-C SILABS-SI4362-C Datasheet
1Mb / 44P
   Remote control
SI4362-C2A-GM SILABS-SI4362-C2A-GM Datasheet
1Mb / 44P
   HIGH-PERFORMANCE, LOW-CURRENT RECEIVER
Rev 1.0
More results

Similar Description - SI4362

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RD-710 ETC2-RD-710 Datasheet
1Mb / 9P
   Garage Door/Door Opener/Electronic Gate Remote Controller
logo
ELM Electronics
ELM334 ELM-ELM334_08 Datasheet
57Kb / 7P
   Garage Doorman
logo
Shoulder Electronics Li...
HDR360MS20 SHOULDER-HDR360MS20 Datasheet
119Kb / 6P
   This specification is applied to a SAW resonator designed for the stabilization of transmitters such as garage door openers and security transmitters.
logo
List of Unclassifed Man...
RD-710F ETC2-RD-710F Datasheet
1Mb / 9P
   Garage Door/Door Opener/Electronic Gate Remote Controller
logo
Shoulder Electronics Li...
HDR154MF11 SHOULDER-HDR154MF11 Datasheet
106Kb / 5P
   This specification is applied to a SAW resonator designed for the stabilization of transmitters such as garage door openers and security transmitters.
logo
ELM Electronics
ELM334 ELM-ELM334 Datasheet
29Kb / 4P
   GARAGE DOORMAN
logo
Shoulder Electronics Li...
HDR315MS4 SHOULDER-HDR315MS4 Datasheet
153Kb / 8P
   This specification is applied to a SAW resonator designed for the stabilization of transmitters such as garage door openers and security transmitters.
HDR2245MF11 SHOULDER-HDR2245MF11 Datasheet
103Kb / 5P
   This specification is applied to a SAW resonator designed for the stabilization of transmitters such as garage door openers and security transmitters.
logo
List of Unclassifed Man...
TR-SS1-E36G ETC2-TR-SS1-E36G Datasheet
782Kb / 2P
   Integrated LED Garage Module
RD-747 ETC2-RD-747 Datasheet
745Kb / 15P
   Active RFID Garage Door Control System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com