Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA77AB0 Datasheet(PDF) 5 Page - Bourns Electronic Solutions

Part # AA77AB0
Description  Formerly KOMATSULITE a product
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

AA77AB0 Datasheet(HTML) 5 Page - Bourns Electronic Solutions

  AA77AB0 Datasheet HTML 1Page - Bourns Electronic Solutions AA77AB0 Datasheet HTML 2Page - Bourns Electronic Solutions AA77AB0 Datasheet HTML 3Page - Bourns Electronic Solutions AA77AB0 Datasheet HTML 4Page - Bourns Electronic Solutions AA77AB0 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
11/16
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
AASeriesBreaker(ThermalCutoffDevice)
Caution when using Breaker (Continued)
HANDLING CAUTIONS
1. Sincethebreakerbodyiscomposedofplasticparts,donotclampordentwithtoolsasthiscouldcausearesistanceincreaseorbody
damage.
2. Breakerterminalsarethincopper-alloywithrightangleedges.Handlecarefullytoavoidinjurytofingers.Handlingwhilewearingfinger
cotsandusingtweezersisrecommended.
3. WhenweldingbreakerterminalsormountingthebreakeronacellorPCMboard,becarefultoavoidplacingexcessivestressonthe
breakerbodyandterminals.Excessivestressmaycausearesistanceincreaseorbodydamage.Pleaserefertothefollowingcautions:
a) Donotapplymorethan10Nmomenttothebreakerbody(refertoFigure1)
b) Donotapplymorethan1.5cN-mtwisttorquetothebreakerbody(refertoFigure2)
c) Donotapplymorethan20Nbendingforcetothebreakerbody(refertoFigure3)
d) Donotapplymorethan2.0cN-mtwisttorquetothebreakerterminals(refertoFigure4)
e) Do not apply more than 2 N force to the breaker terminals (refer to Figure 5)
f) Donotbendterminalsmorethan45°atroot(refertoFigure6)
g) Donottwistterminalsmorethan10°withthebreakerbodyaffixed.
4. Inbreakerbodywelding,normallythereisdirectwelding(Figure7)andserieswelding(Figure8).Ineithercase,useasuitablejigsothat
stresswillnotexceedthelimitsstatedabove.
5. Pull-and-detachstrengthoftheterminalweldingshouldbetoyourownspecification.Iftheweldingresultiscontrolledbyresistance,
measurementshouldbemadeataclosepointtothebreakerbodyby“DC4-pointclipmethod”usingamilliohmmetertoensureaccuracy
(refer to Figure 9).
6. Avoidputtingexcessivestressasshownabovein3-a)to3-g)whenthejigisusedforwelding/additionalprocessing.
7. Confirmtheresistancevalueaftereachtimeanadditionalprocessisapplied.
Rod A
Rod B
Rod A
Figure 1
Figure 2
Figure 9
Figure 3
Figure 4
Figure 5
Figure 6
Figure 7
Figure 8
Rod B
45 °
45 °
45 °
45 °
milliohm meter
Duetopossibleupdatestosafetystandardsandotherreasons,theremaybechangesin
specificationsforthisdatasheetwithoutpriornotification.Therefore,beforedesign-infor
yourapplication,pleasecontactusforthemostup-to-datespecifications.


Similar Part No. - AA77AB0

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
AA7351K STANLEY-AA7351K Datasheet
404Kb / 33P
   Single Color Rectangular Shape Type
logo
Agamem Microelectronic ...
AA7600SP AGAMEM-AA7600SP Datasheet
184Kb / 6P
   Video Signal Switcher
AA7600 AGAMEM-AA7600_10 Datasheet
44Kb / 1P
   VIDEO SIGNAL SWITCHER
AA7623 AGAMEM-AA7623 Datasheet
40Kb / 1P
   TRIPLE CHANNEL VIDEO DRIVER
AA7623SP AGAMEM-AA7623SP Datasheet
76Kb / 4P
   Three Channels Video Driver
More results

Similar Description - AA77AB0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KCA72AB0 ETC2-KCA72AB0 Datasheet
722Kb / 5P
   Komatsulite??KCA Series A-Type Breaker
NR72AB0 ETC2-NR72AB0 Datasheet
734Kb / 5P
   Komatsulite??NR Series A-Type Breaker
LC72AY-1 ETC2-LC72AY-1 Datasheet
816Kb / 5P
   Komatsulite??LC Series Breaker
logo
3M Electronics
SC402S 3M-SC402S Datasheet
190Kb / 29P
   Formerly SC400 Serial Resistive
logo
List of Unclassifed Man...
HC72AY-1 ETC2-HC72AY-1 Datasheet
707Kb / 5P
   Komatsulite HC Series Breaker
logo
Sharma Electro Componen...
124-XXX SHARMA-124-XXX Datasheet
19Kb / 1P
   Formerly sold as RS Components
logo
List of Unclassifed Man...
NR72CB0 ETC2-NR72CB0 Datasheet
739Kb / 5P
   Komatsulite??NR Series C-Type Breaker
logo
STMicroelectronics
AN4377 STMICROELECTRONICS-AN4377 Datasheet
1Mb / 29P
   This document focuses on a product evaluation board for a simple
logo
Marl International Limi...
652-105-75_1309 MARL-652-105-75_1309 Datasheet
407Kb / 4P
   Product will operate over a wide voltage range
533-105-63_1307 MARL-533-105-63_1307 Datasheet
255Kb / 4P
   Product will operate over a wide voltage range
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com