Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA82A10 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # AA82A10
Description  Formerly KOMATSULITE a product
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

AA82A10 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  AA82A10 Datasheet HTML 1Page - Bourns Electronic Solutions AA82A10 Datasheet HTML 2Page - Bourns Electronic Solutions AA82A10 Datasheet HTML 3Page - Bourns Electronic Solutions AA82A10 Datasheet HTML 4Page - Bourns Electronic Solutions AA82A10 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
AASeriesBreaker(ThermalCutoffDevice)
Typical Performance
Theabovecurveswerederivedfromplacingtestsamplesinanovenat25℃,40℃,60℃and70℃,increasingcurrentflowthroughthe
sampleatarateof0.1A/minuteandrecordingthecurrentvaluewhenthesampletrips.
Current vs. Temperature Curves
Product Structure
ARM
TERMINAL
COVER
PLATE
COVER
BASE
AVAILABLEWITHANDWITHOUTPROJECTIONS.
PROJECTION
BASE
TERMINAL
PROJECTION
BIMETAL
DISC
ARM
PTC
CONTACT
Circuit Diagram
NORMALCIRCUIT
CIRCUIT
AFTEROPENING
Temperature (°C)
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
20
30
40
50
60
70
80
AA72AB0
 (Low 67 °C average)
AA77AB0
 (Low 72 °C average)
AA82AB0
 (Low 77 °C average)
AA85AB0
 (Low 80 °C average)


Similar Part No. - AA82A10

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AA8227 BCDSEMI-AA8227 Datasheet
52Kb / 2P
   DUAL AUDIO POWER AMPLIFIER
AA8227PH-E1 BCDSEMI-AA8227PH-E1 Datasheet
52Kb / 2P
   DUAL AUDIO POWER AMPLIFIER
AA8227PH-E1 BCDSEMI-AA8227PH-E1 Datasheet
180Kb / 12P
   DUAL AUDIO POWER AMPLIFIER
AA8227 BCDSEMI-AA8227_06 Datasheet
180Kb / 12P
   DUAL AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
AA8251MB-ATAW ETC2-AA8251MB-ATAW Datasheet
14Kb / 1P
   ADDA USA AC FAN SPECIFICATIONS
More results

Similar Description - AA82A10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KCA72AB0 ETC2-KCA72AB0 Datasheet
722Kb / 5P
   Komatsulite??KCA Series A-Type Breaker
NR72AB0 ETC2-NR72AB0 Datasheet
734Kb / 5P
   Komatsulite??NR Series A-Type Breaker
LC72AY-1 ETC2-LC72AY-1 Datasheet
816Kb / 5P
   Komatsulite??LC Series Breaker
logo
3M Electronics
SC402S 3M-SC402S Datasheet
190Kb / 29P
   Formerly SC400 Serial Resistive
logo
List of Unclassifed Man...
HC72AY-1 ETC2-HC72AY-1 Datasheet
707Kb / 5P
   Komatsulite HC Series Breaker
logo
Sharma Electro Componen...
124-XXX SHARMA-124-XXX Datasheet
19Kb / 1P
   Formerly sold as RS Components
logo
List of Unclassifed Man...
NR72CB0 ETC2-NR72CB0 Datasheet
739Kb / 5P
   Komatsulite??NR Series C-Type Breaker
logo
STMicroelectronics
AN4377 STMICROELECTRONICS-AN4377 Datasheet
1Mb / 29P
   This document focuses on a product evaluation board for a simple
logo
Marl International Limi...
652-105-75_1309 MARL-652-105-75_1309 Datasheet
407Kb / 4P
   Product will operate over a wide voltage range
533-105-63_1307 MARL-533-105-63_1307 Datasheet
255Kb / 4P
   Product will operate over a wide voltage range
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com