Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FRS4.0-21LG Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # FRS4.0-21LG
Description  FIRM RETAINING SPACER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FRS4.0-21LG Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  FRS4.0-21LG Datasheet HTML 1Page - List of Unclassifed Manufacturers FRS4.0-21LG Datasheet HTML 2Page - List of Unclassifed Manufacturers FRS4.0-21LG Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
®
STANDARD TOLERANCE
FRSX.X-XXLG
SHEET #
OF
FIRM RETAINING SPACER
CAD GENERATED DOCUMENT, DO NOT MEASURE DRAWING.
TEL: (949) 951-8808
FAX: (949) 951-3974
4 THOMAS, IRVINE, CA. 92618
( UNLESS OTHERWISE SPECIFIED )
± 1°
.XXX
± .005
.XX
± .01
CHECKED:
DESIGNED:
DATE:
DATE:
.X
± .1
DECIMALS
ANGULAR
TITLE:
PART NO:
CAGE CODE : 32559
B
3
3
REVISION:
DATE
APPROVED
REV.
DESCRIPTION
SEE SHEET #1
A. Wright
B. Oliver
06/30/14
06/30/14
SERIES P/N
"H"
IN (MM)
I.D.
IN (MM)
O.D.
IN (MM)
"A"
IN (MM)
Screw Size
SERIES P/N
"H"
IN (MM)
I.D.
IN (MM)
O.D.
IN (MM)
"A"
IN (MM)
Screw Size
FRS3.5-02LG
0.079 (2)
FRS4.0-02LG
0.079 (2)
FRS3.5-03LG
0.118 (3)
FRS4.0-03LG
0.118 (3)
FRS3.5-04LG
0.157 (4)
FRS4.0-04LG
0.157 (4)
FRS3.5-05LG
0.197 (5)
FRS4.0-05LG
0.197 (5)
FRS3.5-06LG
0.236 (6)
FRS4.0-06LG
0.236 (6)
FRS3.5-07LG
0.276 (7)
FRS4.0-07LG
0.276 (7)
FRS3.5-08LG
0.315 (8)
FRS4.0-08LG
0.315 (8)
FRS3.5-09LG
0.354 (9)
FRS4.0-09LG
0.354 (9)
FRS3.5-10LG
0.394 (10)
FRS4.0-10LG
0.394 (10)
FRS3.5-11LG
0.433 (11)
FRS4.0-11LG
0.433 (11)
FRS3.5-12LG
0.472 (12)
FRS4.0-12LG
0.472 (12)
FRS3.5-13LG
0.512 (13)
FRS4.0-13LG
0.512 (13)
FRS3.5-14LG
0.551 (14)
FRS4.0-14LG
0.551 (14)
FRS3.5-15LG
0.591 (15)
FRS4.0-15LG
0.591 (15)
FRS3.5-16LG
0.630 (16)
FRS4.0-16LG
0.630 (16)
FRS3.5-17LG
0.669 (17)
FRS4.0-17LG
0.669 (17)
FRS3.5-18LG
0.709 (18)
FRS4.0-18LG
0.709 (18)
FRS3.5-19LG
0.748 (19)
FRS4.0-19LG
0.748 (19)
FRS3.5-20LG
0.787 (20)
FRS4.0-20LG
0.787 (20)
FRS3.5-21LG
0.827 (21)
FRS4.0-21LG
0.827 (21)
FRS3.5-22LG
0.866 (22)
FRS4.0-22LG
0.866 (22)
FRS3.5-23LG
0.906 (23)
FRS4.0-23LG
0.906 (23)
FRS3.5-24LG
0.945 (24)
FRS4.0-24LG
0.945 (24)
FRS3.5-25LG
0.984 (25)
FRS4.0-25LG
0.984 (25)
FRS3.5-26LG
1.024 (26)
FRS4.0-26LG
1.024 (26)
FRS3.5-27LG
1.063 (27)
FRS4.0-27LG
1.063 (27)
FRS3.5-28LG
1.102 (28)
FRS4.0-28LG
1.102 (28)
FRS3.5-29LG
1.142 (29)
FRS4.0-29LG
1.142 (29)
FRS3.5-30LG
1.181 (30)
FRS4.0-30LG
1.181 (30)
0.161 (4.1)
0.185 (4.7) 0.276 (7.0) 0.146 (3.7)
M4.0
M3.5
0.124 (3.1)
0.248 (6.3)


Similar Part No. - FRS4.0-21LG

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
FRS400BA50 SANREX-FRS400BA50 Datasheet
106Kb / 2P
   DIODE MODULE竊뉶.R.D.竊
FRS400BA60 SANREX-FRS400BA60 Datasheet
106Kb / 2P
   DIODE MODULE竊뉶.R.D.竊
FRS400CA120 SANREX-FRS400CA120 Datasheet
101Kb / 2P
   DIODE MODULE竊뉶.R.D.)
FRS400DA100 SANREX-FRS400DA100 Datasheet
94Kb / 2P
   DIODE MODULE竊뉶.R.D.竊
FRS400DA120 SANREX-FRS400DA120 Datasheet
94Kb / 2P
   DIODE MODULE竊뉶.R.D.竊
More results

Similar Description - FRS4.0-21LG

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
70291XXXX WURTH-70291XXXX Datasheet
40Kb / 1P
   AsSNSR Self-retaining spacer
logo
Pepperl+Fuchs Inc.
LB9230B PF-LB9230B Datasheet
220Kb / 2P
   Retaining clips
2022-01-28
logo
Festo Corporation.
8127358 FESTO-8127358 Datasheet
62Kb / 1P
   Retaining bracket
7/21/22
logo
Molex Electronics Ltd.
69901-0203 MOLEX11-69901-0203 Datasheet
43Kb / 1P
   Retaining Ring
logo
Schurter Inc.
0888.0005 SCHURTER-0888.0005 Datasheet
465Kb / 5P
   Cord retaining strain relief
logo
Richco, Inc.
SRS4-2-01 RICHCO-SRS4-2-01 Datasheet
49Kb / 1P
   SELF RETAINING SPACERS
logo
List of Unclassifed Man...
561-04032 ETC2-561-04032 Datasheet
79Kb / 2P
   Nylon Retaining Washers
logo
Schurter Inc.
0888.0005 SCHURTER-0888.0005_V01 Datasheet
456Kb / 5P
   Cord retaining strain relief
04.01.2022
logo
List of Unclassifed Man...
23329 ETC2-23329 Datasheet
189Kb / 2P
   appliance connector with retaining nut
logo
PHOENIX CONTACT
2900953 PHOENIX-2900953 Datasheet
43Kb / 2P
   Retaining bracket - RIF-RH-1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com