Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC145190F Datasheet(PDF) 6 Page - Motorola, Inc

Part # MC145190F
Description  1.1GHz PLL Frequency Synthesizers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145190F Datasheet(HTML) 6 Page - Motorola, Inc

Back Button MC145190F Datasheet HTML 2Page - Motorola, Inc MC145190F Datasheet HTML 3Page - Motorola, Inc MC145190F Datasheet HTML 4Page - Motorola, Inc MC145190F Datasheet HTML 5Page - Motorola, Inc MC145190F Datasheet HTML 6Page - Motorola, Inc MC145190F Datasheet HTML 7Page - Motorola, Inc MC145190F Datasheet HTML 8Page - Motorola, Inc MC145190F Datasheet HTML 9Page - Motorola, Inc MC145190F Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
MC145190
•MC145191
MOTOROLA
6
LOOP SPECIFICATIONS (VDD = VCC = 4.5 to 5.5 V unless otherwise indicated, TA = – 40 to + 85°C)
Sb l
P
T
C
di i
Figure
Guaranteed
Operating Range
Ui
Symbol
Parameter
Test Condition
Figure
No.
Min
Max
Unit
Vin
Input Voltage Range, fin
100 MHz
≤ fin < 250 MHz
250 MHz
≤ fin ≤ 1100 MHz
7
400
200
1500
1500
mV p–p
fref
Input Frequency Range, REFin
MC145190
Externally Driven in
Reference Mode
MC145191
Vin ≥ 400 mV p–p
Vin ≥ 1 V p–p
Vin ≥ 400 mV p–p
Vin ≥ 1 V p–p
8
13
6*
12
4.5*
27
27
27
27
MHz
fXTAL
Crystal Frequency, Crystal Mode
C1
≤ 30 pF, C2 ≤ 30 pF, Includes
Stray Capacitance
9
2
15
MHz
fout
Output Frequency, REFout
CL = 30 pF
10, 12
dc
10
MHz
f
Operating Frequency of the Phase Detectors
dc
2
MHz
tw
Output Pulse Width,
φR, φV, LD
MC145190
MC145191
fR in Phase with fV, CL = 50 pF,
VPD = 5.5 V, VDD = VCC = 5.0 V
11, 12
17
85
ns
tTLH,
tTHL
Output Transition Times, LD,
φV,
φR — MC145191
CL = 50 pF, VPD = 5.5 V,
VDD = VCC = 5.0 V
11, 12
65
ns
Cin
Input Capacitance, REFin
5
pF
*If lower frequency is desired, use wave shaping or higher amplitude sinusoidal signal.
SINE WAVE
GENERATOR
1000 pF
DEVICE
UNDER
TEST
1000 pF
TEST
POINT
V+
VCC
VDD
fin
fin
GND
OUTPUT A
Vin
50
*
Figure 7. Test Circuit
(fv)
*Characteristic Impedance
SINE WAVE
GENERATOR
50
DEVICE
UNDER
TEST
0.01
µF
TEST
POINT
VCC
VDD
REFin
GND
OUTPUT A
Vin
Figure 8. Test Circuit — Reference Mode
(fR)
TEST
POINT
REFout
V+
DEVICE
UNDER
TEST
C1
TEST
POINT
VCC
VDD
OUTPUT A
GND
REFin
REFout
C2
Figure 9. Test Circuit — Crystal Mode
(fR)
V+
50%
REFout
1/f REFout
Figure 10. Switching Waveform


Similar Part No. - MC145190F

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145192 MOTOROLA-MC145192 Datasheet
282Kb / 48P
   Evaluation Board Manual
MC145192EVK MOTOROLA-MC145192EVK Datasheet
282Kb / 48P
   Evaluation Board Manual
MC145193 MOTOROLA-MC145193 Datasheet
250Kb / 24P
   1.1 GHZ PLL FREQUENCY SYNTHESIZER
MC145193F MOTOROLA-MC145193F Datasheet
250Kb / 24P
   1.1 GHZ PLL FREQUENCY SYNTHESIZER
MC14519B MOTOROLA-MC14519B Datasheet
204Kb / 6P
   4-Bit AND/OR Selector or Quad 2-Channel Data Selector or Quad Exclusive nor gate
More results

Similar Description - MC145190F

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7219 SANYO-LC7219 Datasheet
310Kb / 14P
   PLL Frequency Synthesizers?
LC72140 SANYO-LC72140 Datasheet
364Kb / 20P
   PLL Frequency Synthesizers
logo
Freescale Semiconductor...
MC145151-2 FREESCALE-MC145151-2 Datasheet
600Kb / 24P
   PLL Frequency Synthesizers (CMOS)
logo
Sanyo Semicon Device
LM7008M SANYO-LM7008M Datasheet
201Kb / 9P
   Dual-PLL Frequency Synthesizers?
logo
Analog Devices
ADF4111 AD-ADF4111_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4116 AD-ADF4116_15 Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
REV. D
ADF4110 AD-ADF4110 Datasheet
263Kb / 24P
   RF PLL Frequency Synthesizers
REV. 0
ADF4116 AD-ADF4116 Datasheet
226Kb / 20P
   RF PLL Frequency Synthesizers
REV. 0
ADF4110 AD-ADF4110_13 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
logo
Sanyo Semicon Device
LM7007M SANYO-LM7007M Datasheet
228Kb / 9P
   Dual-PLL Frequency Synthesizers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com