Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4916 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4916
Description  1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone Audio Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4916 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM4916 Datasheet HTML 10Page - National Semiconductor (TI) LM4916 Datasheet HTML 11Page - National Semiconductor (TI) LM4916 Datasheet HTML 12Page - National Semiconductor (TI) LM4916 Datasheet HTML 13Page - National Semiconductor (TI) LM4916 Datasheet HTML 14Page - National Semiconductor (TI) LM4916 Datasheet HTML 15Page - National Semiconductor (TI) LM4916 Datasheet HTML 16Page - National Semiconductor (TI) LM4916 Datasheet HTML 17Page - National Semiconductor (TI) LM4916 Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
Physical Dimensions inches (millimeters)
unless otherwise noted
MSOP Package
Order Number LM4916MM
NS Package Number MUB10A
www.national.com
17


Similar Part No. - LM4916

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4916 TI1-LM4916 Datasheet
1Mb / 24P
[Old version datasheet]   1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone Audio Amplifier
LM4916LD/NOPB TI1-LM4916LD/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone Audio Amplifier
LM4916LDX/NOPB TI1-LM4916LDX/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone Audio Amplifier
LM4916MM/NOPB TI1-LM4916MM/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone Audio Amplifier
More results

Similar Description - LM4916

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4919 NSC-LM4919 Datasheet
568Kb / 15P
   1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone Audio Amplifier
logo
Texas Instruments
LM4916 TI1-LM4916 Datasheet
1Mb / 24P
[Old version datasheet]   1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone Audio Amplifier
logo
National Semiconductor ...
LM4914 NSC-LM4914 Datasheet
384Kb / 15P
   1W Monaural, 85mW Stereo Headphone Audio Amplifier
LM4854 NSC-LM4854 Datasheet
1Mb / 29P
   1.9W Monaural, 85mW Stereo Headphone Audio Amplifier
logo
Toshiba Semiconductor
TA2123AF TOSHIBA-TA2123AF Datasheet
427Kb / 20P
   1.5V Stereo Headphone Amplifier
TA8159FN TOSHIBA-TA8159FN Datasheet
459Kb / 12P
   1.5V STEREO HEADPHONE AMPLIFIER
TA8145FN TOSHIBA-TA8145FN Datasheet
312Kb / 8P
   STEREO HEADPHONE AMPLIFIER (1.5V USE)
logo
Integral Corp.
ILA7056SH INTEGRAL-ILA7056SH Datasheet
24Kb / 3P
   3 W Mono BTL Audio Output Amplifier
logo
KODENSHI_AUK CORP.
KKA7056 KODENSHI-KKA7056 Datasheet
100Kb / 3P
   3 W Mono BTL Audio Output Amplifier
logo
NXP Semiconductors
TDA7056 PHILIPS-TDA7056 Datasheet
47Kb / 8P
   3 W mono BTL audio output amplifier
May 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com