Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C8051F022 Datasheet(PDF) 4 Page - Silicon Laboratories

Part # C8051F022
Description  The C8051F12x series is pin compatible
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F022 Datasheet(HTML) 4 Page - Silicon Laboratories

  C8051F022 Datasheet HTML 1Page - Silicon Laboratories C8051F022 Datasheet HTML 2Page - Silicon Laboratories C8051F022 Datasheet HTML 3Page - Silicon Laboratories C8051F022 Datasheet HTML 4Page - Silicon Laboratories C8051F022 Datasheet HTML 5Page - Silicon Laboratories C8051F022 Datasheet HTML 6Page - Silicon Laboratories C8051F022 Datasheet HTML 7Page - Silicon Laboratories C8051F022 Datasheet HTML 8Page - Silicon Laboratories C8051F022 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AN131
4
Rev. 1.3
(0x0093). The interrupt vector changes are outlined
in the tables below.
Device Comparison and
Porting Checklist
When porting a project from a C8051F02x device
to a C8051F12x device, some code modifications
are required and others are made to fully utilize the
enhanced flexibility and performance of the
C8051F12x devices. Both types of modifications
are discussed below, sorted by peripheral.
Analog-to-Digital Converter
(ADC)
Both the 12-bit and 10-bit versions of ADC0 are
identical to ADC0 on the ‘F02x devices. ADC1 (8-
bit 500 ksps) has been renamed to ADC2 on the
‘F12x. ADC2 now supports differential mode in
addition to single-ended mode and has its own Pro-
grammable
Window
Comparator.
Also,
the
CNVSTR signal has been renamed to CNVSTR0.
Please refer to the C8051F12x datasheet for ADC2
configuration information. Note that SFRPAGE
should be set to ADC0_PAGE or ADC2_PAGE
when reading or writing the corresponding ADC
registers.
Digital-to-Analog Converter
(DAC)
Both DAC0 and DAC1 on the ‘F12x are identical
to DAC0 and DAC1 on the ‘F02x. However, be
sure to set the SFRPAGE to DAC0_PAGE or
DAC1_PAGE before reading or writing to any
DAC registers.
Voltage Reference (VREF)
VREF1 on the ‘F02x has been renamed to VREF2
on the ‘F12x. Pin locations are unchanged. Note
that SFRPAGE should be set to LEGACY_PAGE
before any reads or writes to REF0CN.
Comparators
The comparators on the ‘F12x have been enhanced
over the equivalent ‘F02x comparators with a new
speed/power selection capability. As a result, two
new registers, CPT0MD and CPT1MD, have been
added to accommodate this new feature. These reg-
isters
give
the
user
the
option
of
putting
comparator 0 and comparator 1 in a low power
mode. The reset value for these registers leaves the
speed and power consumption of ‘F12x compara-
Figure 2. Interrupts Added to the
‘F12x
Interrupt
Source
Interrupt
Vector
Priority
ADC2 Window
Comparator
0x008B
17
Figure 3. Interrupts No Longer
Present in the ‘F12x
Interrupt
Source
Interrupt
Vector
Priority
External
Interrupt 6
0x0093
18
External
Interrupt 7
0x009B
19
External
Crystal OSC
Ready
0x00AB
21
Figure 4. Interrupts That Have
Changed Locations in the ‘F12x
Interrupt
Source
Interrupt
Vector
Priority
ADC1 End of
Conversion
is now
ADC2 End of
Conversion
0x008B
0x0093
17
18


Similar Part No. - C8051F022

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F022 ETC-C8051F022 Datasheet
51Kb / 2P
   Mixed-Signal 64KB ISP FLASH MCU
logo
Silicon Laboratories
C8051F022 SILABS-C8051F022 Datasheet
4Mb / 272P
   8K ISP FLASH MCU Family
C8051F022 SILABS-C8051F022 Datasheet
176Kb / 2P
   25 MIPS, 64 kB Flash, 10-Bit ADC, 100-Pin Mixed-Signal MCU
More results

Similar Description - C8051F022

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECX-19A ECS-ECX-19A_17 Datasheet
590Kb / 2P
   The ECX-19A SMD crystal is pin out compatible with our CSM-12
logo
List of Unclassifed Man...
OCC8001-02 ETC1-OCC8001-02 Datasheet
382Kb / 2P
   The OCC8001-02 transceiver is a pin compatible successor of the OCC8001-01 with identical functionality,
logo
NXP Semiconductors
PCD509X2 PHILIPS-PCD509X2 Datasheet
93Kb / 16P
   The PCD50912 is designed for GAP compatible DECT handsets
1998 Apr 27
logo
NEC
UPD8355 NEC-UPD8355 Datasheet
262Kb / 6P
   pin for pin compatible
logo
Emerson Network Power
BXA40 EMERSON-NETWORKPOWER-BXA40 Datasheet
243Kb / 4P
   Pin-compatible with NFC40 Series
logo
Linear Technology
LT1011AIS8 LINER-LT1011AIS8 Datasheet
239Kb / 20P
   Pin Compatible with LM111 Series Devices
logo
List of Unclassifed Man...
HD-50-1-6 ETC-HD-50-1-6 Datasheet
150Kb / 1P
   The desing of the HD Series knob is unmistakbaly unique
logo
AiT Semiconductor Inc.
A4052 AITSEMI-A4052 Datasheet
459Kb / 11P
   BATTERY MANAGEMENT 1A IS COMPATIBLE WITH THE USB INTERFACE, LINEAR BATTERY MANAGEMENT CHIP
REV1.0
logo
List of Unclassifed Man...
CMG010020 ETC2-CMG010020 Datasheet
70Kb / 1P
   The CMG Series is a self powered
logo
Ohmite Mfg. Co.
SINK-CSM OHMITE-SINK-CSM Datasheet
411Kb / 2P
   The economically priced CSM Series is suitable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com