Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1852B-000 Datasheet(PDF) 10 Page - Dallas Semiconductor

Part # DS1852B-000
Description  Optical Transceiver Diagnostic Monitor
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1852B-000 Datasheet(HTML) 10 Page - Dallas Semiconductor

Back Button DS1852B-000 Datasheet HTML 6Page - Dallas Semiconductor DS1852B-000 Datasheet HTML 7Page - Dallas Semiconductor DS1852B-000 Datasheet HTML 8Page - Dallas Semiconductor DS1852B-000 Datasheet HTML 9Page - Dallas Semiconductor DS1852B-000 Datasheet HTML 10Page - Dallas Semiconductor DS1852B-000 Datasheet HTML 11Page - Dallas Semiconductor DS1852B-000 Datasheet HTML 12Page - Dallas Semiconductor DS1852B-000 Datasheet HTML 13Page - Dallas Semiconductor DS1852B-000 Datasheet HTML 14Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
DS1852
10 of 25
2-WIRE SERIAL PORT OPERATION
The 2-wire serial port interface supports a bidirectional data transmission protocol with device
addressing. A device that sends data on the bus is defined as a transmitter, and a device receiving data as
a receiver. The device that controls the message is called a “master.” The devices that are controlled by
the master are “slaves”. A master device that generates the serial clock (SCL), controls the bus access,
and generates the START and STOP conditions must control the bus. The DS1852 operates as a slave
on the 2-wire bus. Connections to the bus are made through the open-drain I/O lines SDA and SCL. The
following I/O terminals control the 2-wire serial port: SDA, SCL, and ASEL. Timing diagrams for the
2-wire serial port can be found in Figures 2 and 3. Timing information for the 2-wire serial port is
provided in the AC ELECTRICAL CHARACTERISTICS table for 2-wire serial communications.
The following bus protocol has been defined:
§ Data transfer may be initiated only when the bus is not busy.
§ During data transfer, the data line must remain stable whenever the clock line is HIGH. Changes in
the data line while the clock line is HIGH will be interpreted as control signals.
Accordingly, the following bus conditions have been defined:
Bus not busy: Both data and clock lines remain HIGH.
Start data transfer: A change in the state of the data line from HIGH to LOW while the clock is HIGH
defines a START condition.
Stop data transfer: A change in the state of the data line from LOW to HIGH while the clock line is
HIGH defines the STOP condition.
Data valid: The state of the data line represents valid data when, after a START condition, the data line
is stable for the duration of the HIGH period of the clock signal. The data on the line can be changed
during the LOW period of the clock signal. There is one clock pulse per bit of data. Figures 2 and 3
detail how data transfer is accomplished on the 2-wire bus. Depending upon the state of the R/W bit, two
types of data transfer are possible.
Each data transfer is initiated with a START condition and terminated with a STOP condition. The
number of data bytes transferred between START and STOP conditions is not limited and is determined
by the master device. The information is transferred byte-wise and each receiver acknowledges with a
ninth bit.
Within the bus specifications a regular mode (100kHz clock rate) and a fast mode (400kHz clock rate)
are defined. The DS1852 works in both modes.
Acknowledge: Each receiving device, when addressed, is obliged to generate an ‘acknowledge’ after
the byte has been received. The master device must generate an extra clock pulse, which is associated
with this acknowledge bit.


Similar Part No. - DS1852B-000

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1852 MAXIM-DS1852 Datasheet
392Kb / 26P
   Optical Transceiver Diagnostic Monitor
011906
More results

Similar Description - DS1852B-000

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1852 MAXIM-DS1852 Datasheet
392Kb / 26P
   Optical Transceiver Diagnostic Monitor
011906
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-57M5APZ AVAGO-AFBR-57M5APZ_15 Datasheet
286Kb / 19P
   Digital Diagnostic Optical Transceiver
AFCT-57J7ATPZ AVAGO-AFCT-57J7ATPZ Datasheet
248Kb / 17P
   Compatible, Digital Diagnostic Optical Transceiver
AFCT-57J7ATPZ AVAGO-AFCT-57J7ATPZ_15 Datasheet
248Kb / 17P
   RoHS OBSAI/CPRI Compatible, Digital Diagnostic Optical Transceiver
HFBR-59L1ALZ AVAGO-HFBR-59L1ALZ Datasheet
447Kb / 14P
   Optical Transceiver
AFBR-57L5AP AVAGO-AFBR-57L5AP Datasheet
326Kb / 19P
   Optical Transceiver
logo
Murata Manufacturing Co...
WTFA11GDPS100T MURATA-WTFA11GDPS100T Datasheet
39Kb / 1P
   Optical Transceiver
logo
List of Unclassifed Man...
GP2W0118YP0F ETC2-GP2W0118YP0F Datasheet
749Kb / 17P
   OPTICAL DATACOMMUNICATION TRANSCEIVER
logo
OPLINK Communications I...
S0313-TRPV3GKERX000XXG OPLINK-S0313-TRPV3GKERX000XXG Datasheet
284Kb / 6P
   CWDM Optical Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-57R5APZ AVAGO-AFBR-57R5APZ Datasheet
288Kb / 19P
   Digital Diagnostic SFP, 850 nm, 4.25/2.125/1.0625 GBd, RoHS Compliant Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com