Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG183 Datasheet(PDF) 8 Page - TEMIC Semiconductors

Part # DG183
Description  High-Speed Drivers with Dual DPST JFET Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

DG183 Datasheet(HTML) 8 Page - TEMIC Semiconductors

  DG183 Datasheet HTML 1Page - TEMIC Semiconductors DG183 Datasheet HTML 2Page - TEMIC Semiconductors DG183 Datasheet HTML 3Page - TEMIC Semiconductors DG183 Datasheet HTML 4Page - TEMIC Semiconductors DG183 Datasheet HTML 5Page - TEMIC Semiconductors DG183 Datasheet HTML 6Page - TEMIC Semiconductors DG183 Datasheet HTML 7Page - TEMIC Semiconductors DG183 Datasheet HTML 8Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
DG183/184/185
8
Siliconix
S-52895—Rev. D, 16-Jun-97
Test Circuits
Feedthrough due to charge injection may result in spikes at the leading and trailing edge of the output waveform.
Figure 2.
Switching Time
Logic
Input
Switch
Output
tOFF
tON
tr <10 ns
tf <10 ns
90%
50%
0 V
3 V
0 V
0 V
90%
3 V
–3 V
tON: VS = 3 V
tOFF:VS = –3 V
V
OUT + VS x
R
L
R
L ) rDS(on)
–15 V
GND
IN
CL (includes fixture and stray capacitance)
V–
D1
VO1
S2
S1
D2
RL2
CL2
VO2
RL1
CL1
VS2
VS1
+15 V
V+
+5 V
VL
Application Hintsa
Switch
V+
Positive Supply
Voltage
(V)
V–
Negative
Supply Voltage
(V)
VL
Logic
Supply Voltage
(V)
VR
Reference
Supply Voltage
(V)
VIN
Logic Input Voltage
VINH(min)/VINL(max)
(V)
VS
Analog Voltage
Range
(V)
DG183
DG184
15b
10
12
–15
–20
–12
5
5
5
GND
GND
GND
2.0/0.8
2.0/0.8
2.0/0.8
–7.5 to 15
–12.5 to 10
–4.5 to 12
DG185
15b
10
12
–15
–20
–12
5
5
5
GND
GND
GND
2.0/0.8
2.0/0.8
2.0/0.8
–10 to 15
–15 to 10
–7 to 12
Notes:
a.
Application Hints are for DESIGN AID ONLY, not guaranteed and not subject to production testing.
b.
Electrical Parameter Chart based on V+ = 15 V, VL = 5 V, VR = GND.


Similar Part No. - DG183

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG183 VISHAY-DG183 Datasheet
82Kb / 8P
   High-Speed Drivers and Dual DPST JFET Switches
Rev. D, 16-Jun-97
logo
Intersil Corporation
DG183 INTERSIL-DG183 Datasheet
4Mb / 122P
   P-CHANNEL JFET
DG183 INTERSIL-DG183 Datasheet
2Mb / 117P
   Analog Switches and Multiplexers
logo
Vishay Siliconix
DG183 VISHAY-DG183 Datasheet
89Kb / 9P
   High-Speed Drivers and Dual DPST JFET Switches
18-Jul-08
DG183 VISHAY-DG183_V01 Datasheet
89Kb / 9P
   High-Speed Drivers and Dual DPST JFET Switches
18-Jul-08
More results

Similar Description - DG183

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG183 VISHAY-DG183_V01 Datasheet
89Kb / 9P
   High-Speed Drivers and Dual DPST JFET Switches
18-Jul-08
DG183 VISHAY-DG183 Datasheet
82Kb / 8P
   High-Speed Drivers and Dual DPST JFET Switches
Rev. D, 16-Jun-97
DG189 VISHAY-DG189_V01 Datasheet
111Kb / 9P
   High-Speed Drivers with Dual SPDT JFET Switches
18-Jul-08
DG189 VISHAY-DG189 Datasheet
127Kb / 9P
   High-Speed Drivers with Dual SPDT JFET Switches
Rev. D, 20-Jun-05
DG180 VISHAY-DG180 Datasheet
84Kb / 8P
   High-Speed Drivers with Dual SPST JFET Switches
Rev. D, 16-Jun-97
DG180 VISHAY-DG180_V01 Datasheet
91Kb / 9P
   High-Speed Drivers with Dual SPST JFET Switches
18-Jul-08
DG188 VISHAY-DG188 Datasheet
89Kb / 8P
   High-Speed Drivers with SPDT JFET Switches
Rev. E, 16-Jun-97
DG186 VISHAY-DG186_V01 Datasheet
88Kb / 9P
   High-Speed Drivers with SPDT JFET Switches
18-Jul-08
logo
Intersil Corporation
DG181 INTERSIL-DG181 Datasheet
75Kb / 9P
   High-Speed Drivers with JFET Switch
April 1999
DG426 INTERSIL-DG426 Datasheet
213Kb / 4P
   2 CHANNEL DRIVERS WITH SPST AND DPST FET SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com