Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COVER-180-XBC Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # COVER-180-XBC
Description  4 x 2 x 0.75 Inches Form factor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

COVER-180-XBC Datasheet(HTML) 3 Page - Bel Fuse Inc.

  COVER-180-XBC Datasheet HTML 1Page - Bel Fuse Inc. COVER-180-XBC Datasheet HTML 2Page - Bel Fuse Inc. COVER-180-XBC Datasheet HTML 3Page - Bel Fuse Inc. COVER-180-XBC Datasheet HTML 4Page - Bel Fuse Inc. COVER-180-XBC Datasheet HTML 5Page - Bel Fuse Inc. COVER-180-XBC Datasheet HTML 6Page - Bel Fuse Inc. COVER-180-XBC Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ABC180 Series
3
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2016 Bel Power Solutions & Protection
BCD.00879_001
Output Power2
With 13 CFM forced air cooling
With natural convection cooling at 100 to 264 VAC
180 W
up to 120 W
Efficiency
(typical @ 230 VAC full load)
48 V, 58 V:
24 V, 30 V:
12 V, 15 V:
92%
90%
88%
Hold-up Time
At 180 W:
At 120 W:
10 ms
16 ms
Line Regulation
+/-0.5%
Load Regulation
+/-1%
Transient Response
25% step load change, at 0.1 A/uS slew rate, 50% duty
cycle, 50 Hz = 4%
recovery time < 5 ms
Voltage Adjustment
+/-3%
Rise Time
Typical
55 ms
Set Point Tolerance3
+/-1%
Over Current Protection
> 110%
Over Voltage Protection
110 to 140%
Short Circuit Protection
Hiccup mode
2
Combined output power of main output, fan supply shall not exceed max. Power rating.
3
Fan supply output voltage tolerance including set point accuracy, line and load regulation is +/-10% and Ripple and noise is less than 10%.
Operating Temperature
Startup guaranteed with spec. deviation
-40 to +70°C
-40 to 0°C
Storage Temperature
-40 to +85°C
Relative Humidity
Non-condensing
5% to 95%
Altitude
Operating:
Non-operating:
16,000 ft
40,000 ft.
MTBF
Telcordia -SR332-issue 3
3.37 million hours
Conducted Emissions
EN55022-B, CISPR22-B, FCC PART15 – B
Static Discharge
EN61000-4-2:
Level-3
RF Field Susceptibility
EN61000-4-3:
Level-3
Fast Transients/Bursts
EN61000-4-4:
Level-3
Radiated Emissions
Radiated:
Radiated with external core:
(King core K5B RC 25x12x15-M in input cable (5 turns))
Level A
Level B
Surge Susceptibility
EN61000-4-5:
Level-3
Harmonic Current
EN61000-3-2:
Class D


Similar Part No. - COVER-180-XBC

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
COVER-180-XBC BEL-COVER-180-XBC Datasheet
1Mb / 7P
   4 x 2 x 0.75 Inches Form factor
COVER-180-XBC BEL-COVER-180-XBC Datasheet
630Kb / 7P
   4 x 2 x 0.75 Inch Form Factor 180 Watts with Forced Air Cooling
COVER-180-XBC2 BEL-COVER-180-XBC2 Datasheet
802Kb / 7P
   180 Watts with Forced Air Cooling
COVER-180-XBC3 BEL-COVER-180-XBC3 Datasheet
896Kb / 7P
   4 x 2 x 0.75 Inches Form factor
More results

Similar Description - COVER-180-XBC

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
MBC180 BEL-MBC180 Datasheet
896Kb / 7P
   4 x 2 x 0.75 Inches Form factor
MBC180-1T12L BEL-MBC180-1T12L Datasheet
1Mb / 7P
   4 x 2 x 0.75 Inches Form factor
MBC275 BEL-MBC275 Datasheet
1Mb / 7P
   5 x 3 x 0.75 Inches Form factor
ABC275-1T12L BEL-ABC275-1T12L Datasheet
1Mb / 7P
   5 x 3 x 0.75 Inches form factor
ABC275 BEL-ABC275 Datasheet
506Kb / 5P
   5 x 3 x 0.75 Inches form factor
MBC275-1T12L BEL-MBC275-1T12L Datasheet
1Mb / 7P
   5 x 3 x 0.75 Inches Form factor
ABC275 BEL-ABC275_V01 Datasheet
722Kb / 7P
   5 x 3 x 0.75 Inch Form Factor
MBC150 BEL-MBC150 Datasheet
730Kb / 6P
   4 x 2 x 1.3 Inch Form Factor
ABC40 BEL-ABC40_V01 Datasheet
547Kb / 6P
   4 x 2 x 1.2 Inch Form Factor
ABC180 BEL-ABC180_V01 Datasheet
630Kb / 7P
   4 x 2 x 0.75 Inch Form Factor 180 Watts with Forced Air Cooling
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com