Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDC240-12 Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # LDC240-12
Description  High efficiency and very compact size
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

LDC240-12 Datasheet(HTML) 3 Page - Bel Fuse Inc.

  LDC240-12 Datasheet HTML 1Page - Bel Fuse Inc. LDC240-12 Datasheet HTML 2Page - Bel Fuse Inc. LDC240-12 Datasheet HTML 3Page - Bel Fuse Inc. LDC240-12 Datasheet HTML 4Page - Bel Fuse Inc. LDC240-12 Datasheet HTML 5Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LDC240 Series
3
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2016 Bel Power Solutions & Protection
BCD.00756_AA
Load Regulation
LDC240-12
LDC240-24
LDC240-48
LDC240-72
≤ 2%
≤ 1%
≤ 1%
≤ 1%
Ripple & Noise
LDC240-12
LDC240-24
LDC240-48
LDC240-72
≤ 160 mVpp
≤ 260 mVpp
≤ 400 mVpp
≤ 550 mVpp
Hold up Time
LDC240-12
LDC240-24 / LDC240-48
LDC240-72
> 25 ms
> 20 ms
> 15 ms
Redundancy
(P) models include internal ORing Circuit
Efficiency
LDC240-12
LDC240-24
LDC240-48 / LDC240-72
> 90%
> 93%
> 93.5%
Dissipated Power
LDC240-12
LDC240-24
LDC240-48 / LDC240-72
< 25 W
< 19 W
< 17 W
Output Over Voltage Protection
LDC240-12
LDC240-24
LDC240-48
LDC240-72
> 18 VDC
> 33 VDC
> 68 VDC
> 100 VDC
Parallel Connection
Up to 4 units for increased power
Protections
Overload, short circuit, with constant current
or hiccup mode (user settable)
Thermal protection
Input undervoltage lockout
Status Signals
Green LED
Red LED
DC OK
Overload
Current limitation mode jumper
Dry contact
1 A / 30 V
Note: Power rating, losses, efficiency, ripple, thermal behavior may change outside of the nominal rated input range.
Operating Temperature
UL certificated up to 70°C
(Start-up type tested: - 40°C)1
- 40° to + 70°C
Storage Temperature
- 40° to + 80°C
Derating
No derating
Humidity
Non condensing
5 - 95% RH
Life Time Expectancy
At 25°C ambient, full load
221288 h (25.2 years)
Overvoltage Category
Pollution Degree
III
2 (IEC 664-1)
Isolation Voltage
Input to Output
Input to Ground
Output to Ground
4.2 kVDC
2.2 kVDC
0.75 kVDC
Safety Standards & Approvals
UL508 (certified)
EN60950 (reference)
EMC Standards
Emission
EN55022:2010 (CISPR22)
EN55011:2009 /A1:2010
EN61000-3-2:2014
Class B
Class B
Class A
Immunity
EN61000-4-2:2008
EN61000-4-3:2006 /A2:2010
EN61000-4-4:2012
EN61000-4-5:2014
EN61000-4-11:2004 /A1:2010
Level 3
Level 3
Level 3
Level 4
Level 2
Protection Degree
EN60529:1989 /A:2013
IP20
Vibration Sinusoidal
IEC 60068-2-6:2007
5-17.8 Hz: ±1.6 mm; 17.8-500 Hz:
2 g 2 Hours / axis (X,Y,Z)
Shock
IEC 60068-2-27:2008
30 g 6 ms, 20 g 11 ms;
3 bumps / direction, 18 bumps total
1 Possible with load derating.


Similar Part No. - LDC240-12

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
LDC240-12 BEL-LDC240-12 Datasheet
608Kb / 5P
   Active PFC
LDC240-12P BEL-LDC240-12P Datasheet
608Kb / 5P
   Active PFC
More results

Similar Description - LDC240-12

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
LDW120 BEL-LDW120 Datasheet
564Kb / 4P
   High efficiency and compact size
LDN20 BEL-LDN20 Datasheet
575Kb / 4P
   High efficiency and compact size
LDW240 BEL-LDW240 Datasheet
550Kb / 4P
   High efficiency and compact size
logo
Power-One
TES113YD POWER-ONE-TES113YD Datasheet
1Mb / 3P
   Very High Efficiency
logo
Taoglas antenna solutio...
FXP832.03.0458D TAOGLAS-FXP832.03.0458D Datasheet
1Mb / 16P
   Very High Efficiency
FXP830.24.0100B TAOGLAS-FXP830.24.0100B Datasheet
728Kb / 14P
   Very High Efficiency
logo
WALSIN TECHNOLOGY CORPO...
WF25P WALSIN-WF25P Datasheet
620Kb / 9P
   High power rating and compact size
WF25H WALSIN-WF25H Datasheet
186Kb / 7P
   High power rating and compact size
WK25S WALSIN-WK25S Datasheet
263Kb / 7P
   High power rating and compact size
MR18X WALSIN-MR18X Datasheet
418Kb / 7P
   High power rating and compact size
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com