Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APAMS-121 Datasheet(PDF) 1 Page - Abracon Corporation

Part No. APAMS-121
Description  External GSM Antenna
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  http://www.abracon.com/index.htm
Logo ABRACON - Abracon Corporation

APAMS-121 Datasheet(HTML) 1 Page - Abracon Corporation

  APAMS-121 Datasheet HTML 1Page - Abracon Corporation APAMS-121 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
External GSM Antenna
STANDARD SPECIFICATIONS:
TYPICAL APPLICATIONS:
FEATURES:
CERTIFIED
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
MSL level: Not Applicable
APAMS-121
RoHS/RoHS II compliant
Lead in copper alloy exemption (6c); and Lead in glass exemption (7c-I)
• Bluetooth
• WiFi 2.4GHz and 5GHz
• Routers
• High Reliability/ Sensitivity
• Compact Size
• Easy to install
• ROHS Compliant
86.0 x Ø10.0mm
S11 CHARACTERISTICS
Parameters
Min.
Typ.
Max.
Units
Note
Frequency Range
2350
2450
MHz
5700
5900
MHz
Bandwidth
100
MHz
(@2400MHz)
200
MHz
(@5800MHz)
VSWR
2:1
Polarization Model
Linear Polarization
Impedance
50
Gain
2
dBi
(@2400MHz)
2
dBi
(@5800MHz)
Azimuth
Omni-Directional
Operating Temperature
-45
+85
˚C
Storage Temperature
-45
+85
˚C
2 Faraday, Suite# B
| Irvine | CA 92618 Revised: 06.02.15
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale
LLC


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn