Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC145073DW Datasheet(PDF) 3 Page - Motorola, Inc

Part # MC145073DW
Description  Dual 16-Bit Stereo Audio Sigma-Delta ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145073DW Datasheet(HTML) 3 Page - Motorola, Inc

  MC145073DW Datasheet HTML 1Page - Motorola, Inc MC145073DW Datasheet HTML 2Page - Motorola, Inc MC145073DW Datasheet HTML 3Page - Motorola, Inc MC145073DW Datasheet HTML 4Page - Motorola, Inc MC145073DW Datasheet HTML 5Page - Motorola, Inc MC145073DW Datasheet HTML 6Page - Motorola, Inc MC145073DW Datasheet HTML 7Page - Motorola, Inc MC145073DW Datasheet HTML 8Page - Motorola, Inc MC145073DW Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MOTOROLA
MC145073
3
ANALOG SPECIFICATIONS
(Full Temperature, CLK = 6.144 MHz in div1, VDD(A) = VDD(D) = 5.0 V, 1007.8 Hz Full–Scale Input Sinewave, 1.4 V p–p @ AIN(L) and AIN(R),
Common Mode Input Voltage = 2.5 V. Measured bandwidth is 23 Hz to 24 kHz, inputs driven differentially per Figure 1.)
Parameter
Min
Typ
Max
Unit
Resolution Bits
16
Bits
S/(N+D)
76
82
dB
Dynamic Range
85
dB
Total Harmonic Distortion (Vin =
± F.S.)
.003
%
Gain Error
± 5
%
Gain Drift
50
ppm/
°C
Channel to Channel Isolation
90
dB
PSRR (VDD(A))
60
dB
PSRR (VDD(D))
100
dB
Input Impedance
40
k
Warm–Up Time (for Reference and Bias Circuits)
1
ms
DIGITAL FILTER CHARACTERIZATION
(Over full operating ranges per Operating Ranges table. Stated values are for input/output relationships from input of comb filter to output of
FIR filter.)
P
Output Data Rate
Ui
N
Parameter
32 kHz
44.1 kHz
48 kHz
Unit
Notes
FSEL = low
FIR Filter Passband
0 to 13.3
0 to 18.3
0 to 20
kHz
Maximum Passband Ripple
± 0.1
± 0.1
± 0.1
dB
FIR Filter Transition Band
13.3 to 17
18.3 to 23.5
20 to 25.8
kHz
FIR Filter Rejection (Min)
– 84
– 84
– 84
dB
Maximum Alias Level (Figure 3)
– 86
– 86
– 86
dB
1, 2
Group Delay
33
33
33
Out CLKS
3
Setting Time
49
49
49
Out CLKS
3
FSEL = high
FIR Filter Passband
0 to 14.5
0 to 20
0 to 21.7
kHz
Maximum Passband Ripple
± 0.1
± 0.1
± 0.1
dB
FIR Filter Transition Band
14.5 to 18.2
20 to 25.0
21.7 to 27.3
kHz
FIR Filter Rejection (Min)
– 84
– 84
– 84
dB
Maximum Alias Level (Figure 3)
– 86
– 86
– 86
dB
1, 2
Group Delay
33
33
33
Out CLKS
3
Setting Time
49
49
49
Out CLKS
3
NOTES:
1. There is no rejection of input signals that are multiples of the sampling frequency (nxCLKI
± Filter Bandwidth, where n = 0, 1, 2, ...).
2. The maximum alias level spec does not apply to input signals in the range of 24 to 25.8 kHz in the 48 kHz output mode, 22.05 to 23.675 kHz
in the 44.1 kHz output mode, or 16 to 17.2 kHz in the 32 kHz output mode.
3. One Out CLK (output clock) is equal in length to 128 internal CLKs or one SYNC clock period.


Similar Part No. - MC145073DW

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145074 MOTOROLA-MC145074 Datasheet
183Kb / 14P
   Stero Audio Sigma-Delta Digital-to-Analog Converter
MC145074D MOTOROLA-MC145074D Datasheet
183Kb / 14P
   Stero Audio Sigma-Delta Digital-to-Analog Converter
MC145076 MOTOROLA-MC145076 Datasheet
124Kb / 8P
   MC 145076 Stereo Audio FIR Smoothing Filter
MC145076D MOTOROLA-MC145076D Datasheet
124Kb / 8P
   MC 145076 Stereo Audio FIR Smoothing Filter
More results

Similar Description - MC145073DW

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
   16-Bit, Sigma-Delta ADC
ADUM7703 AD-ADUM7703_V01 Datasheet
353Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
Rev. A
logo
New Japan Radio
NJU3610 NJRC-NJU3610 Datasheet
269Kb / 14P
   1bit Delta-Sigma Stereo ADC
logo
Analog Devices
ADUM7703 AD-ADUM7703 Datasheet
351Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
AD7707 AD-AD7707_15 Datasheet
693Kb / 52P
   3-Channel 16-Bit, Sigma-Delta ADC
REV. B
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
   16-Bit, Low Power, Sigma-Delta ADC
AD7707 AD-AD7707_17 Datasheet
775Kb / 53P
   3-Channel 16-Bit, Sigma-Delta ADC
logo
Core Technology (Shenzh...
CS1180 CHIPSEA-CS1180 Datasheet
757Kb / 30P
   20-bit Sigma-Delta ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com