Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KTLP250 Datasheet(PDF) 11 Page - COSMO Electronics Corporation

Part # KTLP250
Description  8PIN IGBT GATE DRIVE PHOTOCOUPLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KTLP250 Datasheet(HTML) 11 Page - COSMO Electronics Corporation

Back Button KTLP250_15 Datasheet HTML 4Page - COSMO  Electronics Corporation KTLP250_15 Datasheet HTML 5Page - COSMO  Electronics Corporation KTLP250_15 Datasheet HTML 6Page - COSMO  Electronics Corporation KTLP250_15 Datasheet HTML 7Page - COSMO  Electronics Corporation KTLP250_15 Datasheet HTML 8Page - COSMO  Electronics Corporation KTLP250_15 Datasheet HTML 9Page - COSMO  Electronics Corporation KTLP250_15 Datasheet HTML 10Page - COSMO  Electronics Corporation KTLP250_15 Datasheet HTML 11Page - COSMO  Electronics Corporation KTLP250_15 Datasheet HTML 12Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Cosmo Electronics Corp.
Document No. 69P51007.2
- 11 -
http://www.cosmo-ic.com
cosmo
KTLP250 Series
8PIN IGBT GATE DRIVE
PHOTOCOUPLER
 8-pin L Carrier Tape & Reel
12.35±0.10
11.50±0.10
24.00±0.30
12.00±0.10
4.00±0.10
2.00±0.10
1.75±0.10
TLD
Direction of feed from reel
24.40
30.40 Max.
+0.20
-0.00
Quantity
800pcs/reel
Unit:mm
TOLERANCE:±0.2mm
TRU
Direction of feed from reel


Similar Part No. - KTLP250_15

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KTLP250H COSMO-KTLP250H Datasheet
213Kb / 8P
   This unit is 8.lead DIP package
KTLP250S COSMO-KTLP250S Datasheet
213Kb / 8P
   This unit is 8.lead DIP package
More results

Similar Description - KTLP250_15

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KP1510 COSMO-KP1510_15 Datasheet
324Kb / 14P
   8PIN IGBT GATE DRIVE PHOTOCOUPLER
KTLP350 COSMO-KTLP350_15 Datasheet
344Kb / 13P
   8PIN IGBT GATE DRIVE PHOTOCOUPLER
KPC825 COSMO-KPC825_15 Datasheet
282Kb / 11P
   8PIN PHOTODARLINGTON PHOTOCOUPLER
KP3020 COSMO-KP3020_15 Datasheet
286Kb / 11P
   8PIN PHOTOTRANSISTOR PHOTOCOUPLER
KP1020 COSMO-KP1020_15 Datasheet
281Kb / 11P
   8PIN PHOTOTRANSISTOR PHOTOCOUPLER
KP4020 COSMO-KP4020_15 Datasheet
280Kb / 11P
   8PIN PHOTODARLINGTON PHOTOCOUPLER
logo
NEC
PS9552 NEC-PS9552 Datasheet
218Kb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
logo
California Eastern Labs
PS9552 CEL-PS9552 Datasheet
305Kb / 23P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
PS9552_V1 CEL-PS9552_V1 Datasheet
1Mb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9552 RENESAS-PS9552_15 Datasheet
354Kb / 24P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com