Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-19100C36A-M5T2U Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-19100C36A-M5T2U
Description  BUILT-IN DELAY CIRCUIT
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-19100C36A-M5T2U Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-19100C36A-M5T2U Datasheet HTML 1Page - Seiko Instruments Inc S-19100C36A-M5T2U Datasheet HTML 2Page - Seiko Instruments Inc S-19100C36A-M5T2U Datasheet HTML 3Page - Seiko Instruments Inc S-19100C36A-M5T2U Datasheet HTML 4Page - Seiko Instruments Inc S-19100C36A-M5T2U Datasheet HTML 5Page - Seiko Instruments Inc S-19100C36A-M5T2U Datasheet HTML 6Page - Seiko Instruments Inc S-19100C36A-M5T2U Datasheet HTML 7Page - Seiko Instruments Inc S-19100C36A-M5T2U Datasheet HTML 8Page - Seiko Instruments Inc S-19100C36A-M5T2U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
S-19100xxxA Series
www.sii-ic.com
FOR AUTOMOTIVE 125°C OPERATION VOLTAGE DETECTOR
BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
© SII Semiconductor Corporation, 2012-2015
Rev.1.2_01
1
The S-19100xxxA Series, developed by using CMOS technology, is a voltage detector IC for automotive 125
°C operation.
The detection voltage is fixed internally with an accuracy of
±3.0% (−VDET = 2.4 V). It operates with current consumption of
270 nA typ.
The release signal can be delayed by setting a capacitor externally, and the delay time accuracy at Ta =
+25°C is ±15%.
The operation temperature range is Ta =
−40°C to +125°C. Two output forms Nch open-drain and CMOS output are
available.
Compared with conventional CMOS voltage detectors, the S-19100xxxA Series has super-low current consumption and
small packages.
Caution This product can be used in vehicle equipment and in-vehicle equipment. Before using the product in
the purpose, contact to SII Semiconductor Corporation is indispensable.
Features
• Detection voltage:
1.2 V to 4.6 V (0.1 V step)
• Detection voltage accuracy:
±3.0% (2.4 V ≤ −VDET ≤ 4.6 V, Ta = −40°C to +125°C)
±(2.5% + 12 mV) (1.2 V ≤ −VDET < 2.4 V, Ta = −40°C to +125°C)
• Current consumption:
270 nA typ. (1.2 V
≤ −VDET < 2.3 V)
• Operation voltage range:
0.6 V to 10.0 V (CMOS output product)
• Hysteresis width*1:
5%
±2% (Ta = −40°C to +125°C)
• Delay time accuracy:
±15% (CD = 4.7 nF, Ta = +25°C)
• Output form:
Nch open-drain output (active "L")
CMOS output (active "L")
• Operation temperature range:
Ta =
−40°C to +125°C
• Lead-free (Sn 100%), halogen-free
• AEC-Q100 qualified*2
*1. The product without hysteresis width is also available.
*2. Contact our sales office for details.
Applications
• For automotive use (engine, transmission, suspension, ABS, related-devices for EV / HEV / PHEV, etc.)
Packages
• SOT-23-5
• SC-82AB


Similar Part No. - S-19100C36A-M5T2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-19100C36A-M5T2U SII-S-19100C36A-M5T2U Datasheet
2Mb / 39P
   FOR AUTOMOTIVE 125 OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
More results

Similar Description - S-19100C36A-M5T2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-19101C25H-N4T2U SII-S-19101C25H-N4T2U Datasheet
1Mb / 31P
   BUILT-IN DELAY CIRCUIT
S-19100N12H-M5T2U SII-S-19100N12H-M5T2U Datasheet
2Mb / 45P
   BUILT-IN DELAY CIRCUIT
S-19101C25H-M5T2U SII-S-19101C25H-M5T2U Datasheet
1Mb / 31P
   BUILT-IN DELAY CIRCUIT
S1004 SII-S1004 Datasheet
2Mb / 42P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
logo
Torex Semiconductor
XC61F TOREX-XC61F_2 Datasheet
674Kb / 14P
   Voltage Detectors, Delay Circuit Built-In
XC61F TOREX-XC61F_1 Datasheet
740Kb / 12P
   Voltage Detectors, Delay Circuit Built-In
XC61F TOREX-XC61F Datasheet
196Kb / 12P
   Voltage Detectors ( Delay Circuit Built-In)
logo
E-CMOS Corporation
EC95810 E-CMOS-EC95810 Datasheet
931Kb / 15P
   Voltage Detectors with Built-in Delay Circuit
logo
Torex Semiconductor
XC61H TOREX-XC61H Datasheet
574Kb / 13P
   Voltage Detector with Delay Circuit Built-In
XC61H TOREX-XC61H_1 Datasheet
576Kb / 13P
   Voltage Detector with Delay Circuit Built-In
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com