Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEHZC1V470P Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EEHZC1V470P
Description  Conductive Polymer Hybrid Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEHZC1V470P Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EEHZC1V470P Datasheet HTML 1Page - Panasonic Semiconductor EEHZC1V470P Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Conductive Polymer Hybrid Aluminum Electrolytic Capacitors
33
ZC
E
Capacitance (μF)
Rated voltage mark
Series identification
Lot number
Negative polarity marking (–)
A±0.2
W
( ) Reference size
L
+
0.3 max.
Pressure relief (
010 and larger)
Endurance: 4000 h at 125 °C (High temperature / Long life)
Low ESR and high ripple current (85 % over, Lower ESR than current V-TP)
High-withstand voltage (25 V.DC to 80 V.DC), Low LC (0.01 CV or 3 μA)
Equivalent to conductive polymer type aluminum electrolytic capacitor
(There are little characteristics change by temperature and frequency)
Vibration-proof product is available upon request. (08 mm and larger)
AEC-Q200 compliant
RoHS directive compliant
Specifications
Features
Surface Mount Type
Series : ZC Type : V
High temperature Lead-Free reflow
Capacitance tolerance
±20 % (120 Hz/+20 °C)
DC leakage current
I
< 0.01 CV or 3 (μA) After 2 minutes (whichever is greater)
Dissipation factor (tan d)
Please see the attached standard products list
Endurance 1
125 °C, 4000 h, apply the rated ripple current without exceeding the rated voltage
Capacitance change
Within ±30% of the initial value
tan
d
< 200 % of the initial limit
E. S. R.
< 200 % of the initial limit
DC leakage current
Within the initial limit
Endurance 2
125 °C, 3000 h, apply the rated ripple current without exceeding the rated voltage
Capacitance change
Within ±30% of the initial value
tan d
< 200 % of the initial limit
E. S. R.
< 300 % of the initial limit
DC leakage current
Within the initial limit
Shelf life
After storage for 1000 hours at +125 °C±2 °C with no voltage applied and then being stabilized at +20 °C,
capacitors shall meet the limits specified in Endurance. (With voltage treatment)
Damp heat (Load)
85 °C, 85 % to 90 %, 2000 h, rated voltage applied
Capacitance change
Within ±30% of the initial value
tan d
< 200 % of the initial limit
E. S. R.
< 200 % of the initial limit
DC leakage current
Within the initial limit
Resistance to
soldering heat
After reflow soldering and then being stabilized at +20 °C, capacitors shall meet the following limits.
Capacitance change
Within ±10% of the initial value
tan d
Within the initial limit
DC leakage current
Within the initial limit
Example : 25 V.DC 33 μF
Marking color : BLACK
Size
code
D
L
A, B
H
I
W
P
K
C
5.0
5.8±0.3
5.3 6.5 max. 2.2 0.65±0.1 1.5
0.35 - 0.20
D
6.3
5.8±0.3
6.6 7.8 max. 2.6 0.65±0.1 1.8
0.35 - 0.20
D8
6.3
7.7±0.3
6.6 7.8 max. 2.6 0.65±0.1 1.8
0.35 - 0.20
F
8.0 10.2±0.3
8.3 10.0 max. 3.4 0.90±0.2 3.1
0.70±0.2
G
10.0 10.2±0.3 10.3 12.0 max. 3.5 0.90±0.2 4.6
0.70±0.2
+ 0.15
+ 0.15
+ 0.15
(Unit : mm)
Marking
Dimensions (not to scale)
Size code
CD
D8
F
G
Category temp. range
–55 °C to +125 °C
Rated voltage range
25 V.DC to 50 V.DC
25 V.DC to 63 V.DC
25 V.DC to 80 V.DC
Nominal cap.range
10 μF to 33 μF
10 μF to 56 μF
22 μF to 100 μF
22 μF to 220 μF
33 μF to 330 μF
Rated voltage mark
E
25 V.DC
V
35 V.DC
H
50 V.DC
J
63 V.DC
K
80 V.DC
· The dimensions of the vibration-proof products, please refer to the page of
the mounting specification.
Nov. 2016
05


Similar Part No. - EEHZC1V470P

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEHZC1V470P PANASONIC-EEHZC1V470P Datasheet
72Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitor/ZC
EEHZC1V470P PANASONIC-EEHZC1V470P Datasheet
62Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitor/ZC
EEHZC1V470P PANASONIC-EEHZC1V470P Datasheet
522Kb / 9P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors
More results

Similar Description - EEHZC1V470P

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
HHXA350ARA470 CHEMI-CON-HHXA350ARA470 Datasheet
451Kb / 2P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
HHXC350ARA220 CHEMI-CON-HHXC350ARA220 Datasheet
418Kb / 2P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
logo
Nichicon corporation
GYA NICHICON-GYA Datasheet
1Mb / 1P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
logo
Panasonic Semiconductor
EEHAZA1E151B PANASONIC-EEHAZA1E151B Datasheet
669Kb / 9P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors
EEE-FK1V101GP PANASONIC-EEE-FK1V101GP Datasheet
98Kb / 1P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
HHXB350ARA470 CHEMI-CON-HHXB350ARA470 Datasheet
352Kb / 2P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
logo
Nippon Precision Circui...
HHXA160ARA820MF61G NPC-HHXA160ARA820MF61G Datasheet
511Kb / 2P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
logo
Panasonic Semiconductor
EEHZC1E220R PANASONIC-EEHZC1E220R Datasheet
522Kb / 9P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors
ZSU PANASONIC-ZSU Datasheet
569Kb / 9P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors
29-Jan-21
ZS-A PANASONIC-ZS-A Datasheet
572Kb / 9P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors
30-Sep-20
ZKU-A PANASONIC-ZKU-A Datasheet
562Kb / 9P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors
30-Sep-20
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com