Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8541B15FN-IGBT2S Datasheet(PDF) 2 Page - Seiko Instruments Inc

Part # S-8541B15FN-IGBT2S
Description  SWITCHABLE SWITCHING REGULATOR CONTROLLER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8541B15FN-IGBT2S Datasheet(HTML) 2 Page - Seiko Instruments Inc

  S-8541B15FN-IGBT2S Datasheet HTML 1Page - Seiko Instruments Inc S-8541B15FN-IGBT2S Datasheet HTML 2Page - Seiko Instruments Inc S-8541B15FN-IGBT2S Datasheet HTML 3Page - Seiko Instruments Inc S-8541B15FN-IGBT2S Datasheet HTML 4Page - Seiko Instruments Inc S-8541B15FN-IGBT2S Datasheet HTML 5Page - Seiko Instruments Inc S-8541B15FN-IGBT2S Datasheet HTML 6Page - Seiko Instruments Inc S-8541B15FN-IGBT2S Datasheet HTML 7Page - Seiko Instruments Inc S-8541B15FN-IGBT2S Datasheet HTML 8Page - Seiko Instruments Inc S-8541B15FN-IGBT2S Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8540/8541 Series
Rev.4.0_01
2
Block Diagrams
1. A, C types (fixed output voltage)
VSS
VOUT
SD
PWM or PWM / PFM
switching control
circuit
Phase
compensation
circuit
Triangular wave
oscillation circuit
VIN
L
EXT
Voltage/current
reference
Shutdown soft start
circuit
VIN
Pch Power
MOS FET
Power for IC
RSENSE
SENSE
PWM comparator
Error amplifier
CIN
COUT
VREF
=1.0 V
125 mV
CVREF
CVL
ON/OFF
VON/OFF
CSS
RSS
Figure 1
2. B, D types (feed back)
VSS
VOUT
SD
Phase
compensation
circuit
Triangular wave
oscillation circuit
VIN
L
EXT
Voltage/current
reference
Shutdown soft start
circuit
VIN
Pch Power
MOS FET
Power for IC
RSENSE
SENSE
PWM comparator
Error amplifier
FB
CFB
RB
CIN
COUT
VREF
=1.0 V
125 mV
CVREF
CVL
ON/OFF
VON/OFF
CSS
RSS
VOUT
RA
PWM or PWM / PFM
switching control
circuit
Figure 2


Similar Part No. - S-8541B15FN-IGBT2S

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8541B00FN-IMDT2G SII-S-8541B00FN-IMDT2G Datasheet
445Kb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8541B00FN-IMDT2z SII-S-8541B00FN-IMDT2z Datasheet
2Mb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
More results

Similar Description - S-8541B15FN-IGBT2S

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8340A25AFT-T2-X SII-S-8340A25AFT-T2-X Datasheet
3Mb / 55P
   SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8365AAABA-M5T1Y2 SII-S-8365AAABA-M5T1Y2 Datasheet
3Mb / 63P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8355K18MC-NADT2X SII-S-8355K18MC-NADT2X Datasheet
3Mb / 72P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8363B-I6T1U2 SII-S-8363B-I6T1U2 Datasheet
2Mb / 50P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR
logo
Fujitsu Component Limit...
MB3759 FUJITSU-MB3759 Datasheet
287Kb / 27P
   Switching Regulator Controller (Switchable between push-pull and single-end functions)
logo
Seiko Instruments Inc
S8520 SII-S8520 Datasheet
2Mb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
logo
Fujitsu Component Limit...
MB3759 FUJITSU-MB3759_06 Datasheet
269Kb / 28P
   Switching Regulator Controller (Switchable between push-pull and single-end functions)
logo
Seiko Instruments Inc
S8340 SII-S8340 Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8540 SII-S8540 Datasheet
2Mb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com