Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBT-BGA-6020 Datasheet(PDF) 3 Page - Ironwood Electronics.

Part # CBT-BGA-6020
Description  Automated probe manufacturing enables low cost and short lead time
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

CBT-BGA-6020 Datasheet(HTML) 3 Page - Ironwood Electronics.

  CBT-BGA-6020 Datasheet HTML 1Page - Ironwood Electronics. CBT-BGA-6020 Datasheet HTML 2Page - Ironwood Electronics. CBT-BGA-6020 Datasheet HTML 3Page - Ironwood Electronics. CBT-BGA-6020 Datasheet HTML 4Page - Ironwood Electronics. CBT-BGA-6020 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
16.00±0.05
A
B
1.07
0.30±0.05
1.70 max
0.15 C
0.25 C
C
0.80 TYP
0.40±0.10 TYP
0.20(x4)
0.15 M A B C
0.08 M C
TOP VIEW
BOTTOM VIEW
Ironwood Package code: BGA361E
1. Dimensions are in millimeters.
2. Interpret dimensions and tolerances per ASME Y14.5M-1994.
3. Dimension b is measured at the maximum solder ball diameter, parallel to datum plane C.
4. Datum C (seating plane) is defined by the spherical crowns of the solder balls.
5. Parallelism measurement shall exclude any effect of mark on top surface of package.
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Compatible BGA
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. D
DATE: 08/02/2012
Material: Material <not specified>
Finish:
Weight: 79.64
CBT-BGA-6020 Drawing
SCALE: 3.5:1
SHEET: 3 OF 5
ENG: E. Smolentseva
FILE: CBT-BGA-6020 Dwg
DRAWN BY: M. Raske


Similar Part No. - CBT-BGA-6020

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CBT-BGA-6021 IRONWOOD-CBT-BGA-6021 Datasheet
404Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6022 IRONWOOD-CBT-BGA-6022 Datasheet
414Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6023 IRONWOOD-CBT-BGA-6023 Datasheet
364Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6024 IRONWOOD-CBT-BGA-6024 Datasheet
565Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6025 IRONWOOD-CBT-BGA-6025 Datasheet
628Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
More results

Similar Description - CBT-BGA-6020

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CBT-BGA-6032 IRONWOOD-CBT-BGA-6032 Datasheet
464Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6038 IRONWOOD-CBT-BGA-6038 Datasheet
287Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6046 IRONWOOD-CBT-BGA-6046 Datasheet
380Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-7025 IRONWOOD-CBT-BGA-7025 Datasheet
401Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
CBT-LGA-5000 IRONWOOD-CBT-LGA-5000 Datasheet
351Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
SBT-BGA-6517 IRONWOOD-SBT-BGA-6517 Datasheet
516Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
SM-BGA-9037 IRONWOOD-SM-BGA-9037 Datasheet
542Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CHBT-BGA-7001 IRONWOOD-CHBT-BGA-7001 Datasheet
449Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
SBT-LGA-9007 IRONWOOD-SBT-LGA-9007 Datasheet
249Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
SBT-QFE-3009 IRONWOOD-SBT-QFE-3009 Datasheet
538Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6002 IRONWOOD-CBT-BGA-6002 Datasheet
366Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com