Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L-53F3C Datasheet(PDF) 4 Page - Kingbright Corporation

Part # L-53F3C
Description  T-1 3/4 INFRA RED EMITTING DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

L-53F3C Datasheet(HTML) 4 Page - Kingbright Corporation

  L-53F3C Datasheet HTML 1Page - Kingbright Corporation L-53F3C Datasheet HTML 2Page - Kingbright Corporation L-53F3C Datasheet HTML 3Page - Kingbright Corporation L-53F3C Datasheet HTML 4Page - Kingbright Corporation L-53F3C Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SPEC NO: KDA0438
REV NO: V.1
DATE: SEP/21/2001
PAGE: 4 OF 5
APPROVED: J.LU
CHECKED:
DRAWN: J.X.FU
L-53SF4C, L-53SF4BT
L-53SF6C, L-53SF6BT


Similar Part No. - L-53F3C

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-530 RHOMBUS-IND-L-530 Datasheet
19Kb / 1P
   Inductor
L-536 RHOMBUS-IND-L-536 Datasheet
26Kb / 1P
   Common Mode Inductor
logo
List of Unclassifed Man...
L-5361 ETC2-L-5361 Datasheet
1Mb / 2P
   Stripmaster Wire Stripper Blade Set for 45-092 Wire Stripper
logo
Kingbright Corporation
L-53CGCK KINGBRIGHT-L-53CGCK Datasheet
56Kb / 3P
   The Green source color devices are made with InGaAlP on GaAs substrate Light Emitting Diode
L-53GT KINGBRIGHT-L-53GT Datasheet
86Kb / 3P
   T-1 3/4(5mm) SOLID STATE LAMP
More results

Similar Description - L-53F3C

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
W53SF4BT KINGBRIGHT-W53SF4BT Datasheet
83Kb / 3P
   T-1 3/4(5mm)INFRA-RED EMITTING DIODE
WP7113SF6C KINGBRIGHT-WP7113SF6C Datasheet
108Kb / 4P
   T-1 3/4 (5mm) INFRA-RED EMITTING DIODE
WP7113SF7C KINGBRIGHT-WP7113SF7C Datasheet
131Kb / 4P
   T-1 3/4 (5mm) INFRA-RED EMITTING DIODE
WP7113F3BT KINGBRIGHT-WP7113F3BT Datasheet
107Kb / 4P
   T-1 3/4 (5mm) INFRA-RED EMITTING DIODE
W53SF6C KINGBRIGHT-W53SF6C Datasheet
94Kb / 3P
   T-1 3/4 (5mm) INFRA-RED EMITTING DIODE
logo
List of Unclassifed Man...
L53F3BT ETC-L53F3BT Datasheet
83Kb / 3P
    T-1 3/4 (5 MM) INFRA RED EMITTING DIODE
logo
Kingbright Corporation
WP34F3BT KINGBRIGHT-WP34F3BT Datasheet
129Kb / 4P
   T-1 (3mm) INFRA-RED EMITTING DIODE
WP34SF4C KINGBRIGHT-WP34SF4C Datasheet
112Kb / 4P
   T-1 (3mm) INFRA-RED EMITTING DIODE
WP34SF6C KINGBRIGHT-WP34SF6C Datasheet
106Kb / 4P
   T-1 (3mm) INFRA-RED EMITTING DIODE
L-34F3BT KINGBRIGHT-L-34F3BT Datasheet
51Kb / 3P
   T-1 (3mm) INFRA-RED EMITTING DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com