Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8540A15FN-IAST2S Datasheet(PDF) 19 Page - Seiko Instruments Inc

Part # S-8540A15FN-IAST2S
Description  SWITCHABLE SWITCHING REGULATOR CONTROLLER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8540A15FN-IAST2S Datasheet(HTML) 19 Page - Seiko Instruments Inc

Back Button S-8540A15FN-IAST2S Datasheet HTML 15Page - Seiko Instruments Inc S-8540A15FN-IAST2S Datasheet HTML 16Page - Seiko Instruments Inc S-8540A15FN-IAST2S Datasheet HTML 17Page - Seiko Instruments Inc S-8540A15FN-IAST2S Datasheet HTML 18Page - Seiko Instruments Inc S-8540A15FN-IAST2S Datasheet HTML 19Page - Seiko Instruments Inc S-8540A15FN-IAST2S Datasheet HTML 20Page - Seiko Instruments Inc S-8540A15FN-IAST2S Datasheet HTML 21Page - Seiko Instruments Inc S-8540A15FN-IAST2S Datasheet HTML 22Page - Seiko Instruments Inc S-8540A15FN-IAST2S Datasheet HTML 23Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.4.0_01
S-8540/8541 Series
19
Precautions
Install the external capacitors, diode, coil, and other peripheral components as close to the IC as possible,
and make a one-point grounding.
When the input voltage is 9 to 10 V, VOUT may vary largely according to the grounding method.
When it is difficult to make one-point grounding, use two grounds: one for VIN, CIN, and SD GND, and the
other for VOUT, VCVREF, and IC GND.
Characteristics ripple voltage and spike noise occur in IC containing switching regulators. Moreover rush
current flows at the time of a power supply injection. Because these largely depend on the inductor, the
capacitor and impedance of power supply used, fully check them using an actually mounted model.
If the input voltage is high and output current is low, pulses with a low duty ratio may appear, and then the
0% duty ratio continues for several clocks. In this case the operation changes to the pseudo pulse
frequency modulation (PFM) mode, but the ripple voltage hardly increases.
If the input power supply voltage is lower than 1.0 V, the IC operation is unstable and the external switch
may be turned on.
If input power supply voltage is 10.0 V or higher, the circuit operation is unstable and the IC may be
damaged.
The input voltage must be in the standard range (2.5 to 10.0 V).
The current limit circuit of the IC limits current by detecting a voltage difference of external resistor RSENSE.
In choosing the components, make sure that overcurrent will not surpass the allowable dissipation of the
switching transistor and the inductor.
Make sure that dissipation of the switching transistor will not surpass the allowable power dissipation of the
package (especially at high temperature).
Do not apply an electrostatic discharge to this IC that exceeds the performance ratings of the built-in
electrostatic protection circuit.
SII Semiconductor Corporation shall bear no responsibility for any patent infringement by a product that
includes an IC manufactured by SII Semiconductor Corporation in relation to the method of using the IC in
that product, the product specifications, or the destination country.


Similar Part No. - S-8540A15FN-IAST2S

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8540A15FN-IAAT2G SII-S-8540A15FN-IAAT2G Datasheet
445Kb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8540A15FN-IAAT2z SII-S-8540A15FN-IAAT2z Datasheet
2Mb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
More results

Similar Description - S-8540A15FN-IAST2S

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8340A25AFT-T2-X SII-S-8340A25AFT-T2-X Datasheet
3Mb / 55P
   SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8365AAABA-M5T1Y2 SII-S-8365AAABA-M5T1Y2 Datasheet
3Mb / 63P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8355K18MC-NADT2X SII-S-8355K18MC-NADT2X Datasheet
3Mb / 72P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8363B-I6T1U2 SII-S-8363B-I6T1U2 Datasheet
2Mb / 50P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR
logo
Fujitsu Component Limit...
MB3759 FUJITSU-MB3759 Datasheet
287Kb / 27P
   Switching Regulator Controller (Switchable between push-pull and single-end functions)
logo
Seiko Instruments Inc
S8520 SII-S8520 Datasheet
2Mb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
logo
Fujitsu Component Limit...
MB3759 FUJITSU-MB3759_06 Datasheet
269Kb / 28P
   Switching Regulator Controller (Switchable between push-pull and single-end functions)
logo
Seiko Instruments Inc
S8340 SII-S8340 Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8540 SII-S8540 Datasheet
2Mb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com